Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OSMW60E32GM-XXXXS1C1A-A Datasheet(PDF) 2 Page - OptoSupply International

Part # OSMW60E32GM-XXXXS1C1A-A
Description  Low Power Consumption, High Intensity
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSMW60E32GM-XXXXS1C1A-A Datasheet(HTML) 2 Page - OptoSupply International

  OSMW60E32GM-XXXXS1C1A-A Datasheet HTML 1Page - OptoSupply International OSMW60E32GM-XXXXS1C1A-A Datasheet HTML 2Page - OptoSupply International OSMW60E32GM-XXXXS1C1A-A Datasheet HTML 3Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Model No.
OSMW60E32GM-
XXXXS1C1A-A
REV.
C2
Device Selection Guide
1
Module No.
Color
Dom. Wavelength
(Typ.)
Intensity / Per LED
(Typ.)
R5MAS1C1A -X
Red
625±5nm
1000 mcd
O5MAS1C1A -X
Orange
605±5nm
1000 mcd
Y5MAS1C1A -X
Yellow
590±5nm
1000 mcd
G5DAS1C1A -X
Green
530±5nm
900 mcd
B5SAS1C1A -X
Blue
475±5nm
400 mcd
W5SAS1C1A -X
White
X=0.27 ; Y=0.28
1500 mcd
M5SLS1C1A -X Warm White
X=0.45 ; Y=0.41
1000 mcd
K5SLS1C1A -X
Pink
X=0.45 ; Y=0.17
300 mcd
Absolute Maximum Ratings(Ta=25℃)
1
Items
Symbol
Values
Units
Operating supply range(DC)
Vidc
14
V
Input Current (DC)
Ii
330
mA
Power Dissipation
Pa
4.62
W
LED Light Source Temperature
Tled
105
DegC
Operating Temperature
Tope
-30 ~ +50
DegC
Storage Temperature
Tsto
-40 ~ +80
DegC
Typical Performance (Ta=25℃)
1
Items
Symbol
Min.
Typ.
Max.
Units
LED Module Power
Pm
-
2.64
4.62
w
Input Voltage(DC)
Vi
-
12
14
V
Product input Current
If
-
220
330
mA
Beam Pattern
BP
-
120
-
Deg
Total Length of Modules
(Including Pin)
Lmod.
-
600
-
mm
Net Weight
Wei.
---
35
---
g


Similar Part No. - OSMW60E32GM-XXXXS1C1A-A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSMW60E32GM-B5SAS1C1A-A OPTOSUPPLY-OSMW60E32GM-B5SAS1C1A-A Datasheet
88Kb / 3P
   LED Light Strip
OSMW60E32GM-G5DAS1C1A-A OPTOSUPPLY-OSMW60E32GM-G5DAS1C1A-A Datasheet
88Kb / 3P
   LED Light Strip
OSMW60E32GM-K5SLS1C1A-A OPTOSUPPLY-OSMW60E32GM-K5SLS1C1A-A Datasheet
88Kb / 3P
   LED Light Strip
OSMW60E32GM-M5SLS1C1A-A OPTOSUPPLY-OSMW60E32GM-M5SLS1C1A-A Datasheet
88Kb / 3P
   LED Light Strip
OSMW60E32GM-O5MAS1C1A-A OPTOSUPPLY-OSMW60E32GM-O5MAS1C1A-A Datasheet
88Kb / 3P
   LED Light Strip
More results

Similar Description - OSMW60E32GM-XXXXS1C1A-A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSF003706GD-XXXXS1C1A OPTOSUPPLY-OSF003706GD-XXXXS1C1A Datasheet
39Kb / 3P
   Low power consumption, high intensity
OS402612GD-XXXXZ3K1X OPTOSUPPLY-OS402612GD-XXXXZ3K1X Datasheet
51Kb / 3P
   Low Power Consumption, High Intensity
OSMW02C04GX-W543Z4E1P-X OPTOSUPPLY-OSMW02C04GX-W543Z4E1P-X Datasheet
49Kb / 3P
   Low Power Consumption, High Intensity
OSMY61K37GH-XXXA5111A-A OPTOSUPPLY-OSMY61K37GH-XXXA5111A-A Datasheet
119Kb / 4P
   Low Power Consumption, High Intensity
OS423430GD-XXXXS1C1A OPTOSUPPLY-OS423430GD-XXXXS1C1A Datasheet
50Kb / 3P
   Low Power Consumption, High Intensity
OSMW38E20GJ-XXXXS1C1A-X OPTOSUPPLY-OSMW38E20GJ-XXXXS1C1A-X Datasheet
86Kb / 3P
   Low Power Consumption, High Intensity
OSMW02C04GX-XXX3Z161P-X OPTOSUPPLY-OSMW02C04GX-XXX3Z161P-X Datasheet
242Kb / 3P
   Low Power Consumption, High Intensity
OSMW12C60KP-TCMBS4C1A OPTOSUPPLY-OSMW12C60KP-TCMBS4C1A Datasheet
96Kb / 3P
   Low power consumption, high intensity
OSF003702GD-XXXXS4C1A OPTOSUPPLY-OSF003702GD-XXXXS4C1A Datasheet
44Kb / 3P
   Low power consumption, high intensity
OS402618GD-XXXXLS1C1A OPTOSUPPLY-OS402618GD-XXXXLS1C1A Datasheet
48Kb / 3P
   Low Power Consumption, High Intensity
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com