Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OSMW05C12GP-XXXXS4C1A-A Datasheet(PDF) 3 Page - OptoSupply International

Part # OSMW05C12GP-XXXXS4C1A-A
Description  LED strip on flexible printed circuit board
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSMW05C12GP-XXXXS4C1A-A Datasheet(HTML) 3 Page - OptoSupply International

  OSMW05C12GP-XXXXS4C1A-A Datasheet HTML 1Page - OptoSupply International OSMW05C12GP-XXXXS4C1A-A Datasheet HTML 2Page - OptoSupply International OSMW05C12GP-XXXXS4C1A-A Datasheet HTML 3Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Product Dimensions:
1
TOP
bottom
side
-
B
-
G
-
R
+
+
DC 12V
VDD+
-
VDD+
-
-
- - -
Model No.
OSMW05C12GP-
XXXXS4C1A-A
REV.
C2


Similar Part No. - OSMW05C12GP-XXXXS4C1A-A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSMW05C12GP-XXXXZ2C1D-X OPTOSUPPLY-OSMW05C12GP-XXXXZ2C1D-X Datasheet
184Kb / 3P
   PRODUCT SPECIFICATION FOR LED Light Module
More results

Similar Description - OSMW05C12GP-XXXXS4C1A-A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OVQ12S30R7 ETC2-OVQ12S30R7 Datasheet
331Kb / 3P
   Flexible LED Light Strip
OVQ12S30B7 ETC2-OVQ12S30B7 Datasheet
331Kb / 3P
   Flexible LED Light Strip
logo
Hirose Electric
FH19-4S-0.5SH HIROSE-FH19-4S-0.5SH Datasheet
338Kb / 9P
   0.5mm pitch, 0.9mm above the board, Flexible Printed Circuit & Flexible Flat Cable Connectors
logo
Micropac Industries
66166 MICROPAC-66166 Datasheet
89Kb / 2P
   Surface mountable on ceramic or printed circuit board
logo
Panasonic Semiconductor
R-F775 PANASONIC-R-F775 Datasheet
57Kb / 2P
   Flexible circuit board materials
logo
ITT Industries
XLM-3-31-PCS ITT-XLM-3-31-PCS Datasheet
330Kb / 3P
   Printed Circuit Board
logo
Semikron International
SKPC22-2 SEMIKRON-SKPC22-2 Datasheet
437Kb / 3P
   PRINTED CIRCUIT BOARD
logo
Hirose Electric
FH19SC-24S-0.5SH05 HIROSE-FH19SC-24S-0.5SH05 Datasheet
209Kb / 9P
   0.5mm pitch, 0.9mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
logo
TT Electronics.
QVQ12S30X7 TTELEC-QVQ12S30X7 Datasheet
331Kb / 3P
   Flexible LED Light Strip 30 LEDs per strip
OVQ12S30X7 TTELEC-OVQ12S30X7 Datasheet
706Kb / 3P
   Flexible LED Light Strip 30 LEDs per strip
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com