Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FW250A1 Datasheet(PDF) 3 Page - Lineage Power Corporation

Part # FW250A1
Description  dc-dc Converters 36 to 75 Vdc Input, 5 Vdc Output 250 W to 300 W
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

FW250A1 Datasheet(HTML) 3 Page - Lineage Power Corporation

  FW250A1 Datasheet HTML 1Page - Lineage Power Corporation FW250A1 Datasheet HTML 2Page - Lineage Power Corporation FW250A1 Datasheet HTML 3Page - Lineage Power Corporation FW250A1 Datasheet HTML 4Page - Lineage Power Corporation FW250A1 Datasheet HTML 5Page - Lineage Power Corporation FW250A1 Datasheet HTML 6Page - Lineage Power Corporation FW250A1 Datasheet HTML 7Page - Lineage Power Corporation FW250A1 Datasheet HTML 8Page - Lineage Power Corporation FW250A1 Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Lineage Power
3
Data Sheet
April 2008
dc-dc Converters; 36 to 75 Vdc Input, 5 Vdc Output; 250 W to 300
FW250A1 and FW300A1 Power Modules:
Electrical Specifications (continued)
Table 2. Output Specifications
Parameter
Symbol
Min
Typ
Max
Unit
Output Voltage Set Point
(VI = 48 V; IO = IO, max; TC = 25 °C)
VO, set
4.92
5.0
5.08
Vdc
Output Voltage
(Over all operating input voltage, resistive load,
and temperature conditions until end of life; see
Figure 16 and Feature Descriptions.)
VO
4.85
5.15
Vdc
Output Regulation:
Line (VI = 36 V to 75 V)
Load (IO = IO, min to IO, max)
Temperature (TC = –40 °C to +100 °C)
0.01
0.05
15
0.1
0.2
50
%VO
%VO
mV
Output Ripple and Noise Voltage
(See Figures 7, 8, and 15.):
RMS
Peak-to-peak (5 Hz to 20 MHz)
40
150
mVrms
mVp-p
External Load Capacitance
0
*
µF
Output Current (At IO < IO, min, the modules may
exceed output ripple specifications.):
FW250A1
FW300A1
IO
IO
0.5
0.5
50
60
A
A
Output Current-limit Inception
(VO = 90% of VO, set; see Feature Descriptions.)
IO, cli
103
130
%IO, max
Output Short-circuit Current
(VO = 1.0 V; indefinite duration, no hiccup mode;
see Figures 3 and 4.)
150
%IO, max
Efficiency (VI = 48 V; IO = IO, max; TC = 25 °C;
see Figures 5, 6, and 16.):
FW250A1
FW300A1
η
η
84
84
%
%
Switching Frequency
All
500
kHz
Dynamic Response
(ýIO/ýt = 1 A/10 µs, VI = 48 V, TC = 25 °C; tested
with a 10 µF aluminum and a 1.0 µF ceramic
capacitor across the load; see Figures 9—12.):
Load Change from IO = 50% to 75% of IO, max:
Peak Deviation
Settling Time (VO < 10% of peak deviation)
Load Change from IO = 50% to 25% of IO, max:
Peak Deviation
Settling Time (VO < 10% of peak deviation)
150
200
150
200
mV
µs
mV
µs
* Consult your sales representative or the factory.
† These are manufacturing test limits. In some situations, results may differ.


Similar Part No. - FW250A1

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FW250 SANYO-FW250 Datasheet
30Kb / 4P
   N-Channl Silicon MOSFET Ultrahigh-Speed Switching Applications
More results

Similar Description - FW250A1

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
FW300B1 LINEAGEPOWER-FW300B1 Datasheet
562Kb / 20P
   FW250B1 and FW300B1 Power Modules: dc-dc Converters: 36 Vdc to 75 Vdc Input, 12 Vdc Output; 250 W to 300 W
JW050F1 LINEAGEPOWER-JW050F1 Datasheet
838Kb / 20P
   dc-dc Converters; 36 to 75 Vdc Input, 3.3 Vdc Output; 33 W to 99 W
JW050B1 LINEAGEPOWER-JW050B1 Datasheet
573Kb / 20P
   dc-dc Converters; 36 to 75 Vdc Input, 12 Vdc Output; 50 W to 150 W
logo
Tyco Electronics
JW150A MACOM-JW150A Datasheet
1Mb / 20P
   Power Modules: dc-dc Converters; 36 to 75 Vdc Input, 5 Vdc Output; 50 W to 150 W
logo
Lineage Power Corporati...
JAW050A1 LINEAGEPOWER-JAW050A1 Datasheet
435Kb / 16P
   JAW050A and JAW075A Power Modules; dc-dc Converters 36 Vdc to 75 Vdc Input, 5 Vdc Output; 50 W to 75 W
LAW005A LINEAGEPOWER-LAW005A Datasheet
358Kb / 8P
   LAW005-Series Power Modules dc-dc Converters 36 Vdc to 75 Vdc Input 5 W
logo
Tyco Electronics
JFC050C MACOM-JFC050C Datasheet
378Kb / 20P
   dc-dc Converters; 18 to 36 Vdc Input; 15 Vdc Output; 50 W to 100 W
logo
Lineage Power Corporati...
JBW050A1 LINEAGEPOWER-JBW050A1 Datasheet
294Kb / 16P
   36 to 75 Vdc Input, 5 Vdc Output; 50 W
JBW050F1 LINEAGEPOWER-JBW050F1 Datasheet
349Kb / 16P
   36 to 75 Vdc Input, 3.3 Vdc Output; 33 W
logo
Tyco Electronics
FC250R MACOM-FC250R Datasheet
1Mb / 20P
   Power Module:dc-dc Converter; 18 Vdc to 36 Vdc Input, 28 Vdc Output; 250 W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com