Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FE2X07-6-2 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # FE2X07-6-2
Description  Current Compensated Noise Suppression Chokes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

FE2X07-6-2 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  FE2X07-6-2 Datasheet HTML 1Page - Pulse A Technitrol Company FE2X07-6-2 Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
P538.E (03/14)
1
pulseelectronics.com
Current Compensated Noise
Suppression Chokes
FE 2X Series - 2 Phase Common Mode Choke
Materials meet UL-94 V-0 requirements
Rated voltage: 250 Vac
Dielectric withstanding voltage: 1500 Vac
Schematics
USA 858 674 8100
Germany 49 7032 7806 0
Singapore 65 6287 8998
Shanghai 86 21 62787060
China 86 755 33966678
Taiwan 886 3 4356768
Electrical Specifications @ 25°C - Operating Temperature -40°C to +125°C
Part Number
(Vertical)
Part Number
(Horizontal)
L
(mH ±30%)
Current
(A)
DCR
(mOhms Max)
SRF
(kHz Min)
FE2X03-3-2NL
FE2X03-3-3NL
3.3
1.50
215
760
FE2X03-4-2NL
FE2X03-4-3NL
3.3
2.50
90
400
FE2X03-5-2
-
3.1
2.80
66
500
FE2X03-6-2NL
-
3.3
4.00
80
600
-
FE2X03-8-3
3.3
8.00
33
700
FE2X07-3-2NL
FE2X07-3-3NL
6.8
1.20
39
400
FE2X07-5-2NL
FE2X07-5-3
6.8
2.00
170
400
FE2X07-6-2
-
6.8
2.20
210
480
FE2X10-3-2NL
FE2X10-3-3NL
10
0.70
740
300
FE2X10-4-2NL
FE2X10-4-3
10
1.20
410
350
FE2X10-5-2
-
10
1.60
260
300
FE2X10-6-2NL
-
10
1.80
240
300
FE2X15-3-2NL
FE2X15-3-3
15
0.50
960
300
FE2X15-4-2
-
15
1.00
530
220
FE2X18-6-2NL
-
18
1.40
650
200
FE2X27-3-2NL
FE2X27-3-3NL
27
0.40
1700
180
FE2X27-4-2
FE2X27-4-3NL
27
0.70
820
150
FE2X39-3-2NL
FE2X39-3-3NL
39
0.35
2600
200
FE2X39-4-2NL
FE2X39-4-3NL
39
0.50
1500
160
FE2X39-5-2
-
39
0.70
1300
160
FE2X47-3-2
-
47
0.30
2900
100
FE2X47-4-2NL
-
47
0.40
1700
150
Notes:
1. Part Numbering System:
FE2XLV-S-P, where LV is the inductance value, S is the size code, and P is package style (2 = vertical and 3 = horizontal)
2. Part numbers with NL suffix are RoHS 6/6 compliant.
3
4
5
6
17
28
Style 2 - Vertical Package
Style 3 - Horizontal Package


Similar Part No. - FE2X07-6-2

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
FE2X07-6-2 PULSE-FE2X07-6-2 Datasheet
516Kb / 2P
   Materials meet UL-94 V-0 requirements Rated voltage: 250 Vac
FE2X07-6-2 PULSE-FE2X07-6-2 Datasheet
508Kb / 2P
   Current Compensated Noise Suppression Chokes
More results

Similar Description - FE2X07-6-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FE3X050-10-7 ETC1-FE3X050-10-7 Datasheet
69Kb / 1P
   CURRENT COMPENSATED NOISE SUPPRESSION CHOKES
logo
Pulse A Technitrol Comp...
FE2X03-3-2 PULSE-FE2X03-3-2 Datasheet
508Kb / 2P
   Current Compensated Noise Suppression Chokes
logo
List of Unclassifed Man...
RN102-2-02 ETC2-RN102-2-02 Datasheet
691Kb / 5P
   Current-compensated Chokes
RN212-2-02 ETC2-RN212-2-02 Datasheet
235Kb / 6P
   Current-compensated Chokes
RN112-0.6-02 ETC2-RN112-0.6-02 Datasheet
691Kb / 5P
   Current-compensated Chokes
RN242-6-02 ETC2-RN242-6-02 Datasheet
700Kb / 6P
   Current-compensated Chokes
May 2011
RN202-2-02 ETC2-RN202-2-02 Datasheet
235Kb / 6P
   Current-compensated Chokes
logo
Schaffner International...
RN102-0.3-02-22M SCHAFFNER-RN102-0.3-02-22M Datasheet
1Mb / 9P
   Current-compensated Chokes
logo
List of Unclassifed Man...
RD7137-6-12M0 ETC2-RD7137-6-12M0 Datasheet
334Kb / 5P
   Current-compensated Chokes
logo
Schaffner International...
RT8122-6-10M0 SCHAFFNER-RT8122-6-10M0 Datasheet
2Mb / 6P
   Current-compensated Chokes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com