Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

98197-0001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 98197-0001
Description  2.54mm Pitch MOX FFC Connector, 3 Circuits, Black
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

98197-0001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  98197-0001 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/09/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
98197-0001
Status:
Active
Overview:
MOX Products
Description:
2.54mm Pitch MOX FFC Connector, 3 Circuits, Black
Documents:
3D Model
Application Specification AS-98197-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Crimp Housings
Series
98197
Application
Power
Overview
MOX Products
Product Name
MOX
UPC
756054374764
Physical
Circuits (maximum)
3
Color - Resin
Black
Gender
Female
Glow-Wire Compliant
No
Lock to Mating Part
Yes
Material - Resin
Polyester
Net Weight
0.770/g
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
2.54mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +85°C
Electrical
Current - Maximum per Contact
6A
Material Info
Reference - Drawing Numbers
Application Specification
AS-98197-001
Product Specification
RPS-98197-002
Sales Drawing
SD-98197-003
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
98197Series
Mates With
Tyco Interface
Use With
98194 MOX FFC Terminal
This document was generated on 10/09/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 98197-0001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
98197-0002 MOLEX11-98197-0002 Datasheet
55Kb / 1P
   2.54mm Pitch MOX FFC Connector, 3 Circuits, White
More results

Similar Description - 98197-0001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0981970001 MOLEX1-0981970001_18 Datasheet
43Kb / 1P
   2.54mm Pitch MOX FFC Connector, 3 Circuits, Black
0981970001 MOLEX11-0981970001 Datasheet
140Kb / 2P
   2.54mm (.100") Pitch MOX FFC Connector, 3 Circuits, Black
98197-0002 MOLEX11-98197-0002 Datasheet
55Kb / 1P
   2.54mm Pitch MOX FFC Connector, 3 Circuits, White
0981970002 MOLEX1-0981970002_18 Datasheet
43Kb / 1P
   2.54mm Pitch MOX FFC Connector, 3 Circuits, White
0981970002 MOLEX11-0981970002 Datasheet
139Kb / 2P
   2.54mm (.100") Pitch MOX FFC Connector, 3 Circuits, White
0981980001 MOLEX11-0981980001 Datasheet
133Kb / 2P
   2.54mm (.100") Pitch, MOX Receptacle Housing, FFC, 6 (2x3) Circuits, Black
0981990001 MOLEX1-0981990001_18 Datasheet
51Kb / 1P
   2.54mm Pitch, MOX Receptacle Housing, FFC, 6 Circuits, Natural
98199-0001 MOLEX11-98199-0001 Datasheet
63Kb / 1P
   2.54mm Pitch, MOX Receptacle Housing, FFC, 6 Circuits, Natural
0981990001 MOLEX11-0981990001 Datasheet
142Kb / 2P
   2.54mm (.100") Pitch, MOX Receptacle Housing, FFC, 6 Circuits, Natural
0981980003 MOLEX11-0981980003 Datasheet
133Kb / 2P
   2.54mm(.100") Pitch, MOX Receptacle Housing, FFC, 6 (2x3) Circuits, Gray
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com