Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDL7553PC Datasheet(PDF) 4 Page - NEC

Part # NDL7553PC
Description  InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE 1550nm OTDR APPLICATION
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NDL7553PC Datasheet(HTML) 4 Page - NEC

  NDL7553PC Datasheet HTML 1Page - NEC NDL7553PC Datasheet HTML 2Page - NEC NDL7553PC Datasheet HTML 3Page - NEC NDL7553PC Datasheet HTML 4Page - NEC NDL7553PC Datasheet HTML 5Page - NEC NDL7553PC Datasheet HTML 6Page - NEC NDL7553PC Datasheet HTML 7Page - NEC NDL7553PC Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
NDL7553P Series
LASER DIODE FAMILY FOR OTDR APPLICATION
Features
1.31
Pm
1.55
Pm
Package
Part Number
P (mW)
MIN./TYP.
Part Number
P (mW)
MIN./TYP.
Remarks
I5.6 CAN
NDL7103
290/320
NDL7153
220/240
1000
NDL7113
160/175
NDL7163
100/120
400
4 pin Coaxial Module with SMF
NDL7503P/P1
110/180
NDL7553P/P1
95/145
1000
NDL7513P/P1
70/110
NDL7563P/P1
60/80
400
NDL7514P/P1
25/50
NDL7564P/P1
20/40
400
NDL7515P/P1
20/30
NDL7565P/P1
8/11
400
14 pin DIP Module with SMF
NDL7502P
125/190
NDL7552P
100/125
1000
NDL7512P
90/110
NDL7562P
70/80
400
NDL7510P
40/55
NDL7560P
20/30
400
*1 Pulse conditions:
pulse width = 10
Ps, duty = 1 % (modules)
pulse width = 1
Ps, duty = 1 % (I5.6 can)
P
: no flange
P1 : with flange
with TEC and
Thermistor
IFP
*1
(mA)


Similar Part No. - NDL7553PC

ManufacturerPart #DatasheetDescription
logo
NEC
NDL7553PC NEC-NDL7553PC Datasheet
29Kb / 3P
   InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE FOR 1550 nm OTDR APPLICATION
logo
Renesas Technology Corp
NDL7553PC RENESAS-NDL7553PC Datasheet
201Kb / 10P
   LASER DIODE
1995
More results

Similar Description - NDL7553PC

ManufacturerPart #DatasheetDescription
logo
NEC
NDL7563P NEC-NDL7563P Datasheet
61Kb / 8P
   InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE 1550nm OTDR APPLICATION
NDL7564P NEC-NDL7564P Datasheet
60Kb / 8P
   InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE 1550nm OTDR APPLICATION
NDL7513P NEC-NDL7513P Datasheet
63Kb / 8P
   InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE 1310nm OTDR APPLICATION
NDL7514P NEC-NDL7514P Datasheet
63Kb / 8P
   InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE 1310nm OTDR APPLICATION
NDL7503P NEC-NDL7503P Datasheet
60Kb / 8P
   InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE 1310nm OTDR APPLICATION
NDL7553P NEC-NDL7553P_00 Datasheet
29Kb / 3P
   InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE FOR 1550 nm OTDR APPLICATION
NDL7513P NEC-NDL7513P_00 Datasheet
29Kb / 3P
   InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE FOR 1310 nm OTDR APPLICATION
logo
Renesas Technology Corp
NX7663JB-BC RENESAS-NX7663JB-BC Datasheet
159Kb / 8P
   LASER DIODE InGaAsP MQW DC-PBH PULSED LASER DIODE MODULE 1 625 nm OTDR APPLICATION
logo
NEC
NDL7515P NEC-NDL7515P Datasheet
61Kb / 8P
   InGaAsP MQW DC-PBH PULSED LASER DIODE MODULE 1 310 nm OTDR APPLICATION
NDL7565P NEC-NDL7565P Datasheet
59Kb / 8P
   InGaAsP MQW DC-PBH PULSED LASER DIODE MODULE 1 550 nm OTDR APPLICATION
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com