Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSIUU63-403-1 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSIUU63-403-1
Description  AC/DC Switching Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSIUU63-403-1 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSIUU63-403-1 Datasheet HTML 1Page - Wall Industries,Inc. PSIUU63-403-1 Datasheet HTML 2Page - Wall Industries,Inc. PSIUU63-403-1 Datasheet HTML 3Page - Wall Industries,Inc. PSIUU63-403-1 Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Wall Industries, Inc.
Rev A
PSIUU63 SERIES
Up to 63 Watts, AC/DC Switching Power Supplies
02/25/2014
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 4
FEATURES
Class I
Single to Quad Outputs
RoHS Compliant
Internal EMI Filter
Up to 63 Watts Output Power
Power Fail Detect (Optional)
Over Voltage and Over Current Protection
Wide Input Voltage Range: 81~280VAC (90~420VDC)
-20°C to +70°C Operating Temperature Range
2-Pin Input Connector
3-Pin Input Connector Available (See PSIUU62 Series)
UL/cUL(UL 60950-1: 2nd Edition) & TUV/GS (EN 60950-1: 2nd Edition)
Safety Approvals
100% Burn-in Tested
DESCRIPTION
Size:
Weight:
5.00 x 3.21 x 1.38 inches
15oz (425g)
127.0 x 81.6 x 35.1 mm
The PSIUU63 series of Class I AC/DC switching mode power supplies provides up to 63 Watts of continuous output
power in a 5.00” x 3.21” x 1.38” U-chassis package. This series has single, dual, triple, and quad output models with a
wide input voltage range of 81~280VAC (90~420VDC). These power supplies have an internal EMI filter and are
protected against over voltage and over current conditions. This series also has UL/cUL (UL 60950-1: 2nd edition) and
TUV/GS (EN 60950-1: 2nd edition) safety approvals. These units are well suited for use in industrial equipment as well as
many other applications. All models are 100% burn-in tested.
TECHNICAL SPECIFICATIONS: PSIUU63 SERIES
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
90
264
VAC
Universal Input Voltage Range
106
250
VDC
81
280
VAC
Input Voltage
Operating Input Voltage Range
90
420
VDC
Input Frequency
47
63
Hz
Vin = 100VAC or 160VDC, Io = full load
1.6
Input Current
Vin = 240VAC or 325VDC, Io = full load
0.8
A
Vin = 115VAC or 160VDC, Io = full load, 25°C, cold start
35
Inrush Current
Vin = 230VAC or 325VDC, Io = full load, 25°C, cold start
70
A
No Load Power Consumption
Vin = 230VAC, Io = no load
2
W
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Line Regulation
LL to HL, full load
0.5
1
%
Load Regulation
Vin = 230VAC or 325VDC
5
6
%
Output Power
See Table
Output Current
See Table
Outputs under 3.3VDC
2
Ripple & Noise (peak to peak)
Vin = 85VAC or 100VDC, Io = full load
Others
1
%
Hold-up Time
Vin = 110VAC or 160VDC, Io = full load
16
ms
Start-up Time
Vin = 100VAC or 140VDC, Io = full load
2
s
Transient Response Time
Vin = 100VAC or 140VDC, Io = Full load to half load
5
ms
Temperature Coefficient
0~50°C
-0.05
+0.05
%/°C
PROTECTION
Over Voltage Protection
112
132
%
Over Current Protection
110
150
%
GENERAL SPECIFICATIONS
Efficiency
Vin = 230VAC or 325VDC, Io = full load
70
88
%
Primary to Secondary
4242
Dielectric Withstanding Voltage
Primary to PE
2414
VDC
Isolation Resistance
Test Voltage = 500VDC
50
Leakage Current
Vin = 240VAC/60Hz
0.45
mA
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
Derating linearly from 100% Load at 50°C to 50% load at 70°C
-20
+70
°C
Storage Temperature
-40
+85
°C
Operating Humidity
0
95
%
Storage Humidity
0
95
%
Cooling
Free air convection
MTBF
MIL-HDBK-217F, 25°C
100,000
hours
PHYSICAL SPECIFICATIONS
Weight
15oz (425g)
Dimensions (L x W x H)
5.00 x 3.21 x 1.38 inches (127.0 x 81.6 x 35.1 mm)
Input Connector
Mates with Molex housing 09-52-4034 and Molex 2478 series crimp terminal
Output Connector
Mates with Molex housing 09-52-4084 and Molex 2478 series crimp terminal
SAFETY
Safety Approvals
UL/cUL (UL 60950-1: 2nd edition); TUV/GS (EN 60950-1: 2nd edition)


Similar Part No. - PSIUU63-403-1

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSIUU60 WALL-PSIUU60 Datasheet
186Kb / 4P
   AC/DC Switching Power Supplies
PSIUU60-101 WALL-PSIUU60-101 Datasheet
186Kb / 4P
   AC/DC Switching Power Supplies
PSIUU60-102 WALL-PSIUU60-102 Datasheet
186Kb / 4P
   AC/DC Switching Power Supplies
PSIUU60-103 WALL-PSIUU60-103 Datasheet
186Kb / 4P
   AC/DC Switching Power Supplies
PSIUU60-104 WALL-PSIUU60-104 Datasheet
186Kb / 4P
   AC/DC Switching Power Supplies
More results

Similar Description - PSIUU63-403-1

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAQF120 WALL-PSAQF120 Datasheet
517Kb / 10P
   AC/DC Switching Power Supplies
PSAQF240 WALL-PSAQF240 Datasheet
512Kb / 7P
   AC/DC Switching Power Supplies
PSGE100 WALL-PSGE100 Datasheet
413Kb / 5P
   AC/DC Switching Power Supplies
PSIUU100 WALL-PSIUU100 Datasheet
120Kb / 3P
   AC/DC Switching Power Supplies
PSPDF-320 WALL-PSPDF-320 Datasheet
380Kb / 5P
   AC/DC Switching Power Supplies
PSPW500 WALL-PSPW500 Datasheet
472Kb / 8P
   AC/DC Switching Power Supplies
PSAYC WALL-PSAYC Datasheet
102Kb / 3P
   AC/DC Switching Power Supplies
PSHF35W WALL-PSHF35W Datasheet
97Kb / 3P
   AC/DC Switching Power Supplies
PSPSD-60 WALL-PSPSD-60 Datasheet
225Kb / 5P
   AC/DC Switching Power Supplies
PSPDF-150 WALL-PSPDF-150 Datasheet
391Kb / 5P
   AC/DC Switching Power Supplies
PSAE1500 WALL-PSAE1500 Datasheet
927Kb / 8P
   AC/DC Switching Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com