Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSSEU60-303 Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # PSSEU60-303
Description  AC/DC Switching Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSSEU60-303 Datasheet(HTML) 3 Page - Wall Industries,Inc.

  PSSEU60-303 Datasheet HTML 1Page - Wall Industries,Inc. PSSEU60-303 Datasheet HTML 2Page - Wall Industries,Inc. PSSEU60-303 Datasheet HTML 3Page - Wall Industries,Inc. PSSEU60-303 Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Wall Industries, Inc.
Rev A
PSSEU60 SERIES
Up to 63 Watts, AC/DC Switching Power Supplies
12/19/2013
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 3 of 4
DERATING
0
10
20
30
40
50
60
70
80
100
80
60
40
20
0
Ambient Temperature (°C)
MECHANICAL DRAWING
P2
1 2 3 4 5 6 7 8
3.43 [87.0]
0.72
[18.3]
L
N
G
AC
INPUT
P1
PITCH=3.96mm
DC OUTPUT
(OPTIONAL)
1.19 [30.1]
0.94 [24.0]
1.76 [44.6]
M3XP0.5 (MOUNTING HOLES) X 6
2.76 [70.0]
0.31 [8.0]
PIN CONNECTIONS
PIN
MODEL
1
2
3
4
5
6
7
8
PSSEU60-1XX
OUT
OUT
OUT
RTN
RTN
RTN
PSSEU60-2XX
Vo2
Vo1
Vo1
COM
COM
N/C
PSSEU60-215
N/C
Vo1
Vo1
COM
COM
Vo3
PSSEU60-3XX
Vo2
Vo1
Vo1
COM
COM
Vo3
PSSEU60-4XX
Vo2
Vo1
Vo1
COM
COM
Vo3
Vo4
Vo4
NOTES
1. Unit: Inches [mm]
2. Tolerance: ±0.02 [±0.5]
3. Weight: 1.1 lbs (500g)
4. Input connector mates with Molex housing 09-50-3051 and Molex
2478 series crimp terminal.
5. Output connector mates with Molex housing 09-50-3061 (or 09-50-3081)
and Molex 2478 series crimp terminal.
6. 2-pin Input connector also available (See PSSEU61 Series)
7. All dimensions are for reference only


Similar Part No. - PSSEU60-303

ManufacturerPart #DatasheetDescription
logo
Power-One
PSS POWER-ONE-PSS Datasheet
214Kb / 5P
   9 - 25 A Switching Regulator
logo
Vishay Siliconix
PSS VISHAY-PSS Datasheet
97Kb / 4P
   Custom Substrates - Conductor Resistor Pattern and Overcoat
01-Jan-2022
logo
Panasonic Battery Group
PSS PANASONICBATTERY-PSS Datasheet
60Kb / 1P
   Lithium ion batteries
February 2010
logo
List of Unclassifed Man...
PSS-01-702 ETC1-PSS-01-702 Datasheet
70Kb / 2P
   GORE-SHIELD짰 GS2100 EMI Gasket is a conductive, adhesive backed, EMI gasketing material that is moderately soft and is approved for spacefl ight and military applications.
logo
Wall Industries,Inc.
PSS-100-10 WALL-PSS-100-10 Datasheet
152Kb / 3P
   100 Watt Single Output AC/DC Power Supply
More results

Similar Description - PSSEU60-303

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAQF120 WALL-PSAQF120 Datasheet
517Kb / 10P
   AC/DC Switching Power Supplies
PSAQF240 WALL-PSAQF240 Datasheet
512Kb / 7P
   AC/DC Switching Power Supplies
PSGE100 WALL-PSGE100 Datasheet
413Kb / 5P
   AC/DC Switching Power Supplies
PSIUU100 WALL-PSIUU100 Datasheet
120Kb / 3P
   AC/DC Switching Power Supplies
PSPDF-320 WALL-PSPDF-320 Datasheet
380Kb / 5P
   AC/DC Switching Power Supplies
PSPW500 WALL-PSPW500 Datasheet
472Kb / 8P
   AC/DC Switching Power Supplies
PSAYC WALL-PSAYC Datasheet
102Kb / 3P
   AC/DC Switching Power Supplies
PSHF35W WALL-PSHF35W Datasheet
97Kb / 3P
   AC/DC Switching Power Supplies
PSPSD-60 WALL-PSPSD-60 Datasheet
225Kb / 5P
   AC/DC Switching Power Supplies
PSPDF-150 WALL-PSPDF-150 Datasheet
391Kb / 5P
   AC/DC Switching Power Supplies
PSAE1500 WALL-PSAE1500 Datasheet
927Kb / 8P
   AC/DC Switching Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com