Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSSEU60-303 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSSEU60-303
Description  AC/DC Switching Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSSEU60-303 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSSEU60-303 Datasheet HTML 1Page - Wall Industries,Inc. PSSEU60-303 Datasheet HTML 2Page - Wall Industries,Inc. PSSEU60-303 Datasheet HTML 3Page - Wall Industries,Inc. PSSEU60-303 Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Wall Industries, Inc.
Rev A
PSSEU60 SERIES
Up to 63 Watts, AC/DC Switching Power Supplies
12/19/2013
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 4
FEATURES
Class I
Single to Quad Outputs
RoHS Compliant
Internal EMI Filter
Up to 63 Watts Output Power
100% Burn-in Tested
Wide Input Voltage Range: 90~264VAC, 47~63Hz
Output Voltage Available from 3VDC to 50VDC
Over Voltage Protection (Crowbar Design)
Input Surge Current, Over Voltage, and Over Load Protection
3-Pin Input Connector
2-Pin Input Connector Available (See PSSEU61 Series)
Meets FCC Part-15 Class B and CISPR-22 Class B Emission Limits
UL/cUL(UL 60950-1:2nd Edition) Safety Approvals
DESCRIPTION
Size:
Weight:
5.43 x 3.43 x 1.76 inches
1.1 lbs (500g)
138.0 x 87.0 x 44.6 mm
The PSSEU60 series of Class I AC/DC switching mode power supplies provides up to 63 Watts of continuous output
power in a 5.43” x 3.43” x 1.76” enclosed package. This series has single, dual, triple, and quad output models with a
wide input voltage range of 90~264VAC. These power supplies have an internal EMI filter and are protected against
over load, over voltage, and input surge current conditions. This series also has UL/cUL (UL 60950-1: 2nd edition) safety
approvals and meets FCC Part-15 class B and CISPR-22 Class B emission limits. These units are well suited for use in
industrial equipment as well as many other applications. All models are 100% burn-in tested.
TECHNICAL SPECIFICATIONS: PSSEU60 SERIES
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
Safety Approvals Input Voltage Range
100
240
Input Voltage
Operating Input Voltage Range
90
264
VAC
Input Frequency
47
63
Hz
100VAC, full load
1.6
Input Current
240VAC, full load
1.0
A
115VAC, full load, 25°C, cold start
33
Inrush Current
230VAC, full load, 25°C, cold start
65
A
Single Output Models
5
No Load Power Consumption
230VAC, no load
Dual, Triple, & Quad Output Models
5.5
W
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Line Regulation
LL to HL, full load
0.5
1
%
Load Regulation
230VAC
3
7
%
Output Power
63
W
Output Current
See Table
Outputs under 3.3VDC
2
Ripple & Noise (peak to peak)
90VAC, full load
Others
1
%
Hold-up Time
110VAC, full load
12
ms
Start-up Time
100VAC, full load
2
s
Transient Response Time
100VAC, Full load to half load
4
ms
Temperature Coefficient
0~50°C
-0.04
+0.04
%/°C
PROTECTION
Over Voltage Protection
112
132
%
Over Current Protection
110
150
%
GENERAL SPECIFICATIONS
Efficiency
230VAC, full load
70
88
%
Primary to Secondary
4242
Dielectric Withstanding Voltage
Primary to PE
2506
VDC
Isolation Resistance
Test Voltage = 500VDC
50
Leakage Current
240VAC/60Hz
0.75
mA
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
Derating linearly from 100% Load at 25°C to 50% load at 70°C
0
+70
°C
Storage Temperature
-40
+85
°C
Operating Humidity
0
95
%
Storage Humidity
0
95
%
Cooling
Free air convection
MTBF
MIL-HDBK-217F, 25°C
100,000
hours
PHYSICAL SPECIFICATIONS
Weight
1.1 lbs (500g)
Dimensions (L x W x H)
5.43 x 3.43 x 1.76 inches (138.0 x 87.0 x 44.6 mm)
Input Connector
See mechanical drawing
Output Connector
See mechanical drawing
SAFETY & EMC
Safety Approvals
UL/cUL (UL 60950-1: 2nd edition)
EMI Requirements for CISPR-22
220VAC
B
Class
EMI Requirements for FCC PART-15
110VAC
B
Class


Similar Part No. - PSSEU60-303

ManufacturerPart #DatasheetDescription
logo
Power-One
PSS POWER-ONE-PSS Datasheet
214Kb / 5P
   9 - 25 A Switching Regulator
logo
Vishay Siliconix
PSS VISHAY-PSS Datasheet
97Kb / 4P
   Custom Substrates - Conductor Resistor Pattern and Overcoat
01-Jan-2022
logo
Panasonic Battery Group
PSS PANASONICBATTERY-PSS Datasheet
60Kb / 1P
   Lithium ion batteries
February 2010
logo
List of Unclassifed Man...
PSS-01-702 ETC1-PSS-01-702 Datasheet
70Kb / 2P
   GORE-SHIELD짰 GS2100 EMI Gasket is a conductive, adhesive backed, EMI gasketing material that is moderately soft and is approved for spacefl ight and military applications.
logo
Wall Industries,Inc.
PSS-100-10 WALL-PSS-100-10 Datasheet
152Kb / 3P
   100 Watt Single Output AC/DC Power Supply
More results

Similar Description - PSSEU60-303

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAQF120 WALL-PSAQF120 Datasheet
517Kb / 10P
   AC/DC Switching Power Supplies
PSAQF240 WALL-PSAQF240 Datasheet
512Kb / 7P
   AC/DC Switching Power Supplies
PSGE100 WALL-PSGE100 Datasheet
413Kb / 5P
   AC/DC Switching Power Supplies
PSIUU100 WALL-PSIUU100 Datasheet
120Kb / 3P
   AC/DC Switching Power Supplies
PSPDF-320 WALL-PSPDF-320 Datasheet
380Kb / 5P
   AC/DC Switching Power Supplies
PSPW500 WALL-PSPW500 Datasheet
472Kb / 8P
   AC/DC Switching Power Supplies
PSAYC WALL-PSAYC Datasheet
102Kb / 3P
   AC/DC Switching Power Supplies
PSHF35W WALL-PSHF35W Datasheet
97Kb / 3P
   AC/DC Switching Power Supplies
PSPSD-60 WALL-PSPSD-60 Datasheet
225Kb / 5P
   AC/DC Switching Power Supplies
PSPDF-150 WALL-PSPDF-150 Datasheet
391Kb / 5P
   AC/DC Switching Power Supplies
PSAE1500 WALL-PSAE1500 Datasheet
927Kb / 8P
   AC/DC Switching Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com