Electronic Components Datasheet Search |
|
PSIUU63-400-2 Datasheet(PDF) 1 Page - Wall Industries,Inc. |
|
PSIUU63-400-2 Datasheet(HTML) 1 Page - Wall Industries,Inc. |
1 / 4 page Wall Industries, Inc. Rev A PSIUU63 SERIES Up to 63 Watts, AC/DC Switching Power Supplies 02/25/2014 Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797 website: www.wallindustries.com • e-mail: sales@wallindustries.com Page 1 of 4 FEATURES • Class I • Single to Quad Outputs • RoHS Compliant • Internal EMI Filter • Up to 63 Watts Output Power • Power Fail Detect (Optional) • Over Voltage and Over Current Protection • Wide Input Voltage Range: 81~280VAC (90~420VDC) • -20°C to +70°C Operating Temperature Range • 2-Pin Input Connector • 3-Pin Input Connector Available (See PSIUU62 Series) • UL/cUL(UL 60950-1: 2nd Edition) & TUV/GS (EN 60950-1: 2nd Edition) Safety Approvals • 100% Burn-in Tested DESCRIPTION Size: Weight: 5.00 x 3.21 x 1.38 inches 15oz (425g) 127.0 x 81.6 x 35.1 mm The PSIUU63 series of Class I AC/DC switching mode power supplies provides up to 63 Watts of continuous output power in a 5.00” x 3.21” x 1.38” U-chassis package. This series has single, dual, triple, and quad output models with a wide input voltage range of 81~280VAC (90~420VDC). These power supplies have an internal EMI filter and are protected against over voltage and over current conditions. This series also has UL/cUL (UL 60950-1: 2nd edition) and TUV/GS (EN 60950-1: 2nd edition) safety approvals. These units are well suited for use in industrial equipment as well as many other applications. All models are 100% burn-in tested. TECHNICAL SPECIFICATIONS: PSIUU63 SERIES All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted. We reserve the right to change specifications based on technological advances. SPECIFICATION TEST CONDITIONS Min Typ Max Unit INPUT SPECIFICATIONS 90 264 VAC Universal Input Voltage Range 106 250 VDC 81 280 VAC Input Voltage Operating Input Voltage Range 90 420 VDC Input Frequency 47 63 Hz Vin = 100VAC or 160VDC, Io = full load 1.6 Input Current Vin = 240VAC or 325VDC, Io = full load 0.8 A Vin = 115VAC or 160VDC, Io = full load, 25°C, cold start 35 Inrush Current Vin = 230VAC or 325VDC, Io = full load, 25°C, cold start 70 A No Load Power Consumption Vin = 230VAC, Io = no load 2 W OUTPUT SPECIFICATIONS Output Voltage See Table Line Regulation LL to HL, full load 0.5 1 % Load Regulation Vin = 230VAC or 325VDC 5 6 % Output Power See Table Output Current See Table Outputs under 3.3VDC 2 Ripple & Noise (peak to peak) Vin = 85VAC or 100VDC, Io = full load Others 1 % Hold-up Time Vin = 110VAC or 160VDC, Io = full load 16 ms Start-up Time Vin = 100VAC or 140VDC, Io = full load 2 s Transient Response Time Vin = 100VAC or 140VDC, Io = Full load to half load 5 ms Temperature Coefficient 0~50°C -0.05 +0.05 %/°C PROTECTION Over Voltage Protection 112 132 % Over Current Protection 110 150 % GENERAL SPECIFICATIONS Efficiency Vin = 230VAC or 325VDC, Io = full load 70 88 % Primary to Secondary 4242 Dielectric Withstanding Voltage Primary to PE 2414 VDC Isolation Resistance Test Voltage = 500VDC 50 MΩ Leakage Current Vin = 240VAC/60Hz 0.45 mA ENVIRONMENTAL SPECIFICATIONS Operating Temperature Derating linearly from 100% Load at 50°C to 50% load at 70°C -20 +70 °C Storage Temperature -40 +85 °C Operating Humidity 0 95 % Storage Humidity 0 95 % Cooling Free air convection MTBF MIL-HDBK-217F, 25°C 100,000 hours PHYSICAL SPECIFICATIONS Weight 15oz (425g) Dimensions (L x W x H) 5.00 x 3.21 x 1.38 inches (127.0 x 81.6 x 35.1 mm) Input Connector Mates with Molex housing 09-52-4034 and Molex 2478 series crimp terminal Output Connector Mates with Molex housing 09-52-4084 and Molex 2478 series crimp terminal SAFETY Safety Approvals UL/cUL (UL 60950-1: 2nd edition); TUV/GS (EN 60950-1: 2nd edition) |
Similar Part No. - PSIUU63-400-2 |
|
Similar Description - PSIUU63-400-2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |