Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPD-C5A Datasheet(PDF) 3 Page - SYNERGY MICROWAVE CORPORATION

Part # SPD-C5A
Description  2-WAY POWER DIVIDER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Direct Link  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

SPD-C5A Datasheet(HTML) 3 Page - SYNERGY MICROWAVE CORPORATION

  SPD-C5A Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION SPD-C5A Datasheet HTML 2Page - SYNERGY MICROWAVE CORPORATION SPD-C5A Datasheet HTML 3Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
10 - 1200 MHz
WIDE BANDWIDTH
2-WAY POWER DIVIDER
SURFACE MOUNT MODEL: SPD-C5A
201 McLean Boulevard • Paterson, New Jersey 07504 • Tel: (973) 881-8800 • Fax: (973) 881-8361
E-Mail: sales@synergymwave.com • World Wide Web: http://www.synergymwave.com
Copyright © Synergy Microwave Corporation
[ 3 of 3 ]
Data @ 25ºC
0
5
10
15
20
25
30
35
10
129
248
367
486
605
724
843
962
1081
1200
Frequency (MHz)
Input
Out - 1
Out - 2


Similar Part No. - SPD-C5A

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
SPD-C5 SYNERGY-SPD-C5 Datasheet
128Kb / 5P
   POWER DIVIDERS 0쨘 : 2-WAY
More results

Similar Description - SPD-C5A

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MACPES0045 MA-COM-MACPES0045_15 Datasheet
96Kb / 4P
   2 Way Power Divider
logo
American Accurate Compo...
JXWBGF-T-2-2490-2690 AAC-JXWBGF-T-2-2490-2690 Datasheet
60Kb / 1P
   2-Way Power Divider
JXWBGF-T-2-4000-6000 AAC-JXWBGF-T-2-4000-6000 Datasheet
70Kb / 1P
   2-Way Power Divider
logo
SYNERGY MICROWAVE CORPO...
P2D2001800 SYNERGY-P2D2001800 Datasheet
386Kb / 3P
   2-WAY POWER DIVIDER
logo
M/A-COM Technology Solu...
MAPD-009918-C209C0 MA-COM-MAPD-009918-C209C0 Datasheet
180Kb / 4P
   2 Way Power Divider
MAPDCT0024 MA-COM-MAPDCT0024 Datasheet
161Kb / 4P
   2 Way Power Divider
logo
American Accurate Compo...
JXWBGF-T-2-0.2-1000 AAC-JXWBGF-T-2-0.2-1000 Datasheet
80Kb / 1P
   2-Way Power Divider
JXWBGF-T-2-2300-5300 AAC-JXWBGF-T-2-2300-5300 Datasheet
67Kb / 1P
   2-Way Power Divider
JXWBGF-T-2-0-3000 AAC-JXWBGF-T-2-0-3000 Datasheet
67Kb / 1P
   2-Way Power Divider
logo
SYNERGY MICROWAVE CORPO...
M2D2428 SYNERGY-M2D2428 Datasheet
81Kb / 2P
   2-WAY POWER DIVIDER
logo
M/A-COM Technology Solu...
MAPD-007874-C20960 MA-COM-MAPD-007874-C20960_15 Datasheet
98Kb / 4P
   2 Way Power Divider
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com