Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSPSD-60-48 Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # PSPSD-60-48
Description  AC/DC Switching Power Supplies
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSPSD-60-48 Datasheet(HTML) 3 Page - Wall Industries,Inc.

  PSPSD-60-48 Datasheet HTML 1Page - Wall Industries,Inc. PSPSD-60-48 Datasheet HTML 2Page - Wall Industries,Inc. PSPSD-60-48 Datasheet HTML 3Page - Wall Industries,Inc. PSPSD-60-48 Datasheet HTML 4Page - Wall Industries,Inc. PSPSD-60-48 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Rev. A
PSPSD-60 Series
60 Watts
Single Output
AC/DC Switching Power Supply
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
01/31/2011
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 3 of 5
MODEL SELECTION TABLE
Ripple & Noise
(1)
Model Number
Input Voltage
Output
Voltage
Output
Current
Voltage Adj.
Range
-10°C
0°C~+55°C
Output
Power
Efficiency
PSPSD-60-5
5 VDC
12A
4.2 – 5.8 VDC
100mVp-p
50mVp-p
60W
75%
PSPSD-60-12
12 VDC
5A
10.8 – 13.2 VDC
120mVp-p
120mVp-p
60W
80%
PSPSD-60-15
15 VDC
4.0A
13.5 – 16.5 VDC
120mVp-p
120mVp-p
60W
80%
PSPSD-60-24
24 VDC
2.5A
21.5 – 25.8 VDC
120mVp-p
120mVp-p
60W
80%
PSPSD-60-48
88 ~ 264 VAC
48 VDC
1.25A
45 – 52 VDC
240mVp-p
240mVp-p
60W
83%
NOTES
1. Ripple & noise is measured at 20MHz bandwidth by using a 12" twisted pair-wire terminated with 0.1μF and 47μF
capacitors in parallel.
2. The SPS is considered a component which will be installed into final equipment. The final equipment must be
re-confirmed that it still meets EMC directives.
BLOCK DIAGRAM
+V
V
I/P
FG
_
EMI
FILTER
ACTIVE INRUSH
CURRENT
LIMITING
POWER
SWITCHING
O.L.P.
PWM & PFC
CONTROL
DETECTION
CIRCUIT
RECTIFIERS
&
FILTER
O.T.P.
RECTIFIERS
O.V.P.
DERATING CURVES
AMBIENT TEMPERATURE (°C)
INPUT VOLTAGE (VAC) 60Hz


Similar Part No. - PSPSD-60-48

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSPSD-20 WALL-PSPSD-20 Datasheet
179Kb / 5P
   AC/DC Switching Power Supply
PSPSD-20-12 WALL-PSPSD-20-12 Datasheet
179Kb / 5P
   AC/DC Switching Power Supply
PSPSD-20-15 WALL-PSPSD-20-15 Datasheet
179Kb / 5P
   AC/DC Switching Power Supply
PSPSD-20-24 WALL-PSPSD-20-24 Datasheet
179Kb / 5P
   AC/DC Switching Power Supply
PSPSD-20-48 WALL-PSPSD-20-48 Datasheet
179Kb / 5P
   AC/DC Switching Power Supply
More results

Similar Description - PSPSD-60-48

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAQF120 WALL-PSAQF120 Datasheet
517Kb / 10P
   AC/DC Switching Power Supplies
PSAQF240 WALL-PSAQF240 Datasheet
512Kb / 7P
   AC/DC Switching Power Supplies
PSGE100 WALL-PSGE100 Datasheet
413Kb / 5P
   AC/DC Switching Power Supplies
PSIUU100 WALL-PSIUU100 Datasheet
120Kb / 3P
   AC/DC Switching Power Supplies
PSPDF-320 WALL-PSPDF-320 Datasheet
380Kb / 5P
   AC/DC Switching Power Supplies
PSPW500 WALL-PSPW500 Datasheet
472Kb / 8P
   AC/DC Switching Power Supplies
PSAYC WALL-PSAYC Datasheet
102Kb / 3P
   AC/DC Switching Power Supplies
PSHF35W WALL-PSHF35W Datasheet
97Kb / 3P
   AC/DC Switching Power Supplies
PSPDF-150 WALL-PSPDF-150 Datasheet
391Kb / 5P
   AC/DC Switching Power Supplies
PSAE1500 WALL-PSAE1500 Datasheet
927Kb / 8P
   AC/DC Switching Power Supplies
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com