Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSPDS-15-3.3 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSPDS-15-3.3
Description  AC/DC Switching Power Supply
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSPDS-15-3.3 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSPDS-15-3.3 Datasheet HTML 1Page - Wall Industries,Inc. PSPDS-15-3.3 Datasheet HTML 2Page - Wall Industries,Inc. PSPDS-15-3.3 Datasheet HTML 3Page - Wall Industries,Inc. PSPDS-15-3.3 Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
11/15/2010
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 1 of 4
DATASHEET
Rev. A
PSPDS-15 SERIES
88 ~ 264VAC Input
Single Outputs
Up to 16.8W Output Power
AC/DC Switching Power Supply
FEATURES
• Single Output
RoHS Compliant
• Universal AC Input (Full Range)
• High Efficiency and High Reliability
• Over Voltage, Over Load, and Short Circuit Protected
• Wide Operating Ambient Temperature (-20°C to +70°C)
• All Using 105°C Long Life Electrolytic Capacitors
• Up to 16.8W Output Power
• 100% Full Load Burn-in Tested
Output Voltages Available from 3.3VDC to 24VDC
• Dimensions: 3.11” x 2.01” x 1.10”
DESCRIPTION
The PSPDS-15 series of AC/DC switching power supplies offers up to 16.8W of output power in a 3.11” x 2.01” x 1.10”
package. All models have a single output and a universal AC input. Some features include wide operating temperature
range (-20°C to +70°C), efficiency up to 83%, and output adjustability. These supplies are RoHS compliant and have
UL/cUL, CB, and CE safety approvals. All models are protected against over load, over voltage, and short circuit
conditions. All models are 100% full load burn-in tested.


Similar Part No. - PSPDS-15-3.3

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSPD-2505 WALL-PSPD-2505 Datasheet
179Kb / 3P
   Dual Output Up to 25 Watts AC/DC Power Supply
PSPD-2512 WALL-PSPD-2512 Datasheet
179Kb / 3P
   Dual Output Up to 25 Watts AC/DC Power Supply
PSPD-2515 WALL-PSPD-2515 Datasheet
179Kb / 3P
   Dual Output Up to 25 Watts AC/DC Power Supply
PSPD-25A WALL-PSPD-25A Datasheet
179Kb / 3P
   Dual Output Up to 25 Watts AC/DC Power Supply
PSPD-25B WALL-PSPD-25B Datasheet
179Kb / 3P
   Dual Output Up to 25 Watts AC/DC Power Supply
More results

Similar Description - PSPDS-15-3.3

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSRL5016X4 WALL-PSRL5016X4 Datasheet
350Kb / 3P
   AC/DC Switching Power Supply
PSAK200 WALL-PSAK200 Datasheet
111Kb / 3P
   AC/DC Switching Power Supply
PSPSD-20 WALL-PSPSD-20 Datasheet
179Kb / 5P
   AC/DC Switching Power Supply
PSAK1000 WALL-PSAK1000 Datasheet
339Kb / 6P
   AC/DC Switching Power Supply
logo
ULTRA LEVEL TECH CO., L...
RL0603D ULC-RL0603D Datasheet
186Kb / 3P
   AC-DC SWITCHING POWER SUPPLY
logo
Arch Electronics Corp.
AQF360E ARCH-AQF360E_16 Datasheet
257Kb / 6P
   AC-DC Switching Power Supply
AQF360F ARCH-AQF360F_16 Datasheet
247Kb / 6P
   AC-DC Switching Power Supply
AQF500 ARCH-AQF500_16 Datasheet
322Kb / 6P
   AC-DC Switching Power Supply
AQFC480F ARCH-AQFC480F_16 Datasheet
337Kb / 5P
   AC-DC Switching Power Supply
AQFV480F ARCH-AQFV480F_16 Datasheet
377Kb / 7P
   AC-DC Switching Power Supply
logo
ULTRA LEVEL TECH CO., L...
RL0601 ULC-RL0601 Datasheet
426Kb / 4P
   AC-DC SWITCHING POWER SUPPLY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com