Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSHF25W-SL-5 Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # PSHF25W-SL-5
Description  AC/DC Switching Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSHF25W-SL-5 Datasheet(HTML) 3 Page - Wall Industries,Inc.

  PSHF25W-SL-5 Datasheet HTML 1Page - Wall Industries,Inc. PSHF25W-SL-5 Datasheet HTML 2Page - Wall Industries,Inc. PSHF25W-SL-5 Datasheet HTML 3Page - Wall Industries,Inc. PSHF25W-SL-5 Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Rev. A
PSHF25W Series
25W, Single Outputs
Universal Input Voltage
AC/DC Switching Power Supplies
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
12/30/2011
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 3 of 4
MODEL SELECTION TABLE
Model Number
Input Voltage Range
Output Voltage
Output Current
Ripple & Noise
Output Power
Efficiency
PSHF25W-SL-3.3
3.3 VDC
6A
80mVp-p
20W
67%
PSHF25W-SL-5
5 VDC
5A
80mVp-p
25W
72%
PSHF25W-SL-12
12 VDC
2.1A
100mVp-p
25.2W
78%
PSHF25W-SL-15
15 VDC
1.7A
100mVp-p
25.5W
78%
PSHF25W-SL-24
24 VDC
1.1A
150mVp-p
26.4W
80%
PSHF25W-SL-48
85 ~ 264 VAC
or
120 ~370 VDC
48 VDC
0.57A
150mVp-p
27.4W
82%
MECHANICAL DRAWING
0.26
(6.5)
2 - M3
0.71 (18)
Ø0.14 (Ø3.5)
3.43 (87)
2.91 (74)
Ø0.14 (Ø3.5)
0.27 (6.8)
3.88 (98.5)
3.48 (88.5)
0.2
(5)
Ø0.14 (Ø3.5)
0.27 (6.8)
2 - M3
0.81 (20.5)
2.17 (55)
Ø0.14 (Ø3.5)
Unit: inches (mm)


Similar Part No. - PSHF25W-SL-5

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSHF240W WALL-PSHF240W Datasheet
148Kb / 4P
   AC/DC Switching Power Supplies
More results

Similar Description - PSHF25W-SL-5

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAQF120 WALL-PSAQF120 Datasheet
517Kb / 10P
   AC/DC Switching Power Supplies
PSAQF240 WALL-PSAQF240 Datasheet
512Kb / 7P
   AC/DC Switching Power Supplies
PSGE100 WALL-PSGE100 Datasheet
413Kb / 5P
   AC/DC Switching Power Supplies
PSIUU100 WALL-PSIUU100 Datasheet
120Kb / 3P
   AC/DC Switching Power Supplies
PSPDF-320 WALL-PSPDF-320 Datasheet
380Kb / 5P
   AC/DC Switching Power Supplies
PSPW500 WALL-PSPW500 Datasheet
472Kb / 8P
   AC/DC Switching Power Supplies
PSAYC WALL-PSAYC Datasheet
102Kb / 3P
   AC/DC Switching Power Supplies
PSHF35W WALL-PSHF35W Datasheet
97Kb / 3P
   AC/DC Switching Power Supplies
PSPSD-60 WALL-PSPSD-60 Datasheet
225Kb / 5P
   AC/DC Switching Power Supplies
PSPDF-150 WALL-PSPDF-150 Datasheet
391Kb / 5P
   AC/DC Switching Power Supplies
PSAE1500 WALL-PSAE1500 Datasheet
927Kb / 8P
   AC/DC Switching Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com