Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSGE-25-15 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PSGE-25-15
Description  AC/DC Switching Power Supplies
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSGE-25-15 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PSGE-25-15 Datasheet HTML 1Page - Wall Industries,Inc. PSGE-25-15 Datasheet HTML 2Page - Wall Industries,Inc. PSGE-25-15 Datasheet HTML 3Page - Wall Industries,Inc. PSGE-25-15 Datasheet HTML 4Page - Wall Industries,Inc. PSGE-25-15 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rev. E
PSGE25Series
Single Outputs
Up to 27.4 Watts
AC/DC Switching Power Supplies
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
01/08/2013
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 2 of 5
SPECIFICATIONS: PSGE25 SERIES
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Nom
Max
Unit
INPUT SPECIFICATIONS
88
264
VAC
Operating Voltage Range
Withstand 300VAC surge for 5 seconds without damage
125
373
VDC
Input Frequency
50/60
Hz
Full Load and 115VAC
0.7
Input Current
Full Load and 230VAC
0.35
A
Inrush Current
Full Load, 25°C, Cold Start, Vin = 230VAC
30
A
No Load Power Consumption
No Load and 230VAC
0.5
W
OUTPUT SPECIFICATIONS
Output Voltage
See Table
3.3VDC Model
-3
+3
5VDC Model
-2
+2
Voltage Tolerance
12~48VDC Models
Includes set up tolerance, line regulation, and load regulation
-1
+1
%
Output Voltage Adjustability
-10
+10
%
Line Regulation
Measured from low line to high line at full load
0.5
%
Load Regulation
Measured from 0% to 100% full load
See Table
Output Power
See Table
Output Current
See Table
Ripple & Noise
Measured at 20MHz bandwidth and using a 12" twisted pair-wire
terminated with a 0.1µF capacitor and a 47µF capacitor in parallel.
See Table
Full Load and 115VAC
10
Hold-Up Time
Full Load and 230VAC
32
ms
Full Load and 115VAC
1000
Setup Time
Full Load and 230VAC
Measured at first cold start; turning the
power supply on and off very quickly may
lead to an increase in the setup time.
800
ms
Full Load and 115VAC
80
Rise Time
Full Load and 230VAC
80
ms
Temperature Coefficient
0 ~ 50°C
-0.03
+0.03
%/°C
PROTECTION
Over Voltage Protection
latch-off mode
115
150
%Vo
Over Load Protection
hiccup mode; auto-recovery after fault condition is removed
110
%
Short Circuit Protection
yes
Brown-out Protection (Low AC I/P Voltage)
yes
GENERAL SPECIFICATIONS
Efficiency
See Table
Input to Output
3000VAC (4242VDC)
Input to FG
1500VAC (2121VDC)
Withstand Voltage
Output to FG
For 1 minute
500VAC (707VDC)
Input to Output
100
Input to FG
100
Isolation Resistance
Output to FG
Test Voltage = 500VDC
100
MΩ
Leakage Current
240VAC
2
mA
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature (see derating curve)
Derate linearly from 100% Load at 50°C to 50% load at 70°C
-25
+70
°C
Storage Temperature
-40
+85
°C
Operating Humidity
Non-condensing
10
90
% RH
Storage Humidity
0
95
% RH
Vibration
10~500Hz, 5G 10min/1cycle, period for 60 minutes each along X,Y,Z axes
Cooling
Free air convection
MTBF (See page 3)
Calculated per MIL-HDBK-217F
620,300 hours
PHYSICAL SPECIFICATIONS
Weight
Approx. 6.35oz (180g)
Dimensions (L x W x H)
3.10 x 2.03 x 1.11 inches
(78.50 x 51.50 x 28.25 mm)
SAFETY & EMC (The power supply is considered a component which will be installed into final equipment. The final equipment must be re-confirmed that it still meets EMC directives)
Safety Standards
UL60950-1, 2nd Edition, TUV EN60950-1: 2006+A11 Approved
EMI Conduction & Radiation
EN55022: 1998+A1: 2000+A2: 2003 Class B
Harmonic Current
EN61000-3-2: 2000+A2:2005 Class A, EN61000-3-3: 1995+A1: 2001
EMS Immunity
EN61204-3: 2000, EN55024: 1998+A1: 2001+A2: 2003 light industry level, criteria A


Similar Part No. - PSGE-25-15

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSGE-100-12 WALL-PSGE-100-12 Datasheet
413Kb / 5P
   AC/DC Switching Power Supplies
PSGE-100-15 WALL-PSGE-100-15 Datasheet
413Kb / 5P
   AC/DC Switching Power Supplies
PSGE-100-24 WALL-PSGE-100-24 Datasheet
413Kb / 5P
   AC/DC Switching Power Supplies
PSGE-100-3.3 WALL-PSGE-100-3.3 Datasheet
413Kb / 5P
   AC/DC Switching Power Supplies
PSGE-100-48 WALL-PSGE-100-48 Datasheet
413Kb / 5P
   AC/DC Switching Power Supplies
More results

Similar Description - PSGE-25-15

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAQF120 WALL-PSAQF120 Datasheet
517Kb / 10P
   AC/DC Switching Power Supplies
PSAQF240 WALL-PSAQF240 Datasheet
512Kb / 7P
   AC/DC Switching Power Supplies
PSGE100 WALL-PSGE100 Datasheet
413Kb / 5P
   AC/DC Switching Power Supplies
PSIUU100 WALL-PSIUU100 Datasheet
120Kb / 3P
   AC/DC Switching Power Supplies
PSPDF-320 WALL-PSPDF-320 Datasheet
380Kb / 5P
   AC/DC Switching Power Supplies
PSPW500 WALL-PSPW500 Datasheet
472Kb / 8P
   AC/DC Switching Power Supplies
PSAYC WALL-PSAYC Datasheet
102Kb / 3P
   AC/DC Switching Power Supplies
PSHF35W WALL-PSHF35W Datasheet
97Kb / 3P
   AC/DC Switching Power Supplies
PSPSD-60 WALL-PSPSD-60 Datasheet
225Kb / 5P
   AC/DC Switching Power Supplies
PSPDF-150 WALL-PSPDF-150 Datasheet
391Kb / 5P
   AC/DC Switching Power Supplies
PSAE1500 WALL-PSAE1500 Datasheet
927Kb / 8P
   AC/DC Switching Power Supplies
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com