Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDL7515PC Datasheet(PDF) 3 Page - NEC

Part # NDL7515PC
Description  InGaAsP MQW DC-PBH PULSED LASER DIODE MODULE 1 310 nm OTDR APPLICATION
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NDL7515PC Datasheet(HTML) 3 Page - NEC

  NDL7515PC Datasheet HTML 1Page - NEC NDL7515PC Datasheet HTML 2Page - NEC NDL7515PC Datasheet HTML 3Page - NEC NDL7515PC Datasheet HTML 4Page - NEC NDL7515PC Datasheet HTML 5Page - NEC NDL7515PC Datasheet HTML 6Page - NEC NDL7515PC Datasheet HTML 7Page - NEC NDL7515PC Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
NDL7515P Series
TYPICAL CHARACTERISTICS (TC = 25
°°°°C, unless otherwise specified)
OPTICAL OUTPUT POWER FROM FIBER vs.
LD PULSED FORWARD CURRENT
Pulsed Forward Current IFP (mA)
LONGITUDINAL MODE (FROM FIBER)
1 310
Wavelength
(nm)
5 nm/div
100
200
300
400
0
5
10
15
20
25
30
TC = 25 ˚C
TC = 60 ˚C
PW = 10 s
Duty = 1 %
µ
λ


Similar Part No. - NDL7515PC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NDL7515PC RENESAS-NDL7515PC Datasheet
190Kb / 10P
   LASER DIODE
1996
More results

Similar Description - NDL7515PC

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX7363JB-BC CEL-NX7363JB-BC Datasheet
968Kb / 6P
   InGaAsP MQW DC-PBH PULSED LASER DIODE MODULE 1 310 nm OTDR APPLICATION
logo
Renesas Technology Corp
NX7363JB-BC RENESAS-NX7363JB-BC_15 Datasheet
151Kb / 8P
   LASER DIODE InGaAsP MQW DC-PBH PULSED LASER DIODE MODULE 1 310 nm OTDR APPLICATION
NX7363JB-BC RENESAS-NX7363JB-BC Datasheet
158Kb / 8P
   LASER DIODE InGaAsP MQW DC-PBH PULSED LASER DIODE MODULE 1 310 nm OTDR APPLICATION
logo
California Eastern Labs
NX7563JB-BC CEL-NX7563JB-BC Datasheet
978Kb / 6P
   InGaAsP MQW DC-PBH PULSED LASER DIODE MODULE 1 550 nm OTDR APPLICATION
logo
NEC
NDL7565P NEC-NDL7565P Datasheet
59Kb / 8P
   InGaAsP MQW DC-PBH PULSED LASER DIODE MODULE 1 550 nm OTDR APPLICATION
logo
Renesas Technology Corp
NX7663JB-BC RENESAS-NX7663JB-BC Datasheet
159Kb / 8P
   LASER DIODE InGaAsP MQW DC-PBH PULSED LASER DIODE MODULE 1 625 nm OTDR APPLICATION
logo
California Eastern Labs
NX7663JB-BC CEL-NX7663JB-BC Datasheet
957Kb / 6P
   InGaAsP MQW DC-PBH PULSED LASER DIODE MODULE 1 625 nm OTDR APPLICATION
logo
Renesas Technology Corp
NX7563JB-BC RENESAS-NX7563JB-BC_15 Datasheet
152Kb / 8P
   LASER DIODE InGaAsP MQW DC-PBH PULSED LASER DIODE MODULE 1 550 nm OTDR APPLICATION
NX7563JB-BC RENESAS-NX7563JB-BC Datasheet
160Kb / 8P
   LASER DIODE InGaAsP MQW DC-PBH PULSED LASER DIODE MODULE 1 550 nm OTDR APPLICATION
NX7663JB-BC RENESAS-NX7663JB-BC_15 Datasheet
151Kb / 8P
   LASER DIODE InGaAsP MQW DC-PBH PULSED LASER DIODE MODULE 1 625 nm OTDR APPLICATION
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com