Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDL5531P2D Datasheet(PDF) 8 Page - NEC

Part # NDL5531P2D
Description  1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 30 mm InGaAs AVALANCHE PHOTO DIODE MODULE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NDL5531P2D Datasheet(HTML) 8 Page - NEC

  NDL5531P2D Datasheet HTML 1Page - NEC NDL5531P2D Datasheet HTML 2Page - NEC NDL5531P2D Datasheet HTML 3Page - NEC NDL5531P2D Datasheet HTML 4Page - NEC NDL5531P2D Datasheet HTML 5Page - NEC NDL5531P2D Datasheet HTML 6Page - NEC NDL5531P2D Datasheet HTML 7Page - NEC NDL5531P2D Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
NDL5531P Series
CAUTION
Within this device there exists GaAs (Gallium Arsenide) material which is a
harmful substance if ingested. Please do not under any circumstances break the
hermetic seal.
The export of this product from Japan is prohibited without governmental license. To export or re-export this product from
a country other than Japan may also be prohibited without a license from that country. Please call an NEC sales
representative.
No part of this document may be copied or reproduced in any form or by any means without the prior written
consent of NEC Corporation. NEC Corporation assumes no responsibility for any errors which may appear in this
document.
NEC Corporation does not assume any liability for infringement of patents, copyrights or other intellectual
property rights of third parties by or arising from use of a device described herein or any other liability arising
from use of such device. No license, either express, implied or otherwise, is granted under any patents,
copyrights or other intellectual property rights of NEC Corporation or others.
While NEC Corporation has been making continuous effort to enhance the reliability of its semiconductor devices,
the possibility of defects cannot be eliminated entirely. To minimize risks of damage or injury to persons or
property arising from a defect in an NEC semiconductor device, customer must incorporate sufficient safety
measures in its design, such as redundancy, fire-containment, and anti-failure features.
NEC devices are classified into the following three quality grades:
"Standard", "Special", and "Specific". The Specific quality grade applies only to devices developed based on
a customer designated "quality assurance program" for a specific application. The recommended applications
of a device depend on its quality grade, as indicated below. Customers must check the quality grade of each
device before using it in a particular application.
Standard: Computers, office equipment, communications equipment, test and measurement equipment,
audio and visual equipment, home electronic appliances, machine tools, personal electronic
equipment and industrial robots
Special:
Transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster
systems, anti-crime systems, safety equipment and medical equipment (not specifically designed
for life support)
Specific:
Aircrafts, aerospace equipment, submersible repeaters, nuclear reactor control systems, life
support systems or medical equipment for life support, etc.
The quality grade of NEC devices in "Standard" unless otherwise specified in NEC's Data Sheets or Data Books.
If customers intend to use NEC devices for applications other than those specified for Standard quality grade,
they should contact NEC Sales Representative in advance.
Anti-radioactive design is not implemented in this product.
M4 94. 11


Similar Part No. - NDL5531P2D

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NDL5531P2D CEL-NDL5531P2D Datasheet
47Kb / 5P
   1000 to 1600 nm OPTICAL FIBER COMMUNICATIONS 30um InGaAs AVALANCHE PHOTO DIODE MODULE
logo
Renesas Technology Corp
NDL5531P2D RENESAS-NDL5531P2D Datasheet
203Kb / 10P
   PHOTO DIODE
1996
More results

Similar Description - NDL5531P2D

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NR8300FP-CC RENESAS-NR8300FP-CC_15 Datasheet
191Kb / 11P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS f 30 mm InGaAs AVALANCHE PHOTO DIODE MODULE
logo
NEC
NDL5551P NEC-NDL5551P Datasheet
76Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 50 mm InGaAs AVALANCHE PHOTO DIODE MODULE
NDL5421P NEC-NDL5421P Datasheet
62Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 50 mm InGaAs PIN PHOTO DIODE MODULE
NDL5461P NEC-NDL5461P Datasheet
66Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 80 mm InGaAs PIN PHOTO DIODE MODULE
NDL5471R NEC-NDL5471R Datasheet
59Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 120 mm InGaAs PIN PHOTO DIODE RECEPTACLE MODULE
logo
California Eastern Labs
NDL5531P CEL-NDL5531P_00 Datasheet
47Kb / 5P
   1000 to 1600 nm OPTICAL FIBER COMMUNICATIONS 30um InGaAs AVALANCHE PHOTO DIODE MODULE
NDL5551P CEL-NDL5551P_00 Datasheet
48Kb / 5P
   1000 to 1600 nm OPTICAL FIBER COMMUNICATIONS 50 um InGaAs AVALANCHE PHOTO DIODE MODULE
NDL5421P CEL-NDL5421P_00 Datasheet
36Kb / 5P
   1000 to 1600 nm OPTICAL FIBER COMMUNICATIONS 50um InGaAs PIN PHOTO DIODE MODULE
NDL5461P CEL-NDL5461P_00 Datasheet
37Kb / 5P
   1000 to 1600 nm OPTICAL FIBER COMMUNICATIONS 80 um InGaAs PIN PHOTO DIODE MODULE
NDL5521P CEL-NDL5521P Datasheet
33Kb / 3P
   2.5 Gb/s OPTICAL FIBER COMMUNICATIONS 50 um InGaAs AVALANCHE PHOTO DIODE MODULE WITH MMF
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com