Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSAHC08-9S Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # PSAHC08-9S
Description  AC/DC Switching Power Supplies
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSAHC08-9S Datasheet(HTML) 3 Page - Wall Industries,Inc.

  PSAHC08-9S Datasheet HTML 1Page - Wall Industries,Inc. PSAHC08-9S Datasheet HTML 2Page - Wall Industries,Inc. PSAHC08-9S Datasheet HTML 3Page - Wall Industries,Inc. PSAHC08-9S Datasheet HTML 4Page - Wall Industries,Inc. PSAHC08-9S Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Wall Industries, Inc.
Rev D
PSAHC08 SERIES
6.6~9 Watts, AC/DC Switching Power Supplies
05/28/2013
Wall Industries, Inc. • 5 Watson Brook Road, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 3 of 5
BLOCK DIAGRAM
RIPPLE & NOISE SETUP
O.C.P.
DETECT
+V
-V
L
N
SINGLE OUTPUT
+
Ceramic
0.1µF
Solid Tantalum
47µF
To Scope
Load
+Vout
-Vout
The output noise is measured with a 47µF tantalum capacitor
and a 0.1µF ceramic capacitor in parallel across the output
DERATING CURVE
Ambient Temperature (°C)
110
100
90
80
70
60
50
40
30
20
10
0
-25
Single Outputs
12S5S Model
8S5S Model
5S3.3 Model
-40 -20 -10
0
10
20
30
40
50
60
70
80
90 100
MECHANICAL DRAWING
3
4
5
1
2
1.76 (44.72)
2.055 (52.2)
0.75 (19.00)
0.31
(8.0)
0.04 (1.0)
Unit: inches (mm)
Tolerance: ±0.02 (±0.5)
PIN CONNECTIONS
PIN
SINGLE
DUAL
1
AC IN (N)
AC IN (N)
2
AC IN (L)
AC IN (L)
3
+DC OUT
+ DC OUT
4
-DC OUT
-DC OUT
5
NO PIN
VR
TOP VIEW


Similar Part No. - PSAHC08-9S

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAHC WALL-PSAHC Datasheet
330Kb / 6P
   5 Watt Single Output Encapsulated PCB Mount AC/DC Switching Power Supply
PSAHC WALL-PSAHC Datasheet
151Kb / 5P
   4~5.5 Watts, AC/DC Switching Power Supplies
PSAHC-12S WALL-PSAHC-12S Datasheet
330Kb / 6P
   5 Watt Single Output Encapsulated PCB Mount AC/DC Switching Power Supply
PSAHC-12S WALL-PSAHC-12S Datasheet
151Kb / 5P
   4~5.5 Watts, AC/DC Switching Power Supplies
PSAHC-15S WALL-PSAHC-15S Datasheet
330Kb / 6P
   5 Watt Single Output Encapsulated PCB Mount AC/DC Switching Power Supply
More results

Similar Description - PSAHC08-9S

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAQF120 WALL-PSAQF120 Datasheet
517Kb / 10P
   AC/DC Switching Power Supplies
PSAQF240 WALL-PSAQF240 Datasheet
512Kb / 7P
   AC/DC Switching Power Supplies
PSGE100 WALL-PSGE100 Datasheet
413Kb / 5P
   AC/DC Switching Power Supplies
PSIUU100 WALL-PSIUU100 Datasheet
120Kb / 3P
   AC/DC Switching Power Supplies
PSPDF-320 WALL-PSPDF-320 Datasheet
380Kb / 5P
   AC/DC Switching Power Supplies
PSPW500 WALL-PSPW500 Datasheet
472Kb / 8P
   AC/DC Switching Power Supplies
PSAYC WALL-PSAYC Datasheet
102Kb / 3P
   AC/DC Switching Power Supplies
PSHF35W WALL-PSHF35W Datasheet
97Kb / 3P
   AC/DC Switching Power Supplies
PSPSD-60 WALL-PSPSD-60 Datasheet
225Kb / 5P
   AC/DC Switching Power Supplies
PSPDF-150 WALL-PSPDF-150 Datasheet
391Kb / 5P
   AC/DC Switching Power Supplies
PSAE1500 WALL-PSAE1500 Datasheet
927Kb / 8P
   AC/DC Switching Power Supplies
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com