Electronic Components Datasheet Search |
|
FR305-T Datasheet(PDF) 1 Page - Diodes Incorporated |
|
FR305-T Datasheet(HTML) 1 Page - Diodes Incorporated |
1 / 2 page DS26003 Rev. 5 - 3 1 of 2 FR301-FR307 www.diodes.com ã Diodes Incorporated · Low Reverse Recovery Time (Trr) · Low Reverse Current · Low Forward Voltage Drop · High Current Capability · Plastic Material - UL Recognition 94V-0 · Case: DO-201AD, Molded Plastic · Terminals: Axial Leads, Solderable per MIL-STD-202 Method 208 · Polarity: Color Band Denotes Cathode · Approx. Weight: 1.1 grams · Mounting Position: Any Ratings at 25° C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. Characteristic Symbol FR 301 FR 302 FR 303 FR 304 FR 305 FR 306 FR 307 Unit Maximum Recurrent Peak Reverse Voltage VRRM 50 100 200 400 600 800 1000 V Maximum RMS Voltage VRMS 35 70 140 280 420 560 700 V Maximum DC Blocking voltage VDC 50 100 200 400 600 800 1000 V Maximum Average Forward Rectified Current (9.5mm) Lead Length @ TA=75°C I(AV) 3.0 A Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) IFSM 150 A Maximum Instantaneous Forward Voltage at 3.0A DC VF 1.3 V Maximum DC Reverse Current IR 10 µA Maximum Reverse Recovery Time (Note 1) Trr 150 250 500 ns Typical Junction Capacitance (Note 2) CJ 70 50 pF Operating and Storage Temperature Range TJ,TSTG -65 to +175 °C Notes: 1. Reverse Recovery Test Conditions: IF =0.5 A, IR =1.0 A, IRR =0.25 A 2. Measured at 1 MHz and applied reverse voltage of 4.0 volts. FR301 - FR307 3.0A FAST RECOVERY RECTIFIER DO-201AD Dim Min Max A 25.4 — B 7.2 9.5 C 1.2 1.3 D 4.8 5.3 All Dimensions in mm Mechanical Data Features Maximum Ratings and Electrical Characteristics A A B C D NOT RECOMMENDED FOR NEW DESIGNS, PLEASE USE PR3001G - PR3007G |
Similar Part No. - FR305-T |
|
Similar Description - FR305-T |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |