Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FFB0948SHE Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FFB0948SHE
Description  92 x 92 x 38 MM SERIES
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FFB0948SHE Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FFB0948SHE Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
92 x 92 x 38 MM SERIES
FFB
DIMENSIONS DRAWING
P & Q CURVE (AT RATED VOLTAGE)
MOUNTING PANEL CUTOUT
Bearing Type
Ball Bearing
Material
Impeller & Frame : Plastic (UL 94V-0)
Lead Wires :
UL 1007 AWG #24 O
Equivalent
Red Wire Positive (+)
Black Wire Negative (-)
Weight : 198g (6.98 oz)
s
R
*
*
*
*
* Function type is optional.
* The max. air flow and the speed are measured in free air ; max. air pressure is measured at zero air flow.
* Noise is measured in anechoic chamber in free air, one meter from intake side.
* All readings are typical values at rated voltage.
* Specifications are subject to change without notice.
Operating
Voltage
Range
MODEL
Rated
Voltage
Maximum
Air Flow
Speed
Maximum
Air Pressure
Noise
FUNCTION
VDC
VDC
Amp
Watt
R.P.M.
3
m /min
CFM
mmH2O
IN H2O
dB-A
59
UNIT:
(INCH)
mm
(4- ø 0.177)
(3.248)
(3.465)
88.0
82.5
82.5
88.0
(3.465)
(3.248)
(4- ø 4.5)
(4- ø 0.177)
(4- ø 4.5)
FFB0912/24/48XE
0
0.7
1.4
2.8
2.1
3.5
18.0
15.0
12.0
6.0
3.0
0
9.0
(M /MIN)
3
(CFM)
Air Flow
0
28.0
56.0
84.0
112.0
0
0.12
0.24
0.36
0.48
0.60
0.72
HH
VH
SH
EH
(12.402 0.394)
(0.394)
315.0 10.0
10.0
(0.157 0.012)
4.0 0.3
4.0 0.3
(1.496 0.020)
38.0 0.5
82.5 0.3
92.0 0.5
(3.622 0.020)
(3.248 0.012)
(8- 0.177 0.012)
8- 4.5 0.3
LABEL
(0.157 0.012)
FFB0912HHE
-R00 / -F00
12
7.0 to 13.8
0.35
4.20
3200
2.030
71.69
7.58
0.298
42.5
FFB0924HHE
-R00 / -F00
24
14.0 to 27.6
0.18
4.32
FFB0948HHE
-R00 / -F00
48
28.0 to 56.0
0.10
4.80
FFB0912VHE
-R00 / -F00
12
7.0 to 13.8
0.50
6.00
3800
2.420
85.46
10.30
0.406
47.5
FFB0924VHE
-R00 / -F00
24
14.0 to 27.6
0.28
6.72
FFB0948VHE
-R00 / -F00
48
28.0 to 56.0
0.14
6.72
FFB0912SHE
-R00 / -F00
12
7.0 to 13.8
0.75
9.00
4400
2.840
100.29
14.53
0.572
52.5
FFB0924SHE
-R00 / -F00
24
14.0 to 27.6
0.40
9.60
FFB0948SHE
-R00 / -F00
48
28.0 to 53.0
0.20
9.60
FFB0912EHE
-R00 / -F00
12
7.0 to 13.8
1.00
12.00
4800
3.120
110.18
16.90
0.665
55.0
FFB0924EHE
-R00 / -F00
24
14.0 to 27.6
0.50
12.00
mm
(INCH)
UNIT:
OUTLET SIDE
INLET SIDE
http://www.deltaww.com
PART NO.
Input
Power
Input
Current


Similar Part No. - FFB0948SHE

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
FFB0948SHE DELTA-FFB0948SHE Datasheet
308Kb / 7P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
FFB0948SHE-F00 DELTA-FFB0948SHE-F00 Datasheet
393Kb / 8P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
FFB0948SHE-T500 DELTA-FFB0948SHE-T500 Datasheet
761Kb / 8P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
FFB0948SHE-TP28 DELTA-FFB0948SHE-TP28 Datasheet
1Mb / 9P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
More results

Similar Description - FFB0948SHE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PFB0924DHE ETC2-PFB0924DHE Datasheet
471Kb / 1P
   92 x 92 x 38 MM SERIES
AFB0912HD ETC2-AFB0912HD Datasheet
122Kb / 1P
   92 x 92 x 20 MM SERIES
AFB0924VH ETC2-AFB0924VH Datasheet
466Kb / 2P
   92 x 92 x 25.4 MM SERIES
3250J ETC2-3250J Datasheet
295Kb / 1P
   DC axial fans Series 3250 J 92 x 92 x 38 mm
3300N ETC2-3300N Datasheet
466Kb / 1P
   DC axial fans Series 3300 N 92 x 92 x 32 mm
logo
International Rectifier
SC070R015A5B IRF-SC070R015A5B Datasheet
215Kb / 5P
   SCHOTTKY DIE 70 X 92 MILS
logo
NTE Electronics
77-9225A120 NTE-77-9225A120 Datasheet
289Kb / 1P
   Fan, AC Types, 92 x 92mm
logo
List of Unclassifed Man...
AFB0612EHE ETC2-AFB0612EHE Datasheet
179Kb / 1P
   60 x 60 x 38 MM SERIES
FFB0812SHE ETC2-FFB0812SHE Datasheet
110Kb / 1P
   80 x 80 x 38 MM SERIES
FFB1224EHE ETC2-FFB1224EHE Datasheet
69Kb / 1P
   120 x 120 x 38 MM SERIES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com