Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDD2-1878 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # FDD2-1878
Description  Insulated Crimp Terminals Metric
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FDD2-1878 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  FDD2-1878 Datasheet HTML 1Page - List of Unclassifed Manufacturers FDD2-1878 Datasheet HTML 2Page - List of Unclassifed Manufacturers FDD2-1878 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
For enquiries from all other markets
FDD / FDFD Series
Insulated Crimp Terminals Metric
Page 3
21/10/05 V1.1
Notes:
International Sales Offices:
AUSTRALIA – Farnell InOne
Tel No:
++ 61 2 9645 8888
Fax No: ++ 61 2 9644 7898
FRANCE – Farnell InOne
Tel No:
++ 33 474 68 99 99
Fax No: ++ 33 474 68 99 90
NORWAY – Farnell InOne
Tel No:
++ 45 44 53 66 66
Fax No: ++ 45 44 53 66 02
AUSTRIA – Farnell InOne
Tel No:
++ 43 662 2180 680
Fax No: ++ 43 662 2180 670
GERMANY – Farnell InOne
Tel No:
++ 49 89 61 39 39 39
Fax No: ++ 49 89 613 59 01
PORTUGAL – Farnell InOne
Tel No:
++ 34 93 475 8804
Fax No: ++ 34 93 474 5288
ESTONIA – Farnell InOne
Tel No:
++ 358 9 560 7780
Fax No: ++ 358 9 345 5411
NETHERLANDS – Farnell InOne
Tel No:
++ 31 30 241 7373
Fax No: ++ 31 30 241 7333
UK – Farnell InOne
Tel No:
++ 44 8701 200 200
Fax No: ++ 44 8701 200 201
SINGAPORE
Farnell-Newark InOne
Tel No:
++ 65 6788 0200
Fax No: ++ 65 6788 0300
HONG KONG
Farnell-Newark InOne
Tel No:
++ 852 2268 9888
Fax No: ++ 852 2268 9899
BELGIUM – Farnell InOne
Tel No:
++ 32 3 475 2810
Fax No: ++ 32 3 227 3648
BRAZIL – Farnell-Newark InOne
Tel No:
++ 55 11 4066 9400
Fax No: ++ 55 11 4066 9410
IRELAND – Farnell InOne
Tel No:
++ 353 1 830 9277
Fax No: ++ 353 1 830 9016
SPAIN – Farnell InOne
Tel No:
++ 34 93 475 8805
Fax No: ++ 34 93 474 5107
CHINA – Farnell-Newark InOne
Tel No:
++86 10 6238 5152
Fax No: ++86 10 6238 5022
ITALY – Farnell InOne
Tel No:
++ 39 02 93 995 200
Fax No: ++ 39 02 93 995 300
SWEDEN – Farnell InOne
Tel No:
++ 46 8 730 50 00
Fax No: ++ 46 8 83 52 62
MALAYSIA
Farnell-Newark InOne
Tel No:
++ 60 3 7873 8000
Fax No: ++ 60 3 7873 7000
SWITZERLAND – Farnell InOne
Tel No:
++ 41 1 204 64 64
Fax No: ++ 41 1 204 64 54
DENMARK – Farnell InOne
Tel No:
++ 45 44 53 66 44
Fax No: ++ 45 44 53 66 06
UK CPC
++ 44 8701 202 530
++ 44 8701 202 531
UK BuckHickman InOne
++ 44 8450 510 150
++ 44 8450 510 130
NEW ZEALAND – Farnell InOne
Tel No:
++ 64 9 357 0646
Fax No: ++ 64 9 357 0656
EXPORT – Farnell InOne
Tel No:
++ 44 8701 200 208
Fax No: ++ 44 8701 200 209
export
FINLAND – Farnell InOne
Tel No:
++ 358 9 560 7780
Fax No: ++ 358 9 345 5411
Disclaimer This data sheet and its contents (the "Information") belong to the Premier Farnell Group (the "Group") or are licensed to it. No licence is granted for the use of it other than for information purposes
in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change without notice and replaces all data sheets previously supplied.
The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any error in or omission from it or for any use made of it. Users of this data
sheet should check for themselves the Information and the suitability of the products for their purpose and not make any assumptions based on information included or omitted. Liability for loss or damage
resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the Group was aware of the possibility of such loss or damage arising) is excluded.
This will not operate to limit or restrict the Group's liability for death or personal injury resulting from its negligence. Multicomp is the registered trademark of the Group. © Premier Farnell plc 2004.
http://www.farnellinone.com
http://www.buckhickmaninone.com
http://www.cpc.co.uk


Similar Part No. - FDD2-1878

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD20AN06A0 FAIRCHILD-FDD20AN06A0 Datasheet
608Kb / 11P
   N-Channel PowerTrench MOSFET
FDD20AN06A0 FAIRCHILD-FDD20AN06A0_10 Datasheet
325Kb / 11P
   N-Channel PowerTrench짰 MOSFET 60V, 45A, 20mW
FDD20AN06_F085 FAIRCHILD-FDD20AN06_F085 Datasheet
325Kb / 11P
   N-Channel PowerTrench MOSFET
FDD24AN06LA0 FAIRCHILD-FDD24AN06LA0 Datasheet
226Kb / 11P
   N CHANNEL LOGIC LEVEL POWER TRENCH MOSFET
FDD24AN06LA0 FAIRCHILD-FDD24AN06LA0_11 Datasheet
861Kb / 8P
   N-Channel Logic Level PowerTrench짰 MOSFET 60V, 36A, 24m廓
More results

Similar Description - FDD2-1878

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FDFD1-250 ETC2-FDFD1-250 Datasheet
136Kb / 3P
   Insulated Crimp Terminals Metric
logo
Molex Electronics Ltd.
19323 MOLEX5-19323 Datasheet
664Kb / 2P
   Metric Ring Terminals
64001-7770 MOLEX11-64001-7770 Datasheet
29Kb / 1P
   Crimp Tool Kit for 6 AWG Insulated Ring Terminals
0640017970 MOLEX11-0640017970 Datasheet
27Kb / 1P
   Hand Crimp Tool for 2 AWG Insulated Ring Terminals
ATS-640017970 MOLEX-ATS-640017970 Datasheet
127Kb / 4P
   Hand Crimp Tool for 2 AWG Insulated Ring Terminals
07-16-13
0640017870 MOLEX11-0640017870 Datasheet
29Kb / 1P
   Hand Crimp Tool for 4 AWG Insulated Ring Terminals
ATS-640017770 MOLEX-ATS-640017770 Datasheet
128Kb / 4P
   Crimp Tool Kit for 6 AWG Insulated Ring Terminals
07-16-13
0640017670 MOLEX11-0640017670 Datasheet
27Kb / 1P
   Crimp Tool Kit for 8 AWG Insulated Ring Terminals
64001-7670 MOLEX11-64001-7670 Datasheet
27Kb / 1P
   Crimp Tool Kit for 8 AWG Insulated Ring Terminals
ATS-640017670 MOLEX-ATS-640017670 Datasheet
135Kb / 4P
   Crimp Tool Kit for 8 AWG Insulated Ring Terminals
07-16-13
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com