Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA17393F Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # HA17393F
Description  Dual Comparator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA17393F Datasheet(HTML) 3 Page - Hitachi Semiconductor

  HA17393F Datasheet HTML 1Page - Hitachi Semiconductor HA17393F Datasheet HTML 2Page - Hitachi Semiconductor HA17393F Datasheet HTML 3Page - Hitachi Semiconductor HA17393F Datasheet HTML 4Page - Hitachi Semiconductor HA17393F Datasheet HTML 5Page - Hitachi Semiconductor HA17393F Datasheet HTML 6Page - Hitachi Semiconductor HA17393F Datasheet HTML 7Page - Hitachi Semiconductor HA17393F Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
HA17903, HA17393 Series
3
Absolute Maximum Ratings (Ta = 25°C)
Ratings
Item
Symbol
HA17903
PS
HA17903
PSJ
HA17903
FP
HA17903
FPJ
HA17903
FPK
HA17393
HA17393
F
Unit
Supply
voltage
V
CC
36
36
36
36
36
36
36
V
Dfferential
input
voltage
V
IN(diff)
V
CC
V
CC
V
CC
V
CC
V
CC
V
CC
V
CC
V
Input
voltage
V
IN
–0.3 to
+ V
CC
–0.3 to
+ V
CC
–0.3 to
+ V
CC
–0.3 to
+ V
CC
–0.3 to
+ V
CC
–0.3 to
+ V
CC
–0.3 to
+ V
CC
V
Output
short
current
l
OS*
3
constant
constant
constant
constant
constant
constant
constant
Power
dissipation
P
T
570*
1
570*
1
385*
2
385*
1
385*
2
570*
1
385*
2
mW
Operating
temperature
Topr
–20 to
+75
–40 to
+85
–20 to
+75
–40 to
+85
–40 to
+125
–20 to
+75
–20 to
+75
°C
Storage
temperature
Tstg
–55 to
+125
–55 to
+125
–55 to
+125
–55 to
+125
–55 to
+150
–55 to
+125
–55 to
+125
°C
Note:
1. These are the allowable values up to Ta = 55
°C. Derate by 8.3mW/°C above that temperature.
2. These are the allowable values up to Ta = 45
°C mounting on 30% wiring density glass epoxy
board. Derate by 7.14mW/
°C above that temperature.
3. Short circuit between the output and VCC will be a cause to destory the circuit. The maximum
output current is about 20mA for any supply voltage.


Similar Part No. - HA17393F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HA17393 ETC2-HA17393 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Renesas Technology Corp
HA17393A RENESAS-HA17393A Datasheet
102Kb / 9P
   Dual Comparators
HA17393AF RENESAS-HA17393AF Datasheet
102Kb / 9P
   Dual Comparators
HA17393ARP RENESAS-HA17393ARP Datasheet
102Kb / 9P
   Dual Comparators
HA17393AT RENESAS-HA17393AT Datasheet
102Kb / 9P
   Dual Comparators
More results

Similar Description - HA17393F

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51923P MITSUBISHI-M51923P Datasheet
110Kb / 4P
   DUAL COMPARATOR
logo
Fairchild Semiconductor
LM319 FAIRCHILD-LM319_12 Datasheet
174Kb / 8P
   Dual Comparator
logo
Renesas Technology Corp
M5233L RENESAS-M5233L Datasheet
1Mb / 4P
   DUAL COMPARATOR
logo
Linear Technology
LM119 LINER-LM119_15 Datasheet
198Kb / 12P
   Dual Comparator
LT319A LINER-LT319A_15 Datasheet
198Kb / 12P
   Dual Comparator
LM319 LINER-LM319_15 Datasheet
198Kb / 12P
   Dual Comparator
LT119A LINER-LT119A_15 Datasheet
198Kb / 12P
   Dual Comparator
logo
Fairchild Semiconductor
LM319 FAIRCHILD-LM319 Datasheet
111Kb / 10P
   Dual Comparator
logo
Fujitsu Component Limit...
MB47393 FUJITSU-MB47393 Datasheet
81Kb / 9P
   DUAL COMPARATOR
logo
Renesas Technology Corp
M51923P RENESAS-M51923P Datasheet
1Mb / 5P
   DUAL COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com