Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA17812V Datasheet(PDF) 10 Page - Hitachi Semiconductor

Part # HA17812V
Description  3-terminal Fixed Voltage Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA17812V Datasheet(HTML) 10 Page - Hitachi Semiconductor

Back Button HA17812V Datasheet HTML 6Page - Hitachi Semiconductor HA17812V Datasheet HTML 7Page - Hitachi Semiconductor HA17812V Datasheet HTML 8Page - Hitachi Semiconductor HA17812V Datasheet HTML 9Page - Hitachi Semiconductor HA17812V Datasheet HTML 10Page - Hitachi Semiconductor HA17812V Datasheet HTML 11Page - Hitachi Semiconductor HA17812V Datasheet HTML 12Page - Hitachi Semiconductor HA17812V Datasheet HTML 13Page - Hitachi Semiconductor HA17812V Datasheet HTML 14Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
HA17800V/VP/VPJ Series
10
HA17818V/VP/VPJ Electrical Characteristics
(V
IN = 27 V, IOUT = 500 mA, 0°C
Tj 125°C, C
IN = 0.33 µF, COUT = 0.1 µF)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Output voltage
V
OUT1
17.3
18.0
18.7
V
Tj = 25
°C
V
OUT2
17.1
18.9
V
21 V
≤ V
IN ≤ 33 V,
5 mA
≤ I
OUT ≤ 1.0 A, P T ≤ 15 W
Line regulation
δV
OLine1
195
360
mV
Tj = 25
°C, 21 V
≤ V
IN ≤ 33 V
δV
OLine2
65
180
mV
Tj = 25
°C, 24 V
≤ V
IN ≤ 30 V
Load regulation
δV
OLoad1
195
360
mV
Tj = 25
°C, 5 mA
≤ I
OUT ≤ 1.5 A
δdV
OLoad2
65
180
mV
Tj = 25
°C, 250 mA
≤ I
OUT ≤ 750 mA
Quiescent current
I
Q
0.8
3.6
7.2
mA
Tj = 25
°C, I
OUT = 0
Quiescent current
δI
Q1

1.0
mA
21 V
≤ V
IN ≤ 33 V
change
δI
Q2

0.5
mA
5 mA
≤ I
OUT ≤ 1.0 A
Voltage drop
Vdrop
2.0
2.5
V
Tj = 25
°C, I
OUT = 1.0 A
Ripple rejection ratio
R
REJ
56
dB
Tj = 25
°C, f = 10 kHz
Temperature
coefficient of
output voltage
δV
OUT/ δTa
–0.8
mV/
°CI
OUT = 5 mA
Output noise voltage
Vn
430
µVrms
Tj = 25
°C, 10 Hz
≤ f ≤ 100 kHz
Output short circuit
current
I
OS
0.35
ATj = 25
°C
Peak output current
Iop
2.1
A
Tj = 25
°C


Similar Part No. - HA17812V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HA17812 ETC2-HA17812 Datasheet
2Mb / 31P
   SEMICONDUCTORS
HA17812P ETC2-HA17812P Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Similar Description - HA17812V

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA178L15 HITACHI-HA178L15 Datasheet
90Kb / 21P
   3-terminal Fixed Voltage Regulators
HA178M00 HITACHI-HA178M00 Datasheet
62Kb / 17P
   3-terminal Fixed Voltage Regulators
HA178L12 HITACHI-HA178L12 Datasheet
82Kb / 21P
   3-terminal Fixed Voltage Regulators
HA178L00 HITACHI-HA178L00 Datasheet
72Kb / 21P
   3-terminal Fixed Voltage Regulators
logo
Renesas Technology Corp
HA178L02 RENESAS-HA178L02 Datasheet
233Kb / 9P
   3-terminal Fixed Voltage Regulators
HA178L00 RENESAS-HA178L00 Datasheet
230Kb / 16P
   3-terminal Fixed Voltage Regulators
HA179L00 RENESAS-HA179L00 Datasheet
143Kb / 10P
   3-terminal Negative Fixed Voltage Regulators
logo
Vishay Siliconix
MC79XXCT VISHAY-MC79XXCT Datasheet
74Kb / 8P
   3-Terminal Fixed Negative Voltage Regulators
11-Jun-02
logo
List of Unclassifed Man...
PJ7800 ETC-PJ7800 Datasheet
381Kb / 9P
   3-Terminal Fixed Voltage Positive Regulators
logo
Hitachi Semiconductor
HA179L00 HITACHI-HA179L00 Datasheet
55Kb / 13P
   3-terminal Negative Fixed Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com