Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HA178L00 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # HA178L00
Description  3-terminal Fixed Voltage Regulators
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA178L00 Datasheet(HTML) 1 Page - Hitachi Semiconductor

  HA178L00 Datasheet HTML 1Page - Hitachi Semiconductor HA178L00 Datasheet HTML 2Page - Hitachi Semiconductor HA178L00 Datasheet HTML 3Page - Hitachi Semiconductor HA178L00 Datasheet HTML 4Page - Hitachi Semiconductor HA178L00 Datasheet HTML 5Page - Hitachi Semiconductor HA178L00 Datasheet HTML 6Page - Hitachi Semiconductor HA178L00 Datasheet HTML 7Page - Hitachi Semiconductor HA178L00 Datasheet HTML 8Page - Hitachi Semiconductor HA178L00 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
HA178L00 Series
3-terminal Fixed Voltage Regulators
Description
The HA178L00 series three-terminal fixed output voltage regulators. Can be used not only as stabilized
power sources, but also as Zener diodes because of their small outline package.
Features
• Maximum output current: 150 mA (Tj= 25°C)
• Large maximum power dissipation: 800 mW
• Overcurrent protection
• Temperature protection circuit
Ordering Information
Application
Standard Output Voltage
Tolerance
±8%
A Version Output Voltage
Tolerance
±5%
Industrial use
HA178L00P
HA178L00PA
Commercial use
HA178L00
HA178L00A
HA178L00UA


Similar Part No. - HA178L00

ManufacturerPart #DatasheetDescription
Hitachi Semiconductor
Hitachi Semiconductor
HA178L00 HITACHI-HA178L00 Datasheet
90Kb / 21P
   3-terminal Fixed Voltage Regulators
Renesas Technology Corp
Renesas Technology Corp
HA178L00 RENESAS-HA178L00 Datasheet
230Kb / 16P
   3-terminal Fixed Voltage Regulators
Hitachi Semiconductor
Hitachi Semiconductor
HA178L00A HITACHI-HA178L00A Datasheet
82Kb / 21P
   3-terminal Fixed Voltage Regulators
HA178L00A HITACHI-HA178L00A Datasheet
90Kb / 21P
   3-terminal Fixed Voltage Regulators
Renesas Technology Corp
Renesas Technology Corp
HA178L00A RENESAS-HA178L00A Datasheet
230Kb / 16P
   3-terminal Fixed Voltage Regulators
More results

Similar Description - HA178L00

ManufacturerPart #DatasheetDescription
Hitachi Semiconductor
Hitachi Semiconductor
HA178L15 HITACHI-HA178L15 Datasheet
90Kb / 21P
   3-terminal Fixed Voltage Regulators
HA178M00 HITACHI-HA178M00 Datasheet
62Kb / 17P
   3-terminal Fixed Voltage Regulators
HA17800V HITACHI-HA17800V Datasheet
62Kb / 16P
   3-terminal Fixed Voltage Regulators
Renesas Technology Corp
Renesas Technology Corp
HA178L02 RENESAS-HA178L02 Datasheet
233Kb / 9P
   3-terminal Fixed Voltage Regulators
HA178L00 RENESAS-HA178L00 Datasheet
230Kb / 16P
   3-terminal Fixed Voltage Regulators
Hitachi Semiconductor
Hitachi Semiconductor
HA178L12 HITACHI-HA178L12 Datasheet
82Kb / 21P
   3-terminal Fixed Voltage Regulators
Renesas Technology Corp
Renesas Technology Corp
HA179L00 RENESAS-HA179L00 Datasheet
143Kb / 10P
   3-terminal Negative Fixed Voltage Regulators
List of Unclassifed Manufacturers
List of Unclassifed Man...
PJ7800 ETC-PJ7800 Datasheet
381Kb / 9P
   3-Terminal Fixed Voltage Positive Regulators
Vishay Siliconix
Vishay Siliconix
MC79XXCT VISHAY-MC79XXCT Datasheet
74Kb / 8P
   3-Terminal Fixed Negative Voltage Regulators
11-Jun-02
Hitachi Semiconductor
Hitachi Semiconductor
HA179L00 HITACHI-HA179L00 Datasheet
55Kb / 13P
   3-terminal Negative Fixed Voltage Regulators
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com