Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSF8N65 Datasheet(PDF) 4 Page - Silikron Semiconductor Co.,LTD.

Part # SSF8N65
Description  Extremely high dv/dt capability
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSF8N65 Datasheet(HTML) 4 Page - Silikron Semiconductor Co.,LTD.

  SSF8N65 Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSF8N65 Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSF8N65 Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSF8N65 Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSF8N65 Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD. SSF8N65 Datasheet HTML 6Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
©Silikron Semiconductor Corporation
2010.1.10
Version: 1.0
page
4of6
SSF8N65
Typical Performance Characteristics
Figure 7 Breakdown Voltage Variation
vs. Temperature
Figure 8 On-Resistance Variation
vs. Temperature
Figure 9 Maximum Safe Operation Area
Figure 10 Maximum Drain Current vs.
Case Temperature
Figure 12 Transient Thermal Response Curve


Similar Part No. - SSF8N65

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF8N60 SILIKRON-SSF8N60 Datasheet
440Kb / 6P
   Extremely high dv/dt capability
logo
GOOD-ARK Electronics
SSF8N60 GOOD-ARK-SSF8N60 Datasheet
1Mb / 7P
   600V N-Channel MOSFET
SSF8N60 GOOD-ARK-SSF8N60_15 Datasheet
1Mb / 7P
   600V N-Channel MOSFET
More results

Similar Description - SSF8N65

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF7N60 SILIKRON-SSF7N60 Datasheet
439Kb / 6P
   Extremely high dv/dt capability
SSF2715 SILIKRON-SSF2715 Datasheet
452Kb / 6P
   Extremely high dv/dt capability
logo
STMicroelectronics
STFI10NK60Z STMICROELECTRONICS-STFI10NK60Z Datasheet
530Kb / 13P
   Extremely high dv/dt capability
March 2012 Rev 3
logo
Silikron Semiconductor ...
SSF8N60 SILIKRON-SSF8N60 Datasheet
440Kb / 6P
   Extremely high dv/dt capability
logo
STMicroelectronics
STB9NK80Z STMICROELECTRONICS-STB9NK80Z Datasheet
987Kb / 15P
   Extremely high dv/dt capability
logo
Silikron Semiconductor ...
SSF4N60 SILIKRON-SSF4N60 Datasheet
654Kb / 6P
   Extremely high dv/dt capability
logo
STMicroelectronics
STB6N52K3 STMICROELECTRONICS-STB6N52K3 Datasheet
1Mb / 22P
   Extremely high dv/dt capability
March 2011 Rev 2
STP35N60DM2 STMICROELECTRONICS-STP35N60DM2 Datasheet
733Kb / 13P
   Extremely high dv/dt ruggedness
STW72N60DM2AG STMICROELECTRONICS-STW72N60DM2AG Datasheet
728Kb / 12P
   Extremely high dv/dt ruggedness
December 2015 Rev 4
STP45N60DM2AG STMICROELECTRONICS-STP45N60DM2AG Datasheet
420Kb / 13P
   Extremely high dv/dt ruggedness
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com