Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSF7NS65UG Datasheet(PDF) 2 Page - Silikron Semiconductor Co.,LTD.

Part # SSF7NS65UG
Description  High dv/dt and avalanche capabilities
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSF7NS65UG Datasheet(HTML) 2 Page - Silikron Semiconductor Co.,LTD.

  SSF7NS65UG Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSF7NS65UG Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSF7NS65UG Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSF7NS65UG Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSF7NS65UG Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD. SSF7NS65UG Datasheet HTML 6Page - Silikron Semiconductor Co.,LTD. SSF7NS65UG Datasheet HTML 7Page - Silikron Semiconductor Co.,LTD. SSF7NS65UG Datasheet HTML 8Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SSF7NS65UG
©Silikron Semiconductor CO.,LTD.
2013.08.27
Version : 1.0
page 2 of 8
www.silikron.com
Thermal Resistance
Symbol
Characterizes
Typ.
Max.
Units
RθJC
Junction-to-case
3.0
℃/W
RθJA
Junction-to-ambient (t ≤ 10s)
62
℃/W
Electrical Characterizes @TA=25℃ unless otherwise specified
Symbol
Parameter
Min.
Typ.
Max.
Units
Conditions
V(BR)DSS
Drain-to-Source breakdown voltage
650
V
VGS = 0V, ID = 250μA
RDS(on)
Static Drain-to-Source on-resistance
0.65
0.75
Ω
VGS=10V,ID = 1A
1.38
TJ = 125°C
0.77
0.85
Ω
VGS=10V,ID = 4.8A
2.0
TJ = 125°C
VGS(th)
Gate threshold voltage
2
4
V
VDS = VGS, ID = 250μA
2.2
TJ = 125°C
IDSS
Drain-to-Source leakage current
1
μA
VDS =650V,VGS = 0V
50
TJ = 125°C
IGSS
Gate-to-Source forward leakage
100
nA
VGS =30V
-100
VGS = -30V
Qg
Total gate charge
13
nC
ID = 5A,
VDS=200V,
VGS = 10V
Qgs
Gate-to-Source charge
2.6
Qgd
Gate-to-Drain("Miller") charge
3.1
td(on)
Turn-on delay time
9.6
ns
VGS=10V, VDS =400V,
RGEN=10.2Ω,ID =2.2A
tr
Rise time
6
td(off)
Turn-Off delay time
26
tf
Fall time
10
Ciss
Input capacitance
500
pF
VGS = 0V
VDS = 100V
ƒ = 1MHz
Coss
Output capacitance
24
Crss
Reverse transfer capacitance
3
Source-Drain Ratings and Characteristics
Symbol
Parameter
Min.
Typ.
Max.
Units
Conditions
IS
Continuous Source Current
(Body Diode)
7
A
MOSFET symbol
showing
the
integral reverse
p-n junction diode.
ISM
Pulsed Source Current
(Body Diode)
28
A
V
SD
Diode Forward Voltage
0.85
1.2
V
IS=4.8A, VGS=0V
trr
Reverse Recovery Time
111
nS
TJ = 25°C, IF = 2.2A,
di/dt = 10
0A/μs
Qrr
Reverse Recovery Charge
639
nC


Similar Part No. - SSF7NS65UG

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF7NS65UD SILIKRON-SSF7NS65UD Datasheet
491Kb / 8P
   High dv/dt and avalanche capabilities
SSF7NS65UF SILIKRON-SSF7NS65UF Datasheet
454Kb / 8P
   High dv/dt and avalanche capabilities
logo
GOOD-ARK Electronics
SSF7NS65UF GOOD-ARK-SSF7NS65UF Datasheet
1Mb / 7P
   650V N-Channel MOSFET
SSF7NS65UF GOOD-ARK-SSF7NS65UF_15 Datasheet
1Mb / 7P
   650V N-Channel MOSFET
More results

Similar Description - SSF7NS65UG

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF11NS60UF SILIKRON-SSF11NS60UF Datasheet
444Kb / 8P
   High dv/dt and avalanche capabilities
SSF6NS70UG SILIKRON-SSF6NS70UG Datasheet
463Kb / 8P
   High dv/dt and avalanche capabilities
SSF20NS65F SILIKRON-SSF20NS65F Datasheet
386Kb / 8P
   High dv/dt and avalanche capabilities
SSF26NS60 SILIKRON-SSF26NS60 Datasheet
519Kb / 8P
   High dv/dt and avalanche capabilities
SSF5NS65UD SILIKRON-SSF5NS65UD Datasheet
475Kb / 8P
   High dv/dt and avalanche capabilities
SSF11NS65 SILIKRON-SSF11NS65 Datasheet
379Kb / 8P
   High dv/dt and avalanche capabilities
SSF11NS65U SILIKRON-SSF11NS65U Datasheet
484Kb / 8P
   High dv/dt and avalanche capabilities
SSF11NS70UG SILIKRON-SSF11NS70UG Datasheet
440Kb / 8P
   High dv/dt and avalanche capabilities
SSF7NS70UG SILIKRON-SSF7NS70UG Datasheet
468Kb / 8P
   High dv/dt and avalanche capabilities
SSF18NS60 SILIKRON-SSF18NS60 Datasheet
613Kb / 8P
   High dv/dt and avalanche capabilities
SSF7NS60F SILIKRON-SSF7NS60F Datasheet
574Kb / 8P
   High dv/dt and avalanche capabilities
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com