Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSF6NS70UGS Datasheet(PDF) 3 Page - Silikron Semiconductor Co.,LTD.

Part # SSF6NS70UGS
Description  High dv/dt and avalanche capabilities
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSF6NS70UGS Datasheet(HTML) 3 Page - Silikron Semiconductor Co.,LTD.

  SSF6NS70UGS Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSF6NS70UGS Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSF6NS70UGS Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSF6NS70UGS Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSF6NS70UGS Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD. SSF6NS70UGS Datasheet HTML 6Page - Silikron Semiconductor Co.,LTD. SSF6NS70UGS Datasheet HTML 7Page - Silikron Semiconductor Co.,LTD. SSF6NS70UGS Datasheet HTML 8Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SSF6NS70UGS
©Silikron Semiconductor CO.,LTD.
2013.07.17
Version:1.0
page 3 of 8
www.silikron.com
Test circuits and Waveforms
EAS Test Circuit:
Gate charge test circuit:
Switching Time Test Circuit:
Switching Waveforms:
Notes
:
①Calculated continuous current based on maximum allowable junction temperature.
②Repetitive rating; pulse width limited by max. junction temperature.
③The power dissipation PD is based on max. junction temperature, using junction-to-case thermal
resistance.
④The value of RθJA is measured with the device mounted on 1 in 2 FR-4 board with 2oz. Copper, in a
still air environment with TA =25°C


Similar Part No. - SSF6NS70UGS

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF6NS70UG SILIKRON-SSF6NS70UG Datasheet
463Kb / 8P
   High dv/dt and avalanche capabilities
logo
GOOD-ARK Electronics
SSF6NS70UG GOOD-ARK-SSF6NS70UG Datasheet
1Mb / 7P
   700V N-Channel MOSFET
logo
Silikron Semiconductor ...
SSF6NS70UGX SILIKRON-SSF6NS70UGX Datasheet
413Kb / 8P
   High dv/dt and avalanche capabilities
logo
GOOD-ARK Electronics
SSF6NS70UG GOOD-ARK-SSF6NS70UG_15 Datasheet
1Mb / 7P
   700V N-Channel MOSFET
More results

Similar Description - SSF6NS70UGS

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF11NS60UF SILIKRON-SSF11NS60UF Datasheet
444Kb / 8P
   High dv/dt and avalanche capabilities
SSF6NS70UG SILIKRON-SSF6NS70UG Datasheet
463Kb / 8P
   High dv/dt and avalanche capabilities
SSF20NS65F SILIKRON-SSF20NS65F Datasheet
386Kb / 8P
   High dv/dt and avalanche capabilities
SSF26NS60 SILIKRON-SSF26NS60 Datasheet
519Kb / 8P
   High dv/dt and avalanche capabilities
SSF5NS65UD SILIKRON-SSF5NS65UD Datasheet
475Kb / 8P
   High dv/dt and avalanche capabilities
SSF11NS65 SILIKRON-SSF11NS65 Datasheet
379Kb / 8P
   High dv/dt and avalanche capabilities
SSF11NS65U SILIKRON-SSF11NS65U Datasheet
484Kb / 8P
   High dv/dt and avalanche capabilities
SSF11NS70UG SILIKRON-SSF11NS70UG Datasheet
440Kb / 8P
   High dv/dt and avalanche capabilities
SSF7NS70UG SILIKRON-SSF7NS70UG Datasheet
468Kb / 8P
   High dv/dt and avalanche capabilities
SSF18NS60 SILIKRON-SSF18NS60 Datasheet
613Kb / 8P
   High dv/dt and avalanche capabilities
SSF7NS60F SILIKRON-SSF7NS60F Datasheet
574Kb / 8P
   High dv/dt and avalanche capabilities
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com