Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LANC11015DUW8 Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # LANC11015DUW8
Description  8 Watt DC/DC Power Converters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LANC11015DUW8 Datasheet(HTML) 4 Page - Wall Industries,Inc.

  LANC11015DUW8 Datasheet HTML 1Page - Wall Industries,Inc. LANC11015DUW8 Datasheet HTML 2Page - Wall Industries,Inc. LANC11015DUW8 Datasheet HTML 3Page - Wall Industries,Inc. LANC11015DUW8 Datasheet HTML 4Page - Wall Industries,Inc. LANC11015DUW8 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Rev. E
LANCUW8 Series
Single & Dual Outputs
4:1 Input Voltage Range
8 Watt DC/DC Power Converters
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
06/14/2012
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 4 of 5
CHARACTERISTICS
AMBIENT TEMPERATURE (°C)
-40
-20
0
20
40
60
80
100
120
81
120
100
80
60
40
20
0
LANC4805UW8 DERATING CURVE
18
24
30
36
42
48
54
60
66
72
75
95
90
85
80
75
70
65
INPUT VOLTAGE (V)
LANC4805UW8
EFFICIENCY VS INPUT VOLTAGE
10
20
30
40
50
60
70
80
90
100
95
90
85
80
75
70
65
OUTPUT LOAD (% OF FULL LOAD)
LANC4805UW8
EFFICIENCY VS OUTPUT LOAD
Recommended Filter for EN55022 Class B Compliance
Recommended EN55022 Class B Filter Circuit Layout
+INPUT
-INPUT
C1
C2
C5
L1
C3
C4
LOAD
+Vin
+Vout
-Vin
-Vout
DC/DC
CONVERTER
+
The components used in the figure above are as follows:
MODEL
C1
C2
C3
C4
C5
L1
LANC24xxUW8
4.7µF/50V
1812 MLCC
N/A
1000pF/2KV
MLCC
1000pF/2KV
MLCC
N/A
325µH Common
Choke PMT-050
LANC48xxUW8
1.5µF/100V
1812 MLCC
1.5µF/100V
1812 MLCC
1000pF/2KV
MLCC
1000pF/2KV
MLCC
N/A
325µH Common
Choke PMT-050
LANC110xxUW8
1µF/250V
1812 MLCC
N/A
1000pF/2KV
MLCC
1000pF/2KV
MLCC
22µF/200V
325µH Common
Choke PMT-050
0.43 (11.0) ref.
0.30±0.008 (7.62±0.2)
Unit: inches (mm)
4
3
1
2
N2
N1
Ø0.02±0.004 (Ø0.6±0.1)
Common Choke L1
PMT-050
L: 325μH±35% / DCR: 35mΩ, max.
Test Conditions: 100KHz / 100mV
Recommended Through Hole: Ø0.8mm
PMT-017
L: 497μH±25% / DCR: 80mΩ, max.
Test Conditions: 100KHz / 20mV
Recommended Through Hole: Ø0.8mm


Similar Part No. - LANC11015DUW8

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANC11015DUW8 WALL-LANC11015DUW8 Datasheet
417Kb / 5P
   Single and Dual Outputs
More results

Similar Description - LANC11015DUW8

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM8TW-C AIMTEC-AM8TW-C Datasheet
293Kb / 2P
   8 watt dc-dc converters
AM8T-C AIMTEC-AM8T-C Datasheet
297Kb / 2P
   8 watt dc-dc converters
AM8T-I AIMTEC-AM8T-I Datasheet
243Kb / 3P
   8 watt dc-dc converters
AM8TW-I AIMTEC-AM8TW-I Datasheet
198Kb / 2P
   8 watt dc-dc converters
logo
Wall Industries,Inc.
DCHUB10H WALL-DCHUB10H Datasheet
350Kb / 4P
   10 Watt DC/DC Power Converters
DCMJU10 WALL-DCMJU10 Datasheet
157Kb / 6P
   10 Watt DC/DC Power Converters
DCMUA WALL-DCMUA Datasheet
279Kb / 5P
   5 Watt DC/DC Power Converters
DCPDLW06 WALL-DCPDLW06 Datasheet
887Kb / 6P
   6 Watt DC/DC Power Converters
JFC10 WALL-JFC10 Datasheet
160Kb / 5P
   10 Watt DC/DC Power Converters
JRW WALL-JRW Datasheet
347Kb / 5P
   10 Watt DC/DC Power Converters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com