Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JFC24D05-10 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # JFC24D05-10
Description  10 Watt DC/DC Power Converters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

JFC24D05-10 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  JFC24D05-10 Datasheet HTML 1Page - Wall Industries,Inc. JFC24D05-10 Datasheet HTML 2Page - Wall Industries,Inc. JFC24D05-10 Datasheet HTML 3Page - Wall Industries,Inc. JFC24D05-10 Datasheet HTML 4Page - Wall Industries,Inc. JFC24D05-10 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Wall Industries, Inc.
Rev B
JFC10 SERIES
10 Watt DC/DC Power Converters
02/03/2014
Wall Industries, Inc. • 5 Watson Brook Road, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 5
SPECIFICATIONS: JFC10 SERIES
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
12VDC nominal input models
9
12
18
24VDC nominal input models
18
24
36
Input Voltage Range
48VDC nominal input models
36
48
75
VDC
12VDC nominal input models
9
24VDC nominal input models
18
Start-Up Voltage
48VDC nominal input models
36
VDC
12VDC nominal input models
8
24VDC nominal input models
16
Shutdown Voltage
48VDC nominal input models
33
VDC
12VDC nominal input models
25
24VDC nominal input models
50
Input Surge Voltage (1sec, max.)
48VDC nominal input models
100
VDC
Input Reflected Ripple Current
30
mAp-p
Input Current
No Load
See Table
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Accuracy
-1.0
+1.0
%
Single Output Models
-0.2
+0.2
Line Regulation
Low line to high line at full load
Dual Output Models
-0.5
+0.5
%
Single Output Models
-0.2
+0.2
No load to full load
Dual Output Models
-1.0
+1.0
%
Single Output Models
-0.1
+0.1
Load Regulation
10% load to 90% load
Dual Output Models
-0.8
+0.8
%
Cross Regulation (Dual Output Models)
Asymmetrical load 25% / 100% FL
-5.0
+5.0
%
3.3V & 12V Output Models
-10
+10
Voltage Adjustability (See Note 1)
Single Output Models
Others
-10
+20
%
Rated
10
With Trim up 10%
11
Output Power
With Trim up 20%
12
W
Output Current
See Table
Minimum Load
0
%
Maximum Capacitive Load
Minimum input and constant resistive load
See Table
With 10µF/25V X7R 1206 MLCC
3.3V & 5V Output Models
40
With 10µF/25V X7R 1206 MLCC
12V & 15V Output Models
60
With 1µF/50V X7R 1206 MLCC
24V Output Models
60
With 10µF/25V X7R 1206 MLCC for each output
±5V Output Models
40
Ripple & Noise (20MHz BW)
With 10µF/25V X7R 1206 MLCC for each output
±12V & ±15V Output Models
60
mVp-p
Transient Response Recovery Time
25% load step change
250
µs
Power Up
30
Start-Up Time
Nom. input and constant resistive load
Remote ON/OFF
30
ms
Temperature Coefficient
-0.02
+0.02
%/°C
PROTECTION
Short Circuit Protection
continuous, automatic recovery
Over Load Protection
% of rated full load at nominal input
150
%
3.3V Output Models
3.7
5.4
5V Output Models
6.3
7.4
12V Output Models
13.5
19.6
15V Output Models
18.3
22.0
Over Voltage Protection
Zener diode clamp
24V Output Models
29.1
32.5
VDC
GENERAL SPECIFICATIONS
Efficiency
Nominal input voltage and full load
See Table
Switching Frequency
3.3V & 5V Output Models
297
330
363
kHz
Input to Output
1600
Input to Case
1000
Isolation Voltage
1 minute
Output to Case
1000
VDC
Isolation Resistance
500VDC
1
Isolation Capacitance
1500
pF


Similar Part No. - JFC24D05-10

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JFC24D05-10 WALL-JFC24D05-10 Datasheet
469Kb / 5P
   10 Watt DC/DC Power Converters
JFC24D05-10DHC WALL-JFC24D05-10DHC Datasheet
469Kb / 5P
   10 Watt DC/DC Power Converters
JFC24D05-10FHC WALL-JFC24D05-10FHC Datasheet
469Kb / 5P
   10 Watt DC/DC Power Converters
JFC24D05-10GHC WALL-JFC24D05-10GHC Datasheet
469Kb / 5P
   10 Watt DC/DC Power Converters
JFC24D05-10RFHC WALL-JFC24D05-10RFHC Datasheet
469Kb / 5P
   10 Watt DC/DC Power Converters
More results

Similar Description - JFC24D05-10

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHUB10H WALL-DCHUB10H Datasheet
350Kb / 4P
   10 Watt DC/DC Power Converters
DCMJU10 WALL-DCMJU10 Datasheet
157Kb / 6P
   10 Watt DC/DC Power Converters
JRW WALL-JRW Datasheet
347Kb / 5P
   10 Watt DC/DC Power Converters
DCMJU10 WALL-DCMJU10_18 Datasheet
893Kb / 6P
   10 Watt DC/DC Power Converters
JFC10 WALL-JFC10_16 Datasheet
469Kb / 5P
   10 Watt DC/DC Power Converters
JFCW10 WALL-JFCW10 Datasheet
762Kb / 5P
   10 Watt DC/DC Power Converters
DCHUB10H WALL-DCHUB10H_16 Datasheet
449Kb / 4P
   10 Watt DC/DC Power Converters
JR WALL-JR Datasheet
348Kb / 5P
   10 Watt DC/DC Power Converters
JFCW10 WALL-JFCW10_16 Datasheet
583Kb / 5P
   10 Watt DC/DC Power Converters
logo
AIMTEC
AM10EW-C AIMTEC-AM10EW-C Datasheet
288Kb / 2P
   10 watt dc-dc converters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com