Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP48S48-100 Datasheet(PDF) 6 Page - Wall Industries,Inc.

Part # SP48S48-100
Description  100W DC-DC Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

SP48S48-100 Datasheet(HTML) 6 Page - Wall Industries,Inc.

  SP48S48-100 Datasheet HTML 1Page - Wall Industries,Inc. SP48S48-100 Datasheet HTML 2Page - Wall Industries,Inc. SP48S48-100 Datasheet HTML 3Page - Wall Industries,Inc. SP48S48-100 Datasheet HTML 4Page - Wall Industries,Inc. SP48S48-100 Datasheet HTML 5Page - Wall Industries,Inc. SP48S48-100 Datasheet HTML 6Page - Wall Industries,Inc. SP48S48-100 Datasheet HTML 7Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
APPLICATION NOTES
WALL INDUSTRIES, INC.
S P & SPW S E R I E S
(888) 597-WALL
www.wallindustries.com
6 of 7
TYPICAL OUTPUT RIPPLE
100mV/div, 1uS/div, full load, 40Vin
10uF // 0.1uF decoupling cap at room temp
TYPICAL OUTPUT RIPPLE
100mV/div, 1uS/div, full load 75Vin
10uF // 0.1uF decoupling cap at room temp
TYPICAL INPUT RIPPLE CURRENT
10mA/div, 1uS/div, full load 48Vin at
room temp with a 12uH / 33uF input filter
TYPICAL TRANSIENT RESPONSE
200mV/div, 200uS/div, 50% full load
to 75% full load 48Vin room temp
TYPICAL RISE TIME & TURN-ON DELAY
USING LOGIC ENABLE
10V/div, 100mS/div (Vout), 2V/div 100mS/div (logic
enable) 36Vin, full load at room temp
TYPICAL RISE TIME & TURN-ON DELAY
WITH Vin 0-48V
10V/div, 100mS/div (Vout), 10V/div, 100mS/div (Vin)
at room temp
Rev C


Similar Part No. - SP48S48-100

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
SP48S48-100 WALL-SP48S48-100 Datasheet
182Kb / 4P
   Isolated and Regulated
More results

Similar Description - SP48S48-100

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
SP24S12-100 WALL-SP24S12-100 Datasheet
254Kb / 7P
   100W DC-DC Converter
logo
List of Unclassifed Man...
HDD100 ETC1-HDD100 Datasheet
184Kb / 3P
   DC-DC CONVERTER 100W
logo
Wall Industries,Inc.
SP48S12-100 WALL-SP48S12-100 Datasheet
249Kb / 7P
   100W DC-DC Converter
SPW48S5-100 WALL-SPW48S5-100 Datasheet
198Kb / 7P
   100W DC-DC Converter
SPW48S12-100TH WALL-SPW48S12-100TH Datasheet
220Kb / 7P
   100W DC-DC Converter
logo
PULS GmbH
QS5.241-60 PULS-QS5.241-60 Datasheet
798Kb / 27P
   24V, 100W, DC/DC CONVERTER
logo
Mean Well Enterprises C...
SD-100 MEANWELL-SD-100_11 Datasheet
375Kb / 2P
   100W Single Output DC-DC Converter
logo
Astrodyne Corporation
SD-100 ASTRODYNE-SD-100 Datasheet
202Kb / 2P
   100W Single Output DC-DC Converter
logo
Mean Well Enterprises C...
SD-100 MEANWELL-SD-100 Datasheet
374Kb / 2P
   100W Single Output DC-DC Converter
SD-100 MEANWELL-SD-100_10 Datasheet
376Kb / 2P
   100W Single Output DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com