Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCPDLW06-24D15 Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # DCPDLW06-24D15
Description  6 Watt DC/DC Power Converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCPDLW06-24D15 Datasheet(HTML) 4 Page - Wall Industries,Inc.

  DCPDLW06-24D15 Datasheet HTML 1Page - Wall Industries,Inc. DCPDLW06-24D15 Datasheet HTML 2Page - Wall Industries,Inc. DCPDLW06-24D15 Datasheet HTML 3Page - Wall Industries,Inc. DCPDLW06-24D15 Datasheet HTML 4Page - Wall Industries,Inc. DCPDLW06-24D15 Datasheet HTML 5Page - Wall Industries,Inc. DCPDLW06-24D15 Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Wall Industries, Inc.
Rev A
DCPDLW06 SERIES
6 Watt DC/DC Power Converters
07/10/2013
Wall Industries, Inc. • 5 Watson Brook Road, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 4 of 6
EFFICIENCY CURVES
DCPDLW06-48S05 Efficiency vs Input Voltage
DCPDLW06-48S05 Efficiency vs Output Current
90
85
80
75
70
65
60
18
24
30
36
42
48
54
60
66
72
75
Input Voltage (VDC)
96
90
84
78
72
66
60
10
20
30
40
50
60
70
80
90
100
% of Full Load
Vin=18V
Vin=48V
Vin=75V
REMOTE ON/OFF APPLICATION CIRCUITS
Positive Logic
The positive logic structure turns the DC/DC module ON during a logic High on the CTRL pin and turns the DC/DC module OFF during a logic low
on the CTRL pin. The CTRL pin is an open collector/drain logic input signal (Von/off) that is referenced to GND. When not using the remote
ON/OFF feature please open circuit between the CTRL pin and input pin to turn the module ON.
DC/DC ON
DC/DC OFF
1kΩ
3mA Current
Source
-INPUT
CTRL
DC/DC CONVERTER
+INPUT
1kΩ
3mA Current
Source
-INPUT
CTRL
DC/DC CONVERTER
+INPUT
Negative Logic
The negative logic structure turns the DC/DC module OFF during a logic High on the CTRL pin and turns the DC/DC module ON during a logic
low on the CTRL pin. The CTRL pin is an open collector/drain logic input signal (Von/off) that is referenced to GND. When not using the remote
ON/OFF feature please open circuit between the CTRL pin and input pin to turn the module ON.
DC/DC ON
DC/DC OFF
1kΩ
3mA Current
Source
-INPUT
CTRL
DC/DC CONVERTER
+INPUT
1kΩ
3mA Current
Source
-INPUT
CTRL
DC/DC CONVERTER
+INPUT


Similar Part No. - DCPDLW06-24D15

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCPDLW06-24D15 WALL-DCPDLW06-24D15 Datasheet
824Kb / 6P
   6 Watt DC/DC Power Converters
DCPDLW06-24D15H WALL-DCPDLW06-24D15H Datasheet
824Kb / 6P
   6 Watt DC/DC Power Converters
DCPDLW06-24D15M WALL-DCPDLW06-24D15M Datasheet
824Kb / 6P
   6 Watt DC/DC Power Converters
More results

Similar Description - DCPDLW06-24D15

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCPDLW06 WALL-DCPDLW06_16 Datasheet
824Kb / 6P
   6 Watt DC/DC Power Converters
ELANC WALL-ELANC Datasheet
103Kb / 4P
   6 Watt DC/DC Power Converters
DCPDL06 WALL-DCPDL06_16 Datasheet
826Kb / 7P
   6 Watt DC/DC Power Converters
DCPDL06 WALL-DCPDL06 Datasheet
959Kb / 7P
   6 Watt DC/DC Power Converters
logo
AIMTEC
AM6TW AIMTEC-AM6TW Datasheet
248Kb / 2P
   6 watt dc-dc converters
logo
Wall Industries,Inc.
DCMOP06 WALL-DCMOP06 Datasheet
158Kb / 5P
   6 Watt Medical DC/DC Power Converters
DCMPP06 WALL-DCMPP06 Datasheet
159Kb / 5P
   6 Watt Medical DC/DC Power Converters
DCMPP06 WALL-DCMPP06_18 Datasheet
323Kb / 5P
   6 Watt Medical DC/DC Power Converters
DCMPPW06 WALL-DCMPPW06_18 Datasheet
305Kb / 5P
   6 Watt Medical DC/DC Power Converters
logo
AIMTEC
AM6TW-N AIMTEC-AM6TW-N Datasheet
310Kb / 3P
   6 watt dc-dc converters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com