Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JFC12S05-10 Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # JFC12S05-10
Description  10 Watt DC/DC Power Converters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

JFC12S05-10 Datasheet(HTML) 4 Page - Wall Industries,Inc.

  JFC12S05-10 Datasheet HTML 1Page - Wall Industries,Inc. JFC12S05-10 Datasheet HTML 2Page - Wall Industries,Inc. JFC12S05-10 Datasheet HTML 3Page - Wall Industries,Inc. JFC12S05-10 Datasheet HTML 4Page - Wall Industries,Inc. JFC12S05-10 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Wall Industries, Inc.
Rev B
JFC10 SERIES
10 Watt DC/DC Power Converters
02/03/2014
Wall Industries, Inc. • 5 Watson Brook Road, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 4 of 5
DERATING & EFFICIENCY CURVES
JFC48S05-10 Derating Curve
JFC48S05-10 Derating Curve with Heatsink
0
20
40
60
80
100
120
-40
-20
0
20
40
60
80
100
120
Ambient Temperature (°C)
Natural Convection
100LFM
200LFM
300LFM
400LFM
500LFM
0
20
40
60
80
100
120
-40
-20
0
20
40
60
80
100
120
Ambient Temperature (°C)
Natural Convection
100LFM
200LFM
300LFM
400LFM
500LFM
JFC48S05-10 Efficiency vs Input Voltage
JFC48S05-10 Efficiency vs Output Load
69
73
77
81
85
89
93
36
40
44
48
52
56
60
64
68
72
75
Input Voltage (VDC)
69
73
77
81
85
89
93
10
20
30
40
50
60
70
80
90
100
% of Full Load
Vin= 36V
Vin= 48V
Vin= 75V
MECHANICAL DRAWING
DIA.
0.04 (1.0)
0.800 (20.32)
1.00 (25.4)
6
5
4
3
2
1
BOTTOM
VIEW
SIDE VIEW
PIN CONNECTIONS
PRODUCT OPTIONS
PIN
SINGLE
DUAL
OPTION
SUFFIX
1
+INPUT
+INPUT
Positive Logic Remote On/Off
None
2
-INPUT
-INPUT
Negative Logic Remote On/Off
R
3
CTRL
CTRL
Without CTRL Pin
D
4
+OUTPUT
+OUTPUT
Without CTRL and TRIM Pins
G
5
TRIM
COMMON
Positive Logic without TRIM Pin
F
6
-OUTPUT
-OUTPUT
Negative Logic without TRIM Pin
RF
Heatsink
HC
EXTERNAL OUTPUT TRIMMING
NOTES
Output can be externally trimmed by using the
method shown below
1. Unit: inches (mm)
2. Tolerance: X.XX±0.02 (X.X±0.5)
X.XXX±0.01 (X.XX±0.25)
3. Pin Pitch Tolerance: ±0.01 (±0.25)
4. Pin Dimension Tolerance: ±0.004 (±0.1)
5. All dimensions are for reference only
6
5
TRIM UP
5
4
TRIM DOWN
RU
RD


Similar Part No. - JFC12S05-10

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JFC12S05-10 WALL-JFC12S05-10 Datasheet
469Kb / 5P
   10 Watt DC/DC Power Converters
JFC12S05-10DHC WALL-JFC12S05-10DHC Datasheet
469Kb / 5P
   10 Watt DC/DC Power Converters
JFC12S05-10FHC WALL-JFC12S05-10FHC Datasheet
469Kb / 5P
   10 Watt DC/DC Power Converters
JFC12S05-10GHC WALL-JFC12S05-10GHC Datasheet
469Kb / 5P
   10 Watt DC/DC Power Converters
JFC12S05-10RFHC WALL-JFC12S05-10RFHC Datasheet
469Kb / 5P
   10 Watt DC/DC Power Converters
More results

Similar Description - JFC12S05-10

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHUB10H WALL-DCHUB10H Datasheet
350Kb / 4P
   10 Watt DC/DC Power Converters
DCMJU10 WALL-DCMJU10 Datasheet
157Kb / 6P
   10 Watt DC/DC Power Converters
JRW WALL-JRW Datasheet
347Kb / 5P
   10 Watt DC/DC Power Converters
DCMJU10 WALL-DCMJU10_18 Datasheet
893Kb / 6P
   10 Watt DC/DC Power Converters
JFC10 WALL-JFC10_16 Datasheet
469Kb / 5P
   10 Watt DC/DC Power Converters
JFCW10 WALL-JFCW10 Datasheet
762Kb / 5P
   10 Watt DC/DC Power Converters
DCHUB10H WALL-DCHUB10H_16 Datasheet
449Kb / 4P
   10 Watt DC/DC Power Converters
JR WALL-JR Datasheet
348Kb / 5P
   10 Watt DC/DC Power Converters
JFCW10 WALL-JFCW10_16 Datasheet
583Kb / 5P
   10 Watt DC/DC Power Converters
logo
AIMTEC
AM10EW-C AIMTEC-AM10EW-C Datasheet
288Kb / 2P
   10 watt dc-dc converters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com