Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA17904FPJ Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # HA17904FPJ
Description  Dual Operational Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA17904FPJ Datasheet(HTML) 4 Page - Hitachi Semiconductor

  HA17904FPJ Datasheet HTML 1Page - Hitachi Semiconductor HA17904FPJ Datasheet HTML 2Page - Hitachi Semiconductor HA17904FPJ Datasheet HTML 3Page - Hitachi Semiconductor HA17904FPJ Datasheet HTML 4Page - Hitachi Semiconductor HA17904FPJ Datasheet HTML 5Page - Hitachi Semiconductor HA17904FPJ Datasheet HTML 6Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
HA17358, HA17904 Series
4
Electrical Characteristics 1 (V
CC = +15V, Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Input offset voltage
V
IO
—3
7
mV
V
CM = 7.5V, RS = 50Ω, Rf = 50kΩ
Input offset current
I
IO
5
50
nA
V
CM = 7.5V, IIO = | II (+) – II (–) |
Input bias current
I
IB
30
250
nA
V
CM = 7.5V
Power source rejection
ratio
PSRR
93
dB
R
S = 1kΩ, Rf = 100kΩ
Voltage gain
A
VD
75
90
dB
R
L = ∞, RS = 1kΩ, Rf = 100kΩ
Common mode rejection
ratio
CMR
80
dB
R
S = 50Ω, Rf = 5kΩ
Common mode input
voltage range
V
CM (+)
13.5
V
R
S = 1kΩ, Rf = 100kΩ
V
CM (–)
–0.3
V
R
S = 1kΩ, Rf = 100kΩ
Peak-to-peak output
voltage
Vop-p
13.6
V
f = 100Hz, R
L = 20kΩ, RS = 1kΩ,
Rf = 100k
Output source current
Iosource
20
40
mA
V
IN
+ = 1V, V
IN
= 0V, V
OH = 10V
Output sink current
Iosink
10
20
mA
V
IN
= 1V, V
IN
+ = 0V, V
OL = 2.5V
Output sink current
Iosink
15
50
µAV
IN
= 1V, V
IN
+ = 0V,
Vout = 200mV
Supply current
I
CC
0.8
2
mA
V
IN = GND, RL = ∞
Slew rate
SR
0.2
V/
µsR
L = ∞, VCM = 7.5V, f = 1.5kHz
Channel separation
CS
120
dB
f = 1kHz
Note:
As for the characteristic curve, refer to HA17902.
Electrical Characteristics 2 (V
CC = +15V, Ta =–40 to +125°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Input offset voltage
V
IO
——7
mV
V
CM = 7.5V, RS = 50Ω, RL = 50kΩ
Input offset current
I
IO
200
nA
V
CM = 7.5V, IIO = | II (+) – II (–) |
Input bias current
I
IB
500
nA
V
CM = 7.5V
Common mode input
voltage range
V
CM
0
13.0
V
R
S = 1kΩ, Rf = 100kΩ
Supply current
I
CC
——4
mA
V
IN = GND, RL = ∞
Note:
As for the characteristic curve, refer to HA17904FPK.


Similar Part No. - HA17904FPJ

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA17904FPJ HITACHI-HA17904FPJ Datasheet
46Kb / 9P
   Dual Operational Amplifier
logo
Renesas Technology Corp
HA17904FPJ RENESAS-HA17904FPJ Datasheet
199Kb / 8P
   Dual Operational Amplifier
More results

Similar Description - HA17904FPJ

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCMC4558 UTC-UTCMC4558 Datasheet
110Kb / 5P
   DUAL OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
LM2904 FAIRCHILD-LM2904 Datasheet
137Kb / 12P
   Dual Operational Amplifier
logo
Rohm
BA4558 ROHM-BA4558 Datasheet
58Kb / 5P
   Dual operational amplifier
logo
Toshiba Semiconductor
TA75458P TOSHIBA-TA75458P Datasheet
386Kb / 12P
   DUAL OPERATIONAL AMPLIFIER
logo
Motorola, Inc
LM833 MOTOROLA-LM833 Datasheet
133Kb / 8P
   DUAL OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM4560 NJRC-NJM4560 Datasheet
226Kb / 5P
   DUAL OPERATIONAL AMPLIFIER?
NJM4562 NJRC-NJM4562 Datasheet
258Kb / 5P
   DUAL OPERATIONAL AMPLIFIER?
NJM2100 NJRC-NJM2100 Datasheet
201Kb / 5P
   DUAL OPERATIONAL AMPLIFIER
logo
Hitachi Semiconductor
HA17458 HITACHI-HA17458 Datasheet
46Kb / 10P
   Dual Operational Amplifier
logo
NXP Semiconductors
MA747C PHILIPS-MA747C Datasheet
94Kb / 5P
   Dual operational amplifier
August 31, 1994
logo
Renesas Technology Corp
HA17904A RENESAS-HA17904A_15 Datasheet
129Kb / 10P
   Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com