Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DI01D2R5-1A Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # DI01D2R5-1A
Description  Non-Isolated DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DI01D2R5-1A Datasheet(HTML) 1 Page - Wall Industries,Inc.

  DI01D2R5-1A Datasheet HTML 1Page - Wall Industries,Inc. DI01D2R5-1A Datasheet HTML 2Page - Wall Industries,Inc. DI01D2R5-1A Datasheet HTML 3Page - Wall Industries,Inc. DI01D2R5-1A Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
01/06/2012
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 1 of 4
DATASHEET
Rev. A
DI01D SERIES
1.2 to 15 Watts
1A Output Current, 3-Pin SIP Package
Wide Input Voltage Range
Non-Isolated DC/DC Converters
0.45” x 0.40” x 0.30” 3-Pin SIP Package
APPLICATIONS
 Wireless Networks
 Telecom/Datacom
 Industrial Control Systems
 Semiconductor Equipment
 Distributed Power Architectures
 Microprocessor Power Applications
FEATURES
 RoHS Compliant
 1A Output Current
 Low Output Ripple & Noise
 Wide Input Voltage Range: 4.6 to 36VDC
 1.2 to 15 Watts Output Power
 Efficiency up to 96%
 Single Outputs
 3-Pin SIP Package: 0.45 x 0.40 x 0.30 Inches
 Pin-out Compatible with LM78XX Linear Regulators
 Short Circuit Protection
UL94V-0 Package Material
Wide Operating Temperature Range: -40°C to +85°C
DESCRIPTION
The DI01D series consists of high performance non-isolated DC/DC converters that deliver 1A of output current in a small
0.45” x 0.40” x 0.30” 3-Pin SIP package. This series features a wide operating temperature range of -40°C to +85°C,
efficiency up to 96%, and short circuit protection. These converters are RoHS compliant and are suitable for use in wireless
networks, telecom/datacom applications, industrial control systems, distributed power architectures, semiconductor
equipment, and microprocessor power applications.


Similar Part No. - DI01D2R5-1A

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DI01D2R5-1A WALL-DI01D2R5-1A Datasheet
175Kb / 4P
   RoHS Compliant
More results

Similar Description - DI01D2R5-1A

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLIN-03F1A BEL-SLIN-03F1A Datasheet
422Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
V7NB-60A160 BEL-V7NB-60A160 Datasheet
180Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS
VRP1-20E2AC BEL-VRP1-20E2AC Datasheet
237Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
GRNC-C2A160 BEL-GRNC-C2A160 Datasheet
243Kb / 4P
   NON-ISOLATED DC/DC CONVERTERS
VRAF-08AT51 BEL-VRAF-08AT51 Datasheet
214Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
VRBC-70R1A0 BEL-VRBC-70R1A0 Datasheet
239Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E1A BEL-SLIN-06E1A_10 Datasheet
495Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E2A BEL-SLIN-06E2A_10 Datasheet
467Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06F1A BEL-SLIN-06F1A Datasheet
435Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
VRNB-40A180 BEL-VRNB-40A180 Datasheet
113Kb / 3P
   NON-ISOLATED DC/DC CONVERTERS
SRBG-30A1A0 BEL-SRBG-30A1A0 Datasheet
227Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com