Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCNSR-12S05 Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # DCNSR-12S05
Description  Non-Isolated DC/DC Converters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCNSR-12S05 Datasheet(HTML) 3 Page - Wall Industries,Inc.

  DCNSR-12S05 Datasheet HTML 1Page - Wall Industries,Inc. DCNSR-12S05 Datasheet HTML 2Page - Wall Industries,Inc. DCNSR-12S05 Datasheet HTML 3Page - Wall Industries,Inc. DCNSR-12S05 Datasheet HTML 4Page - Wall Industries,Inc. DCNSR-12S05 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Rev. B
DCNSR Series
1.5 to 15 Watts
1A Output Current
Non-Isolated DC/DC Converters
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
09/18/2013
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 3 of 5
NOTES
1. The DCNSR series converters can be used to convert a positive voltage into a negative voltage.
2. BELLCORE TR-NWT-000332. Case 1: 50% Stress, Temperature at 40°C. (Ground, Benign, controlled environment)
MIL-HDBK-217F Notice2 @Ta=25°C, Full load. (Ground, Benign, controlled environment)
CAUTION: This power module is not internally fused. An input line fuse must always be used.
Figure 1
C1 and C2 are required and should be positioned close to the converter pins. Maximum capacitive load including C2 is 470µF.
C1
10µF/50V
1210 X5R MLCC
C2
10µF/25V
1206 X5R MLCC
POSITIVE OUTPUT APPLICATION
Output Current
Efficiency
Model Number
Input Voltage
Range
Nominal
Input Voltage
Output
Voltage
Min Load
Max Load
Switching
Frequency
No Load
Current
Output
Power
Min Vin
Max Vin
DCNSR-12S1.5
4.6 – 36 VDC
12 VDC
1.5 VDC
0A
1A
300KHz
1mA
1.5W
77.0%
66.5%
DCNSR-12S1.8
4.6 – 36 VDC
12 VDC
1.8 VDC
0A
1A
300KHz
1mA
1.8W
80.5%
70.0%
DCNSR-12S2.5
4.6 – 36 VDC
12 VDC
2.5 VDC
0A
1A
300KHz
1mA
2.5W
83.5%
75.5%
DCNSR-12S3.0
4.6 – 36 VDC
12 VDC
3.0 VDC
0A
1A
300KHz
1.5mA
3W
86.5%
78.5%
DCNSR-12S3.3
4.6 – 36 VDC
12 VDC
3.3 VDC
0A
1A
300KHz
1.5mA
3.3W
87.5%
79.5%
DCNSR-12S05
6.5 – 36 VDC
12 VDC
5 VDC
0A
1A
580KHz
2.5mA
5W
91.5%
83.0%
DCNSR-12S6.5
8 – 36 VDC
12 VDC
6.5 VDC
0A
1A
580KHz
3mA
6.5W
93.0%
86.0%
DCNSR-12S09
10.5 – 36 VDC
12 VDC
9 VDC
0A
1A
580KHz
3.5mA
9W
94.5%
88.5%
DCNSR-24S12
13.5 – 36 VDC
24 VDC
12 VDC
0A
1A
580KHz
2.5mA
12W
95.0%
91.5%
DCNSR-24S15
16.5 – 36 VDC
24 VDC
15 VDC
0A
1A
580KHz
3.5mA
15W
95.5%
92.5%
NEGATIVE OUTPUT APPLICATION (See Note 1)
Output Current
Efficiency
Model Number
Input Voltage
Range
Nominal
Input Voltage
Output
Voltage
Min Load
Max Load
Switching
Frequency
No Load
Current
Output
Power
Min Vin
Max Vin
DCNSR-12S1.5
4.6 – 32 VDC
12 VDC
-1.5 VDC
0A
-0.6A
300KHz
1mA
0.9W
69.5%
64.5%
DCNSR-12S1.8
4.6 – 32 VDC
12 VDC
-1.8 VDC
0A
-0.6A
300KHz
1mA
1.1W
72.0%
67.5%
DCNSR-12S2.5
4.6 – 32 VDC
12 VDC
-2.5 VDC
0A
-0.6A
300KHz
1mA
1.5W
72.0%
74.0%
DCNSR-12S3.0
4.6 – 32 VDC
12 VDC
-3.0 VDC
0A
-0.6A
300KHz
2mA
1.8W
73.0%
76.5%
DCNSR-12S3.3
4.6 – 32 VDC
12 VDC
-3.3 VDC
0A
-0.6A
300KHz
2mA
2W
74.0%
77.5%
DCNSR-12S05
4.6 – 31 VDC
12 VDC
-5 VDC
0A
-0.4A
580KHz
3mA
2W
79.5%
78.5%
DCNSR-12S6.5
7 – 29 VDC
12 VDC
-6.5 VDC
0A
-0.3A
580KHz
4mA
1.95W
84.5%
80.0%
DCNSR-12S09
7 – 27 VDC
12 VDC
-9 VDC
0A
-0.3A
580KHz
7mA
2.7W
85.0%
82.0%
DCNSR-24S12
7 – 24 VDC
12 VDC
-12 VDC
0A
-0.3A
580KHz
8mA
3.6W
85.0%
85.5%
DCNSR-24S15
7 – 21 VDC
12 VDC
-15 VDC
0A
-0.2A
580KHz
10mA
3W
85.5%
84.5%


Similar Part No. - DCNSR-12S05

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCNSR-12S05 WALL-DCNSR-12S05 Datasheet
440Kb / 5P
   1A Output Current
More results

Similar Description - DCNSR-12S05

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLIN-03F1A BEL-SLIN-03F1A Datasheet
422Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
V7NB-60A160 BEL-V7NB-60A160 Datasheet
180Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS
VRP1-20E2AC BEL-VRP1-20E2AC Datasheet
237Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
GRNC-C2A160 BEL-GRNC-C2A160 Datasheet
243Kb / 4P
   NON-ISOLATED DC/DC CONVERTERS
VRAF-08AT51 BEL-VRAF-08AT51 Datasheet
214Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
VRBC-70R1A0 BEL-VRBC-70R1A0 Datasheet
239Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E1A BEL-SLIN-06E1A_10 Datasheet
495Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E2A BEL-SLIN-06E2A_10 Datasheet
467Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06F1A BEL-SLIN-06F1A Datasheet
435Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
VRNB-40A180 BEL-VRNB-40A180 Datasheet
113Kb / 3P
   NON-ISOLATED DC/DC CONVERTERS
SRBG-30A1A0 BEL-SRBG-30A1A0 Datasheet
227Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com