Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

HA17384SPS Datasheet(PDF) 30 Page - Hitachi Semiconductor

Part No. HA17384SPS
Description  High Speed Current Mode PWM Control IC for Switching Power Supply
Download  31 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo 

HA17384SPS Datasheet(HTML) 30 Page - Hitachi Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 30 / 31 page
background image
HA17384SPS/SRP, HA17384HPS/HRP, HA17385HPS/HRP
30
Package Dimensions
Hitachi Code
JEDEC
EIAJ
Mass (reference value)
DP-8
Conforms
Conforms
0.54 g
Unit: mm
1
4
5
8
9.6
10.6 Max
0.89
1.3
2.54
± 0.25
0.48
± 0.10
7.62
0.25
+ 0.10
– 0.05
0
° – 15°
1.27 Max
Hitachi Code
JEDEC
EIAJ
Mass (reference value)
FP-8DC
Conforms
0.085 g
Unit: mm
*Dimension including the plating thickness
Base material dimension
4.90
0.25
0.15
0
° – 8°
M
8
5
1
4
1.27
0.40
± 0.06
*0.42
± 0.08
5.3 Max
0.75 Max
0.60
+ 0.67
– 0.20
6.10
+ 0.10
– 0.30
1.08


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn