Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCHUB10-12S05H Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # DCHUB10-12S05H
Description  10 Watt DC/DC Power Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCHUB10-12S05H Datasheet(HTML) 3 Page - Wall Industries,Inc.

  DCHUB10-12S05H Datasheet HTML 1Page - Wall Industries,Inc. DCHUB10-12S05H Datasheet HTML 2Page - Wall Industries,Inc. DCHUB10-12S05H Datasheet HTML 3Page - Wall Industries,Inc. DCHUB10-12S05H Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Wall Industries, Inc.
Rev A
DCHUB10H SERIES
10 Watt DC/DC Power Converters
06/19/2013
Wall Industries, Inc. • 5 Watson Brook Road, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 3 of 4
DERATING
DCHUB10-48S05 Derating Curve
120
100
80
60
40
20
0
-40
-20
0
20
40
60
80
100
120
Ambient Temperature (°C)
71
EFFICIENCY
DCHUB10-48S05 Efficiency vs Input Voltage
DCHUB10-48S05 Efficiency vs Output Current
18
24
30
36
42
48
54
60
66
75
90
85
80
75
70
65
60
55
50
Input Voltage (VDC)
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
90
85
80
75
70
65
60
55
50
Output Current (A)
CHARACTERISTICS
Transient Response at 50%~100% Max Load
Loop Gain & Phase at Vin=48VDC, Full Load


Similar Part No. - DCHUB10-12S05H

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHUB10-12S05H WALL-DCHUB10-12S05H Datasheet
449Kb / 4P
   10 Watt DC/DC Power Converters
More results

Similar Description - DCHUB10-12S05H

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCMJU10 WALL-DCMJU10 Datasheet
157Kb / 6P
   10 Watt DC/DC Power Converters
JFC10 WALL-JFC10 Datasheet
160Kb / 5P
   10 Watt DC/DC Power Converters
JRW WALL-JRW Datasheet
347Kb / 5P
   10 Watt DC/DC Power Converters
DCMJU10 WALL-DCMJU10_18 Datasheet
893Kb / 6P
   10 Watt DC/DC Power Converters
JFC10 WALL-JFC10_16 Datasheet
469Kb / 5P
   10 Watt DC/DC Power Converters
JFCW10 WALL-JFCW10 Datasheet
762Kb / 5P
   10 Watt DC/DC Power Converters
DCHUB10H WALL-DCHUB10H_16 Datasheet
449Kb / 4P
   10 Watt DC/DC Power Converters
JR WALL-JR Datasheet
348Kb / 5P
   10 Watt DC/DC Power Converters
JFCW10 WALL-JFCW10_16 Datasheet
583Kb / 5P
   10 Watt DC/DC Power Converters
logo
AIMTEC
AM10EW-C AIMTEC-AM10EW-C Datasheet
288Kb / 2P
   10 watt dc-dc converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com