Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCHUB10H Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # DCHUB10H
Description  10 Watt DC/DC Power Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCHUB10H Datasheet(HTML) 2 Page - Wall Industries,Inc.

  DCHUB10H Datasheet HTML 1Page - Wall Industries,Inc. DCHUB10H Datasheet HTML 2Page - Wall Industries,Inc. DCHUB10H Datasheet HTML 3Page - Wall Industries,Inc. DCHUB10H Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Wall Industries, Inc.
Rev A
DCHUB10H SERIES
10 Watt DC/DC Power Converters
06/19/2013
Wall Industries, Inc. • 5 Watson Brook Road, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 4
TECHNICAL SPECIFICATIONS: DCHUB10H SERIES
All specifications are based on 25°C, nominal input voltage, and maximum output current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Nom
Max
Unit
INPUT SPECIFICATIONS
12 VDC nominal input models
9
12
18
24VDC nominal input models
18
24
36
Input Voltage Range
48VDC nominal input models
36
48
75
VDC
12 VDC nominal input models
25
24VDC nominal input models
50
Input Surge Voltage (100ms max)
48VDC nominal input models
100
VDC
Input Reflected Ripple Current
Nominal Vin and full load
170
mAp-p
Input Current
See Table
Input Filter
Pi Type
Converter ON
Open or 3.5V < Vr < 12V
Remote On/Off
Converter OFF
Short to -Vin (Pin 2) or 0V < Vr < 1.2V
Sourcing Current of Remote Control Pin
Nominal Vin
0.2
mA
Idle Input Current (at Remote OFF State)
Nominal Vin
3
mA
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Accuracy
Full load and nominal Vin
-1
+1
%
Output Current
See Table
Minimum Load
See Table
Maximum Capacitive Load
See Table
Start-up Time
Nominal Vin and constant resistive load
770
ms
Line Regulation
LL to HL at full load
-0.5
+0.5
%
Single output models
25% load to full load
-0.5
+0.5
Balanced load
-0.5
+0.5
Load Regulation
Dual output models
Unbalanced load 25% to full load
-5
+5
%
Output Power
10
W
Ripple & Noise
20MHz bandwidth
100
mVp-p
Temperature Coefficient
±0.02
%/°C
Transient Response Overshoot
di/dt=0.8A/µs
-5
+5
% of Vo
Transient Response Settling Time
50% load step change
2000
µs
PROTECTION
3.3VDC output models
3.9
5VDC output models
6.2
12VDC output models
15
15VDC output models
18
Over Voltage Protection
24 VDC output models
Zener Diode Clamp
27
VDC
Short Circuit Protection
continuous, automatic recovery
Over Load Protection
% of full load at nominal input
150
%
GENERAL SPECIFICATIONS
Efficiency
Nominal input
See Table
Isolation Voltage (Input to Output)
Input to Output
3000
VDC
Isolation Resistance (Input to Output)
500VDC
1
Isolation Capacitance
500
pF
Switching Frequency
300
KHz
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
With derating (see derating curve)
-40
+85
°C
Maximum Case Surface Temperature
+100
°C
Storage Temperature
-55
+105
°C
Relative Humidity
5
95
% RH
Cooling
Free air convection
MTBF
1,960,000 hours
PHYSICAL SPECIFICATIONS
Case Material
Nickel-coated copper
Base Material
Non-conductive black plastic
Potting Material
Silicon rubber (UL94V-0)
Weight
1.06oz (30g)
Dimensions (L x W x H)
2.0 x 1.0 x 0.4 inches (50.8 x 25.4 x 10.2 mm)


Similar Part No. - DCHUB10H

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHUB10H WALL-DCHUB10H Datasheet
449Kb / 4P
   10 Watt DC/DC Power Converters
DCHUB10H WALL-DCHUB10H_16 Datasheet
449Kb / 4P
   10 Watt DC/DC Power Converters
More results

Similar Description - DCHUB10H

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCMJU10 WALL-DCMJU10 Datasheet
157Kb / 6P
   10 Watt DC/DC Power Converters
JFC10 WALL-JFC10 Datasheet
160Kb / 5P
   10 Watt DC/DC Power Converters
JRW WALL-JRW Datasheet
347Kb / 5P
   10 Watt DC/DC Power Converters
DCMJU10 WALL-DCMJU10_18 Datasheet
893Kb / 6P
   10 Watt DC/DC Power Converters
JFC10 WALL-JFC10_16 Datasheet
469Kb / 5P
   10 Watt DC/DC Power Converters
JFCW10 WALL-JFCW10 Datasheet
762Kb / 5P
   10 Watt DC/DC Power Converters
DCHUB10H WALL-DCHUB10H_16 Datasheet
449Kb / 4P
   10 Watt DC/DC Power Converters
JR WALL-JR Datasheet
348Kb / 5P
   10 Watt DC/DC Power Converters
JFCW10 WALL-JFCW10_16 Datasheet
583Kb / 5P
   10 Watt DC/DC Power Converters
logo
AIMTEC
AM10EW-C AIMTEC-AM10EW-C Datasheet
288Kb / 2P
   10 watt dc-dc converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com