Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMYFW48S15-1000 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # CMYFW48S15-1000
Description  15 Watt Single Output Chassis Mount DC/DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

CMYFW48S15-1000 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  CMYFW48S15-1000 Datasheet HTML 1Page - Wall Industries,Inc. CMYFW48S15-1000 Datasheet HTML 2Page - Wall Industries,Inc. CMYFW48S15-1000 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
Rev. B
CMYFW15 Series
15 Watt Single Output
Chassis Mount DC/DC Converter
4:1 Ultra Wide Input Voltage Range
OUTPUT VOLTAGE / CURRENT RATING CHART
Output Current
Input Current
Model Number
Input
Range
Output
Voltage
Min. load Full load
Output
(2)
Ripple & Noise No load (3) Full load (2)
Efficiency
(4)
Capacitor
(5)
Load max
CMYFW24S5-3000
5 VDC
210mA
3000mA
75mVp-p
20mA
822mA
80%
6800uF
CMYFW24S12-1250
12 VDC
100mA
1250mA
75mVp-p
10mA
801mA
82%
890uF
CMYFW24S15-1000
24 VDC
(9-36 VDC)
15 VDC
80mA
1000mA
75mVp-p
20mA
801mA
82%
570uF
CMYFW48S5-3000
5 VDC
210mA
3000mA
75mVp-p
15mA
411mA
80%
6800uF
CMYFW48S12-1250
12 VDC
100mA
1250mA
75mVp-p
15mA
401mA
82%
890uF
CMYFW48S15-1000
48VDC
(18-75 VDC)
15 VDC
80mA
1000mA
75mVp-p
10mA
401mA
82%
570uF
NOTES
1. BELLCORE TR-NWT-000332. Case I: 50% Stress, Temperature at 40ºC. (Ground fixed and controlled environment).
2. Maximum value at nominal input voltage and full load.
3. Typical value at nominal input voltage and no load.
4. Typical value at nominal input voltage and full load.
5. Test by minimum Vin and constant resistive load.
6. The output requires a minimum loading to maintain specified regulation. Operation under no-load condition will not damage these
devices, however they may not meet all listed specifications.
7. The ON/OFF control pin voltage is reference to -Vin.
8. Heat-sink is optional, please contact factory for ordering details.
9. Chassis Mount Options: No suffix for open frame, “U” suffix for U Channel, and “E” suffix for Enclosed type.
DERATING CURVES & EFFICIENCY GRAPHS


Similar Part No. - CMYFW48S15-1000

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
CMYF(W)24S12-1600 WALL-CMYF(W)24S12-1600 Datasheet
220Kb / 3P
   20 Watt Single Output Chassis Mount DC/DC Converter
CMYF(W)24S15-1330 WALL-CMYF(W)24S15-1330 Datasheet
220Kb / 3P
   20 Watt Single Output Chassis Mount DC/DC Converter
CMYF(W)24S33-4000 WALL-CMYF(W)24S33-4000 Datasheet
220Kb / 3P
   20 Watt Single Output Chassis Mount DC/DC Converter
CMYF(W)24S5-4000 WALL-CMYF(W)24S5-4000 Datasheet
220Kb / 3P
   20 Watt Single Output Chassis Mount DC/DC Converter
CMYF(W)48S12-1600 WALL-CMYF(W)48S12-1600 Datasheet
220Kb / 3P
   20 Watt Single Output Chassis Mount DC/DC Converter
More results

Similar Description - CMYFW48S15-1000

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCSD-150 WALL-DCSD-150 Datasheet
176Kb / 3P
   150 Watt Single Output Chassis Mount DC/DC Converter
DCSD-50 WALL-DCSD-50 Datasheet
220Kb / 3P
   50 Watt Single Output Chassis Mount DC/DC Converter
DCSD-25 WALL-DCSD-25 Datasheet
238Kb / 3P
   25 Watt Single Output Chassis Mount DC/DC Converter
DCSD-100 WALL-DCSD-100 Datasheet
170Kb / 3P
   100 Watt Single Output Chassis Mount DC/DC Converter
CMJRW WALL-CMJRW Datasheet
250Kb / 3P
   10 Watt Single Output Chassis Mount DC/DC Converter 4:1 Ultra Wide Input Voltage Range
Rev. B
CMYF-CMYFW WALL-CMYF-CMYFW Datasheet
220Kb / 3P
   20 Watt Single Output Chassis Mount DC/DC Converter
CMFA WALL-CMFA Datasheet
157Kb / 3P
   Full Brick 250-300 Watt, Single Output Chassis Mount DC/DC Converter
AM503-303N WALL-AM503-303N Datasheet
419Kb / 4P
   1 Watt Surface Mount DC/DC Converter Single Output
CMRJW WALL-CMRJW_16 Datasheet
180Kb / 2P
   12 Watt Single Output 4:1 Input Voltage Range Chassis Mount DC/DC Converter
CMDB WALL-CMDB Datasheet
248Kb / 3P
   40 Watt Single Output 2:1 Input Voltage Range Chassis Mount DC/DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com