Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CV5S2.5-3000 Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # CV5S2.5-3000
Description  Non-Isolated DC/DC Converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

CV5S2.5-3000 Datasheet(HTML) 3 Page - Wall Industries,Inc.

  CV5S2.5-3000 Datasheet HTML 1Page - Wall Industries,Inc. CV5S2.5-3000 Datasheet HTML 2Page - Wall Industries,Inc. CV5S2.5-3000 Datasheet HTML 3Page - Wall Industries,Inc. CV5S2.5-3000 Datasheet HTML 4Page - Wall Industries,Inc. CV5S2.5-3000 Datasheet HTML 5Page - Wall Industries,Inc. CV5S2.5-3000 Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Rev. C
CV Series
1.8 to 45 Watts
Adjustable Output Voltage
Non-Isolated DC/DC Converters
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
01/02/2013
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 3 of 6
SPECIFICATIONS: CV SERIES
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
GENERAL SPECIFICATIONS
Efficiency
Nominal input voltage and full load
See Table
CV5S2.5-3000 & CV12S3.3-3000
540
600
660
Switching Frequency
CV24S5-3000 & CV24S12-3000
270
300
330
KHz
Isolation Voltage
none
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
See derating curves
-40
+85
°C
Storage Temperature
-55
+125
°C
Thermal Shock
MIL-STD-810F
BELLCORE TR-NWT-000332 Case 1: 50% Stress, Ta=40°C
6,250,000 hours
MTBF
MIL-HDBK-217F Ta=25°C, full load, (G/B, controlled environment)
1,638,000 hours
PHYSICAL SPECIFICATIONS
Case Material
Open frame
Potting Material
none
CV5S2.5-3000 & CV12S3.3-3000
0.06oz (1.7g)
Weight
CV24S5-3000 & CV24S12-3000
0.074oz (2.1g)
CV5S2.5-3000 & CV12S3.3-3000
0.37 x 0.24 x 0.61 inches (9.4 x 6.0 x 15.5 mm)
Dimensions (L x W x H)
CV24S5-3000 & CV24S12-3000
0.41 x 0.24 x 0.65 inches (10.4 x 6.0 x 16.5 mm)
SAFETY
Safety Approvals
IEC60950-1, UL60950-1, EN60950-1
NOTES
1. Output voltage programmable from 0.6V to 3.3V, 0.59V to 6.0V, 3.0V to 6.0V, and 5.0V to 15V by connecting a single resistor between the TRIM
and GND pins of the module. To calculate the value of the resistor (R
trim) for a particular output voltage (Vo), use the equations shown in Table 1.
2. CV12S3.3-3000: When using negative output application, |Vo| trim up > 3.3V and the output current is 1.5A max.
3. CV12S3.3-3000: When Vo,set < 0.9VDC the input voltage range is 4.5 ~ 9 VDC.
4. Both vertical mounting and horizontal mounting SIP types are available. Add the suffix “A” to the model number for horizontal mounting SIP type.
5. CAUTION: This power module is not internally fused. An input line fuse must always be used.
MODEL SELECTION TABLE
POSITIVE OUTPUT APPLICATION
Max Capacitive Load
Model Number
Input Range
Output Voltage (1)
Output
Current
Maximum Input
Current
No Load
Input Current
Output Power
Efficiency
ESR≥1mΩ ESR≥10mΩ
CV5S2.5-3000
2.5 ~ 5.5VDC
0.6 ~ 3.3 VDC
3A
3.0A
20mA
1.8W ~ 9.9W
95% @ 2.5Vo
1000µF
3000µF
CV12S3.3-3000
4.5 ~ 14VDC
0.59 ~ 6 VDC
3A
2.6A
25mA
1.77W ~ 18W
93% @ 3.3Vo
1000µF
3000µF
CV24S5-3000
10 ~ 30VDC
3 ~ 6 VDC
3A
2.2A
25mA
9W ~ 18W
91% @ 5.0Vo
1000µF
3000µF
CV24S12-3000
10 ~ 30VDC
5 ~ 15 VDC
3A
3.0A
30mA
15W ~ 45W
95% @ 12Vo
500µF
1200µF
NEGATIVE OUTPUT APPLICATION
Model Number
Input Range
Output Voltage
Output
Current (2)
Maximum
Input Current
No Load
Input Current
Output Power
Efficiency
Max Capacitive Load
CV12S3.3-3000
4.7 ~ 13VDC
-0.59 ~ -6 VDC
2.2A
2.6A
35mA
1.3W ~ 13.2W 90% @ 3.3Vo
780µF
CV24S5-3000
10 ~ 27VDC
-3 ~ -6 VDC
2.2A
2.2A
35mA
6.6W ~ 13.2W 90% @ 5.0Vo
2200µF
CV24S12-3000
10 ~ 25VDC
-5 ~ -15 VDC
1.2A
3.0A
60mA
6W ~ 18W
91% @ 12Vo
580µF


Similar Part No. - CV5S2.5-3000

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
CV5S2.5-3000 WALL-CV5S2.5-3000 Datasheet
1Mb / 6P
   Output Current up to 3A
CV5S2.5-3000 WALL-CV5S2.5-3000 Datasheet
1Mb / 6P
   Output Current up to 3A
More results

Similar Description - CV5S2.5-3000

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLIN-03F1A BEL-SLIN-03F1A Datasheet
422Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
V7NB-60A160 BEL-V7NB-60A160 Datasheet
180Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS
VRP1-20E2AC BEL-VRP1-20E2AC Datasheet
237Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
GRNC-C2A160 BEL-GRNC-C2A160 Datasheet
243Kb / 4P
   NON-ISOLATED DC/DC CONVERTERS
VRAF-08AT51 BEL-VRAF-08AT51 Datasheet
214Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
VRBC-70R1A0 BEL-VRBC-70R1A0 Datasheet
239Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E1A BEL-SLIN-06E1A_10 Datasheet
495Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E2A BEL-SLIN-06E2A_10 Datasheet
467Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06F1A BEL-SLIN-06F1A Datasheet
435Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
VRNB-40A180 BEL-VRNB-40A180 Datasheet
113Kb / 3P
   NON-ISOLATED DC/DC CONVERTERS
SRBG-30A1A0 BEL-SRBG-30A1A0 Datasheet
227Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com