Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA16117FA Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # HA16117FA
Description  CMOS Watchdog Timer
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA16117FA Datasheet(HTML) 3 Page - Hitachi Semiconductor

  HA16117FA Datasheet HTML 1Page - Hitachi Semiconductor HA16117FA Datasheet HTML 2Page - Hitachi Semiconductor HA16117FA Datasheet HTML 3Page - Hitachi Semiconductor HA16117FA Datasheet HTML 4Page - Hitachi Semiconductor HA16117FA Datasheet HTML 5Page - Hitachi Semiconductor HA16117FA Datasheet HTML 6Page - Hitachi Semiconductor HA16117FA Datasheet HTML 7Page - Hitachi Semiconductor HA16117FA Datasheet HTML 8Page - Hitachi Semiconductor HA16117FA Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
HA16117F Series
3
Block Diagram
1
6
5
8
2
3
7
+
4
+
5 V
0.1
µ
VCC
GND
CR
Tadj
R1
510 k
R2
750 k
P-RUN
0.01
µ
CF
ACC
PULSE from I/O port
W.D in
SW2
1.25 V
2.52 (117FA)
2.36 (117FB)
2.20 (117FC)
SW1
COMP.
COMP.
to Micro-
computer
RES
W.D in frequency (Hz)
duty 50%
W.D out
W.D out
duty (%)
duty n%
1/2 frequency
divider
GND
1
Operating: "Low"
Standby: "High"
n
fL/2
fH/2
Normal range
I2
I2 adjustment
I1
Power-on and auto-reset circuit
(*I1 < I2)
(SW1 and SW2 are active high)
Watchdog filter (f-duty converter)
Watchdog timer
Low voltage detector
ACC Voltage
Function
Low
Low voltage detection and WDT
Low voltage detection
Mode
Operating
Note: The power-on reset circuit operates in both operating and standby modes.
Standby
High
The HA16117F consists of a low voltage detector, power-on and auto-reset circuit, and watchdog timer.
Low Voltage Detector
Uses a reference voltage source (
≈ 1.25 V) and high-precision comparator to detect drops in the supply
voltage.
Power-On and Auto-Reset Circuit
Generates the
RES waveform, using a multivibrator consisting of a current source I
1 that charges the
external capacitor C
R, a current source I2 that discharges CR, and a comparator.


Similar Part No. - HA16117FA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA16117F RENESAS-HA16117F Datasheet
551Kb / 31P
   CMOS Watchdog Timer
logo
Hitachi Metals, Ltd
HA16117F HITACHI-METALS-HA16117F Datasheet
250Kb / 31P
   CMOS Watchdog Timer
logo
Renesas Technology Corp
HA16117FPA RENESAS-HA16117FPA Datasheet
551Kb / 31P
   CMOS Watchdog Timer
logo
Hitachi Metals, Ltd
HA16117FPA HITACHI-METALS-HA16117FPA Datasheet
250Kb / 31P
   CMOS Watchdog Timer
logo
Renesas Technology Corp
HA16117FPAJ RENESAS-HA16117FPAJ Datasheet
551Kb / 31P
   CMOS Watchdog Timer
More results

Similar Description - HA16117FA

ManufacturerPart #DatasheetDescription
logo
Hitachi Metals, Ltd
HA16117F HITACHI-METALS-HA16117F Datasheet
250Kb / 31P
   CMOS Watchdog Timer
logo
Renesas Technology Corp
HA16117F RENESAS-HA16117F Datasheet
551Kb / 31P
   CMOS Watchdog Timer
logo
Hitachi Semiconductor
HA16103 HITACHI-HA16103 Datasheet
106Kb / 21P
   Watchdog Timer
logo
Renesas Technology Corp
HA16103FPJ RENESAS-HA16103FPJ Datasheet
364Kb / 19P
   Watchdog Timer
logo
Axiomtek Co., Ltd.
EBOX630-850-FL AXIOMTEK-EBOX630-850-FL Datasheet
350Kb / 1P
   Watchdog Timer
logo
Toshiba Semiconductor
TA8030F TOSHIBA-TA8030F Datasheet
292Kb / 9P
   WATCHDOG TIMER
TA8030S TOSHIBA-TA8030S Datasheet
267Kb / 9P
   WATCHDOG TIMER
logo
Renesas Technology Corp
M5295AL RENESAS-M5295AL Datasheet
165Kb / 13P
   Watchdog Timer
logo
Hitachi Semiconductor
HA1835P HITACHI-HA1835P Datasheet
59Kb / 13P
   Watchdog Timer
logo
Mitsubishi Electric Sem...
M5295AL MITSUBISHI-M5295AL Datasheet
116Kb / 8P
   WATCHDOG TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com