Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSB33VTE-17 Datasheet(PDF) 1 Page - Rohm

Part # RSB33VTE-17
Description  Bi direction ESD Protection Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RSB33VTE-17 Datasheet(HTML) 1 Page - Rohm

  RSB33VTE-17 Datasheet HTML 1Page - Rohm RSB33VTE-17 Datasheet HTML 2Page - Rohm RSB33VTE-17 Datasheet HTML 3Page - Rohm RSB33VTE-17 Datasheet HTML 4Page - Rohm RSB33VTE-17 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Data Sheet
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
1/4
2011.11 - Rev.A
Bi direction ESD Protection Diode
RSB33V
Applications
Dimensions (Unit : mm)
Land size figure (Unit : mm)
ESD Protection
Features
1)Small mold type. (UMD2)
2)High reliability.
3)Bi-directionality.
Constructions
Silicon epitaxial planer
Structure
Absolute maximum ratings (Ta=25
°C)
Symbol
Unit
Pd
mW
Tj
°C
Tstg
°C
Electrical characteristics (Ta=25
°C)
Symbol
Min.
Typ.
Max.
Unit
Conditions
Zener voltage
VZ
29.7
-
36.3
V
IZ=1mA
Reverse current
IR
-
-
0.1
μA
VR=25V
Ct
-
-
30
pF
VR=0V , f=1MHz
*Zener voltage (Vz)shall be measured at 40ms after loading current.
Junction capacitance
Taping dimensions (Unit : mm)
Parameter
Limits
Power dissipation
200
Junction temperature
150
Storage temperature
−55 to +150
Parameter
UMD2
0.9MIN.
ROHM : UMD2
JEITA : SC-901A
JEDEC : SOD-323
dot (year week factory)
0.3±0.05
0.7±0.2
    0.1
0.1±0.1
    0.05
1.25±0.1
4.0±0.1
2.0±0.05
φ1.55±0.05
1.40±0.1
4.0±0.1
φ1.05
0.3±0.1
1.0±0.1


Similar Part No. - RSB33VTE-17

ManufacturerPart #DatasheetDescription
logo
Rohm
RSB33V ROHM-RSB33V Datasheet
1Mb / 5P
   Bi direction ESD Protection Diode
RSB33VFH ROHM-RSB33VFH Datasheet
907Kb / 8P
   Bi direction ESD Protection Diode
More results

Similar Description - RSB33VTE-17

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
ESDBL5V0AE1 JIANGSU-ESDBL5V0AE1 Datasheet
1Mb / 6P
   Bi-direction ESD Protection Diode
ESDBU5V0Y1 JIANGSU-ESDBU5V0Y1 Datasheet
698Kb / 6P
   Bi-direction ESD Protection Diode
ESDBW5V0A1 JIANGSU-ESDBW5V0A1 Datasheet
8Mb / 6P
   Bi-direction ESD Protection Diode
ESDBW5V0D3 JIANGSU-ESDBW5V0D3 Datasheet
9Mb / 6P
   Bi-direction ESD Protection Diode
logo
Rohm
RSB6.8SMFH ROHM-RSB6.8SMFH Datasheet
950Kb / 8P
   Bi direction ESD Protection Diode
logo
Jiangsu Changjiang Elec...
CESDBLC5V0D9 JIANGSU-CESDBLC5V0D9 Datasheet
721Kb / 6P
   Bi-direction ESD Protection Diode
logo
Rohm
RSB27K2 ROHM-RSB27K2_12 Datasheet
535Kb / 8P
   Bi direction ESD Protection Diode
RSB6.8ZS ROHM-RSB6.8ZS_14 Datasheet
523Kb / 9P
   Bi direction ESD Protection Diode
RSB6.8ZS ROHM-RSB6.8ZS Datasheet
1Mb / 5P
   Bi direction ESD Protection Diode
RSB33V ROHM-RSB33V Datasheet
1Mb / 5P
   Bi direction ESD Protection Diode
RSBC6.8CS ROHM-RSBC6.8CS Datasheet
1Mb / 4P
   Bi direction ESD Protection diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com