Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMDMW24S12-1250 Datasheet(PDF) 5 Page - Wall Industries,Inc.

Part # CMDMW24S12-1250
Description  Chassis Mount DC/DC Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

CMDMW24S12-1250 Datasheet(HTML) 5 Page - Wall Industries,Inc.

  CMDMW24S12-1250 Datasheet HTML 1Page - Wall Industries,Inc. CMDMW24S12-1250 Datasheet HTML 2Page - Wall Industries,Inc. CMDMW24S12-1250 Datasheet HTML 3Page - Wall Industries,Inc. CMDMW24S12-1250 Datasheet HTML 4Page - Wall Industries,Inc. CMDMW24S12-1250 Datasheet HTML 5Page - Wall Industries,Inc. CMDMW24S12-1250 Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
CMDMW Series
15 Watt Single Output
Chassis Mount DC/DC Converter
4:1 Ultra Wide Input Voltage Range
Rev. B
TEST CONFIGURATIONS
Input Reflected-Ripple Current Test Setup
Input reflected-ripple current is measured with an inductor Lin (4.7uH) and Cin (220uF, ESR < 1.0Ω at 100 KHz) to simulate source
impedance.
Capacitor Cin offsets possible battery impedance.
Current ripple is measured at the input terminals of the module. Measurement bandwidth is 0-500 KHz.
Peak-to-Peak Output Noise Measurement Test
Use a Cout 0.47uF ceramic capacitor.
Scope measurement should be made by using a BNC socket; measurement bandwidth is 0-20 MHz. Position the load between 50 mm and
75 mm from the DC/DC Converter.
Thermal Considerations
Many conditions affect the thermal performance of the power module, such as orientation, airflow over the module, and board spacing. To
avoid exceeding the maximum temperature rating of the components inside the power module, the case temperature must be kept below
100°C. The derating curves are determined from measurements obtained in an experimental apparatus.


Similar Part No. - CMDMW24S12-1250

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
CMDM WALL-CMDM Datasheet
278Kb / 3P
   Chassis Mount DC/DC Converter
CMDM12S12-1250 WALL-CMDM12S12-1250 Datasheet
278Kb / 3P
   Chassis Mount DC/DC Converter
CMDM12S15-1000 WALL-CMDM12S15-1000 Datasheet
278Kb / 3P
   Chassis Mount DC/DC Converter
CMDM12S3.3-4000 WALL-CMDM12S3.3-4000 Datasheet
278Kb / 3P
   Chassis Mount DC/DC Converter
CMDM12S5-3000 WALL-CMDM12S5-3000 Datasheet
278Kb / 3P
   Chassis Mount DC/DC Converter
More results

Similar Description - CMDMW24S12-1250

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
DFEC40 P-DUKE-DFEC40_14 Datasheet
334Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
DFEC30W P-DUKE-DFEC30W_14 Datasheet
324Kb / 3P
   CHASSIS-MOUNT DC-DC CONVERTER
logo
CUI INC
VHK75W CUI-VHK75W_09 Datasheet
747Kb / 9P
   chassis mount dc-dc converter
logo
Power Mate Technology C...
UFED20 P-DUKE-UFED20_14 Datasheet
544Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
UFEC60 P-DUKE-UFEC60_14 Datasheet
526Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
logo
CUI INC
VHK200W CUI-VHK200W Datasheet
830Kb / 10P
   chassis mount dc-dc converter
logo
Power Mate Technology C...
UFEC30W P-DUKE-UFEC30W_14 Datasheet
530Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
logo
Wall Industries,Inc.
CMRJW WALL-CMRJW Datasheet
208Kb / 2P
   Chassis Mount DC/DC Converter
logo
Power Mate Technology C...
UFEC40 P-DUKE-UFEC40_14 Datasheet
542Kb / 5P
   CHASSIS-MOUNT DC-DC CONVERTER
logo
CUI INC
VHK75W CUI-VHK75W_11 Datasheet
787Kb / 10P
   chassis mount dc-dc converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com