Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

00-10-11 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # 00-10-11
Description  Add case outline M. Technical changes and corrections to table I. Editorial changes throughout.
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

00-10-11 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button 00-10-11 Datasheet HTML 15Page - List of Unclassifed Manufacturers 00-10-11 Datasheet HTML 16Page - List of Unclassifed Manufacturers 00-10-11 Datasheet HTML 17Page - List of Unclassifed Manufacturers 00-10-11 Datasheet HTML 18Page - List of Unclassifed Manufacturers 00-10-11 Datasheet HTML 19Page - List of Unclassifed Manufacturers 00-10-11 Datasheet HTML 20Page - List of Unclassifed Manufacturers 00-10-11 Datasheet HTML 21Page - List of Unclassifed Manufacturers 00-10-11 Datasheet HTML 22Page - List of Unclassifed Manufacturers 00-10-11 Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 50 page
background image
STANDARD
MICROCIRCUIT DRAWING
SIZE
A
77034
DEFENSE SUPPLY CENTER COLUMBUS
COLUMBUS, OHIO 43218-3990
REVISION LEVEL
X
SHEET
19
DSCC FORM 2234
APR 97
TABLE I. Electrical performance characteristics - Continued.
Test
Symbol
Conditions
-55
°C ≤ T
A ≤ +125°C
IL = 8 mA
Group A
subgroups
Device
type
Limits
Unit
unless otherwise specified
Min
Max
Cases X, 2, 5, and 6 - Continued.
Minimum load current
ILMIN
VDIFF = 3.0 V,
VOUT = 1.4 V (forced)
1
05
5
mA
VDIFF = 3.3 V,
VOUT = 1.4 V (forced)
2,3
5
VDIFF = 40 V,
VOUT = 1.4 V (forced)
1,2,3
5
Current limit 2/
ICL
VDIFF = 15 V
1,2,3
05
0.5
1.65
A
VDIFF = 40 V
1
0.15
0.65
Cases M, N, T, U, Y, Z
Reference voltage
VREF
VDIFF = 3.0 V
1
05
1.238
1.262
V
VDIFF = 3.3 V
2,3
1.225
1.270
VDIFF = 40 V
1,2,3
1.225
1.270
Line regulation
RLINE
VOUT = VREF,
3.0 V
≤ V
DIFF ≤ 40 V
1
05
±4.5
mV
VOUT = VREF,
3.3 V
≤ V
DIFF ≤ 40 V
2,3
±9
Load regulation 1/
RLOAD
VDIFF = 3 V,
10 mA
≤ I
L ≤ 1.5 A
1
05
±15
mV
VDIFF = 3.3 V,
10 mA
≤ I
L ≤ 1.5 A
2,3
±15
VDIFF = 40 V,
10 mA
≤ I
L ≤ 300 mA
1
±15
VDIFF = 40 V,
10 mA
≤ I
L ≤ 195 mA
2,3
±15
Thermal regulation
VRTH
VIN = +14.6 V,
IL = 1.5 A,
PD = 20 watts, t = 20 ms,
TA = +25°C
1
05
±5
mV
See footnotes at end of table.


Similar Part No. - 00-10-11

ManufacturerPart #DatasheetDescription
logo
C&K Components
00-2-B-C-B CK-COMPONENTS-00-2-B-C-B Datasheet
228Kb / 3P
   Subminiature Rotary Switches
2018
logo
Tyco Electronics
00-21028-1 MACOM-00-21028-1 Datasheet
187Kb / 7P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
logo
Molex Electronics Ltd.
00-39-01-6026 MOLEX-00-39-01-6026 Datasheet
75Kb / 1P
   2 & 4 CKT.RECEPTACLE.MINI-FKT FR.SERIES
logo
AVX Corporation
00-6200-512-130-000 AVX-00-6200-512-130-000 Datasheet
312Kb / 3P
   1.0mm Pitch RA Through hole / SMT Bottom contact Slide lock
00-6200-512-230-000 AVX-00-6200-512-230-000 Datasheet
312Kb / 3P
   1.0mm Pitch RA Through hole / SMT Bottom contact Slide lock
More results

Similar Description - 00-10-11

ManufacturerPart #DatasheetDescription
logo
Analog Devices
5962-87719 AD-5962-87719 Datasheet
121Kb / 11P
   Add case outline 2 Editorial changes throughout
logo
PHOENIX CONTACT
1404984 PHOENIX-1404984 Datasheet
61Kb / 1P
   TECHNICAL CHANGES RESERVED
1405221 PHOENIX-1405221 Datasheet
88Kb / 1P
   TECHNICAL CHANGES RESERVED
1404974 PHOENIX-1404974 Datasheet
105Kb / 1P
   TECHNICAL CHANGES RESERVED
logo
Laird Tech Smart Techno...
BTM420 LSTD-BTM420 Datasheet
1Mb / 21P
   Changes and Revisions
logo
NXP Semiconductors
MC68HC11P2 NXP-MC68HC11P2 Datasheet
243Kb / 2P
   This addendum provides changes to the MC68HC11P2/MC68HC711P2 Technical Data
logo
Freescale Semiconductor...
MC908MR16CBE FREESCALE-MC908MR16CBE Datasheet
1Mb / 282P
   The following revision history table summarizes changes contained in this document.
logo
List of Unclassifed Man...
SDC-300 ETC2-SDC-300 Datasheet
36Kb / 1P
   Engineering Update w/o Changes
logo
Texas Instruments
TM4C1237H6PGE TI1-TM4C1237H6PGE Datasheet
6Mb / 1311P
[Old version datasheet]   The revision history table notes changes made between the indicated revisions of the
OMAP5912ZZG TI-OMAP5912ZZG Datasheet
2Mb / 269P
[Old version datasheet]   This data sheet revision history highlights the technical changes made to SPRS231D to generate SPRS231E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com