Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA16114PJ Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part # HA16114PJ
Description  Switching Regulator for Chopper Type DC/DC Converter
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA16114PJ Datasheet(HTML) 5 Page - Hitachi Semiconductor

  HA16114PJ Datasheet HTML 1Page - Hitachi Semiconductor HA16114PJ Datasheet HTML 2Page - Hitachi Semiconductor HA16114PJ Datasheet HTML 3Page - Hitachi Semiconductor HA16114PJ Datasheet HTML 4Page - Hitachi Semiconductor HA16114PJ Datasheet HTML 5Page - Hitachi Semiconductor HA16114PJ Datasheet HTML 6Page - Hitachi Semiconductor HA16114PJ Datasheet HTML 7Page - Hitachi Semiconductor HA16114PJ Datasheet HTML 8Page - Hitachi Semiconductor HA16114PJ Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
HA16114P/PJ/FP/FPJ, HA16120FP/FPJ
5
Timing Waveforms
T =
1
OSC
1.6 V typ
1.0 V
typ
V
0 V
IN
V
0 V
IN
Off
Off
Off
Off
On
On
On
On
On
Off
Off
Off
Off
Off
On
On
On
On
On
Dead-band
voltage (at DB)
Sawtooth wave
(at C )
Off
Error amplifier
output (at E/O)
HA16114 PWM
pulse output
(drives gate of
P-channel
power MOS FET)
HA16120 PWM
pulse output
(drives gate of
N-channel
power MOS FET)
Time t
Note: On duty =
tON
T
Generation of PWM pulse output from sawtooth wave (during steady-state operation)
T
f


Similar Part No. - HA16114PJ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA16114PJ RENESAS-HA16114PJ Datasheet
499Kb / 38P
   Switching Regulator for Chopper Type DC/DC Converter
More results

Similar Description - HA16114PJ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA16114P RENESAS-HA16114P Datasheet
499Kb / 38P
   Switching Regulator for Chopper Type DC/DC Converter
logo
Hitachi Semiconductor
HA16116FP HITACHI-HA16116FP Datasheet
250Kb / 34P
   Switching Regulator for Chopper Type DC/DC Converter
logo
Renesas Technology Corp
HA16116FP RENESAS-HA16116FP Datasheet
439Kb / 34P
   Switching Regulator for Chopper Type DC/DC Converter
logo
Toshiba Semiconductor
2SK2311 TOSHIBA-2SK2311_09 Datasheet
433Kb / 6P
   Chopper Regulator, DC−DC Converter and Switching Regulator Applications
2SK2998 TOSHIBA-2SK2998_10 Datasheet
382Kb / 6P
   Chopper Regulator, DC−DC Converter Applications
2SK2884 TOSHIBA-2SK2884_09 Datasheet
433Kb / 6P
   Chopper Regulator, DC−DC Converter Applications
2SK4023 TOSHIBA-2SK4023 Datasheet
215Kb / 6P
   Switching Regulator, DC/DC Converter
2SK4023 TOSHIBA-2SK4023_09 Datasheet
188Kb / 6P
   Switching Regulator, DC/DC Converter
2SK2266 TOSHIBA-2SK2266_09 Datasheet
441Kb / 6P
   Chopper Regulator, DC- DC Converter and Motor Drive
2SK4003 TOSHIBA-2SK4003_09 Datasheet
145Kb / 3P
   Chopper Regulator, DC-DC Converter and Motor Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com