Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA16107P Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # HA16107P
Description  PWM Switching Regulator for High-performance Voltage Mode Control
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA16107P Datasheet(HTML) 3 Page - Hitachi Semiconductor

  HA16107P Datasheet HTML 1Page - Hitachi Semiconductor HA16107P Datasheet HTML 2Page - Hitachi Semiconductor HA16107P Datasheet HTML 3Page - Hitachi Semiconductor HA16107P Datasheet HTML 4Page - Hitachi Semiconductor HA16107P Datasheet HTML 5Page - Hitachi Semiconductor HA16107P Datasheet HTML 6Page - Hitachi Semiconductor HA16107P Datasheet HTML 7Page - Hitachi Semiconductor HA16107P Datasheet HTML 8Page - Hitachi Semiconductor HA16107P Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
HA16107P/FP, HA16108P/FP
3
Pin Arrangement
VIN
OUT
CL(+)
VE
CL(
−)
RT1
CT
RT2
TL, ON/OFF
E/O
IN(
−)
NC
GND
IN(+)
ST
Vref
(Top view)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Note 1
Note 2
Notes: 1.
2.
In the SOP package models (HA16107FP and HA16108FP) pins 4, 5, and 13 are connected
inside the IC. However, all must be connected to the system ground.
Pin 16 is TL (HA16107), ON/OFF (HA16108).
Pin Functions
• HA16107P, HA16108P
Pin No.
Symbol
Pin Functions
1V
IN
Input voltage
2
OUT
Pulse output
3
CL (+)
Current limiter
4V
E
Output ground
5
CL (–)
Current limiter
6R
T1
Timing resistor (rising time)
7C
T
Timing capacitor
8R
T2
Timing resistor (falling time)
9
Vref
Reference voltage output
10
ST
Soft start
11
IN (+)
Error amp (+) input
12
GND
Ground
13
NC
NC
14
IN (–)
Error amp (–) input
15
E/O
Error output
16
TL, ON/OFF
Timer latch (HA16107), ON/OFF (HA16108)


Similar Part No. - HA16107P

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA16107P HITACHI-HA16107P Datasheet
361Kb / 16P
   600kHz PWM Switching Regulator Controller
logo
Renesas Technology Corp
HA16107P RENESAS-HA16107P Datasheet
454Kb / 40P
   PWM Switching Regulator for High-performance Voltage Mode Control
More results

Similar Description - HA16107P

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA16107P RENESAS-HA16107P Datasheet
454Kb / 40P
   PWM Switching Regulator for High-performance Voltage Mode Control
logo
List of Unclassifed Man...
THX208 ETC2-THX208 Datasheet
804Kb / 22P
   High-performance current - mode PWM regulator
logo
Allegro MicroSystems
STR-A60XXM ALLEGRO-STR-A60XXM Datasheet
403Kb / 14P
   Current Mode Control PWM Regulator IC For Switching Power Supplies
logo
Sanken electric
STR2W152D SANKEN-STR2W152D Datasheet
188Kb / 9P
   Current Mode Control PWM Regulator ICs For Switching Power Supplies
STR2W152D SANKEN-STR2W152D Datasheet
188Kb / 9P
   Current Mode Control PWM Regulator ICs For Switching Power Supplies
logo
Seiko Instruments Inc
S-8333CAAA-I8T1U SII-S-8333CAAA-I8T1U Datasheet
2Mb / 44P
   PWM CONTROL SWITCHING REGULATOR CONTROLLER
logo
Semtech Corporation
SC4905A SEMTECH-SC4905A_06 Datasheet
365Kb / 24P
   High Performance Voltage Mode PWM Controller
SC4905A SEMTECH-SC4905A Datasheet
344Kb / 20P
   HIGH PERFORMANCE VOLTAGE MODE PWM CONTROLLER
SC4905A SEMTECH-SC4905A_16 Datasheet
369Kb / 24P
   High Performance Voltage Mode PWM Controller
logo
New Japan Radio
NJM2378 NJRC-NJM2378 Datasheet
294Kb / 8P
   PWM SWITCHING REGULATOR CONTROL IC FOR SLAVE TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com