Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OS5RLAZ2C1P Datasheet(PDF) 1 Page - OptoSupply International

Part # OS5RLAZ2C1P
Description  Delluxe Power Super Fllux Red LED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OS5RLAZ2C1P Datasheet(HTML) 1 Page - OptoSupply International

  OS5RLAZ2C1P Datasheet HTML 1Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
D
De
ellu
ux
xe
e P
Po
ow
we
er
r S
Su
up
pe
er
r F
Fllu
ux
x R
Re
ed
d L
LE
ED
D
OS5RLAZ2C1P
*1 Dominant wavelength Measurement allowance is +1nm
*2 Luminous Flux Measurement allowance is +15%
LED & Application Technologies
Features
Outline Dimension
High Luminous Super Flux Output
5 ø Standard Directivity
Superior Weather-resistance
UV Resistant Epoxy
Water Clear Type
Applications
Traffic Signal
Backlighting
Signal and channel letter
Other Lighting
2.
5
0.76+0.1
2
4.
95
2.
5
5.08+0.2
1.5+0.1
5.08+0.3
2
3
5.
0+
0.
2
1,4 Cathode
2,3 Anode
Unit:mm
Tolerance:+0.3mm
7.
62
1.5C
7.62
5.0
Anode Mark
Absolute Maximum Rating
(Ta=25
)
Directivity
Item
Symbol
Value
Unit
DC Forward Current
IF
70
mA
Pulse Forward Current*
IFP
120
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
182
mW
Operating Temperature
Topr
-30 ~ +85
Storage Temperature
Tstg
-40 ~ +100
Lead Soldering Temperature
Tsol
260/5sec
-
*Pulse width Max.10ms
Duty ratio max 1/10
0
0
Electrical -Optical Characteristics
(Ta=25
)
Maximum Forward DC Current
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
DC Forward Voltage
VF
IF=70mA
2.0
2.3
3.0
V
DC Reverse Current
IR
VR=5V
-
-
10
µA
Domi. Wavelength*
λ
D
IF=70mA
620
625
630
nm
Luminous Flux*
Φv
IF=70mA
9.0
10.5
-
lm
50% Power Angle
1/2
IF=70mA
-
120
-
deg
Rth(J-a)=300°C/W
Rth(J-a)=250°C/W
Rth(J-a)=200°C/W
70
50
30
20
Maximun Permissible Forward Current Tj=115°C
If(
Fo
rw
ar
d
Cu
rre
nt
-m
A
)
40
20
0
0 10
Ta(Ambient Temperature -°C)
40
60
80 90
80
60


Similar Part No. - OS5RLAZ2C1P

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OS5RLAZ161P OPTOSUPPLY-OS5RLAZ161P Datasheet
151Kb / 1P
   Delluxe Power Super Fllux Red LED
More results

Similar Description - OS5RLAZ2C1P

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OS5RLAZ161P OPTOSUPPLY-OS5RLAZ161P Datasheet
151Kb / 1P
   Delluxe Power Super Fllux Red LED
OS5RAAZ2C1P OPTOSUPPLY-OS5RAAZ2C1P Datasheet
139Kb / 1P
   Delluxe Power Super Fllux Super Red LED
OS5YAAZ2C1P OPTOSUPPLY-OS5YAAZ2C1P Datasheet
140Kb / 1P
   Delluxe Power Super Fllux Super Yellllow LED
OSR5M3Z4E1P OPTOSUPPLY-OSR5M3Z4E1P Datasheet
110Kb / 1P
   3 iin 1 Seriies Super Fllux Red LED
OSK5XLZ161G OPTOSUPPLY-OSK5XLZ161G Datasheet
90Kb / 1P
   Giiga Power Super Fllux Piink LED
OSB5XLZ161G OPTOSUPPLY-OSB5XLZ161G Datasheet
91Kb / 1P
   Giiga Power Super Fllux Bllue LED
OSK5DAZ2C1D OPTOSUPPLY-OSK5DAZ2C1D Datasheet
83Kb / 1P
   Super Fllux Piink LED
OSY5CAZ3K1D OPTOSUPPLY-OSY5CAZ3K1D Datasheet
110Kb / 1P
   Super Fllux Commerciiall Yellllow Led
OSY5CAZ161D OPTOSUPPLY-OSY5CAZ161D Datasheet
115Kb / 1P
   Super Fllux Commerciiall Yellllow LED
OSK7DLZ281P OPTOSUPPLY-OSK7DLZ281P Datasheet
122Kb / 1P
   Super Fllux Purplle Collor LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com