Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HA13563 Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # HA13563
Description  Three-Phase Brushless Motor Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA13563 Datasheet(HTML) 4 Page - Hitachi Semiconductor

  HA13563 Datasheet HTML 1Page - Hitachi Semiconductor HA13563 Datasheet HTML 2Page - Hitachi Semiconductor HA13563 Datasheet HTML 3Page - Hitachi Semiconductor HA13563 Datasheet HTML 4Page - Hitachi Semiconductor HA13563 Datasheet HTML 5Page - Hitachi Semiconductor HA13563 Datasheet HTML 6Page - Hitachi Semiconductor HA13563 Datasheet HTML 7Page - Hitachi Semiconductor HA13563 Datasheet HTML 8Page - Hitachi Semiconductor HA13563 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
HA13563/V
4
Block Diagram
9
8
71
3
5
4
2
10
12
20
21
22
19
OSC
U
V
W
Output amplifiers
V
CC
17.5 to 27.6V
C101
X'tal
9.2MHz Max
C110
R103
C109
H:
M:
L:
1/8
1/32
1/16
R
NF
23
Digital
filter
1/1024
Discriminator
PLL OUT
DIS OUT
6
D2
Speed
monitor
Integrator
±6.25%
2.8V
18
Monitor output
Constant speed:
Low (O/C)
Stuck rotor
protection
PWM
OSC
14
13
C108
FG
FG amplifier
+
+
2.1V
+
Ct2
Ct1
Current
limiter
Vref1
PWM
comparator
+
+
+
+
+
+
Hall amplifiers
15
16
Phase
switching
logic
OTSD
V
CC
LVI
Open circuit
protection
11
REG
CE
D2
select
V
CC
R101
R102
Hu
Hv
Hw
17
C1
R4
C2
PLL
Vreg
Rt
R1
R2
R3
Wave
shaping


Similar Part No. - HA13563

ManufacturerPart #DatasheetDescription
Hitachi Semiconductor
Hitachi Semiconductor
HA13561 HITACHI-HA13561 Datasheet
114Kb / 26P
   Combo (Spindle & VCM) Driver
HA13561F HITACHI-HA13561F Datasheet
114Kb / 26P
   Combo (Spindle & VCM) Driver
HA13565F HITACHI-HA13565F Datasheet
62Kb / 17P
   Three-Phase Brushless DC Motor Driver IC
HA13566AF HITACHI-HA13566AF Datasheet
83Kb / 20P
   Combo (Spindle & VCM) Driver
HA13568AT HITACHI-HA13568AT Datasheet
97Kb / 22P
   CD-ROM Combo Driver
More results

Similar Description - HA13563

ManufacturerPart #DatasheetDescription
Sanyo Semicon Device
Sanyo Semicon Device
LB1881V SANYO-LB1881V Datasheet
142Kb / 6P
   Three-Phase Brushless Motor Driver
LB1955 SANYO-LB1955 Datasheet
127Kb / 7P
   Three-Phase Brushless Motor Driver
Texas Instruments
Texas Instruments
DRV3203-Q1 TI-DRV3203-Q1_15 Datasheet
456Kb / 37P
[Old version datasheet]   Three-Phase Brushless Motor Driver
DRV3204-Q1 TI-DRV3204-Q1_15 Datasheet
460Kb / 38P
[Old version datasheet]   Three-Phase Brushless Motor Driver
Hitachi Semiconductor
Hitachi Semiconductor
HA13605A HITACHI-HA13605A Datasheet
81Kb / 18P
   Three-Phase Brushless Motor Driver
Sanyo Semicon Device
Sanyo Semicon Device
LB1695 SANYO-LB1695 Datasheet
99Kb / 7P
   Three-Phase Brushless Motor Driver
LB1870 SANYO-LB1870 Datasheet
279Kb / 10P
   Three-Phase Brushless Motor Driver
LB11923V SANYO-LB11923V_06 Datasheet
169Kb / 20P
   Three-Phase Brushless Motor Driver
ON Semiconductor
ON Semiconductor
LB11826 ONSEMI-LB11826 Datasheet
134Kb / 11P
   Three-Phase Brushless Motor Driver
May, 2013
LB11923V ONSEMI-LB11923V Datasheet
340Kb / 20P
   Three-Phase Brushless Motor Driver
September, 2013
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com