Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA13561 Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part # HA13561
Description  Combo (Spindle & VCM) Driver
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA13561 Datasheet(HTML) 5 Page - Hitachi Semiconductor

  HA13561 Datasheet HTML 1Page - Hitachi Semiconductor HA13561 Datasheet HTML 2Page - Hitachi Semiconductor HA13561 Datasheet HTML 3Page - Hitachi Semiconductor HA13561 Datasheet HTML 4Page - Hitachi Semiconductor HA13561 Datasheet HTML 5Page - Hitachi Semiconductor HA13561 Datasheet HTML 6Page - Hitachi Semiconductor HA13561 Datasheet HTML 7Page - Hitachi Semiconductor HA13561 Datasheet HTML 8Page - Hitachi Semiconductor HA13561 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
HA13561F
5
Block Diagram
VSS (+5V)
VSS
C102
B-EMF
AMP.
START-UP
CIRCUIT
CHARGE
PUMP
SOFT
SWITCHING
MATRIX
COMMUTATION
LOGIC
CURRENT
CONTROL
(D1)
1/32
SPEED DISCRI.
(CNT)
SPEED
READY
Vref1
(=4.6V)
OTSD
BOOSTER
POWER
MONITOR
POR
Delay
OPAMP.
VBST
Vss
(+5V)
LVI1
R101
R102
R104
R103
LVI2
Vps
(+12V)
DELAY
C106
GND
POR
(L:RESET)
R105 Vss(+5V)
COMP
OUT
COMPARATOR
RS
VCMN
RL
RS
R108
VCMP
D1
RETON
RETPOW
Qret
D2
C109
Vpsv
PCOMP
C110
RNF
W
V
U
U
V
W
SPINDLE
DRIVER
RETRACT
DRIVER
VCM
DRIVER
Vss
Vps
P
N
+
VBST
1
4
5
56
57
58
59
61
63
65
64
43
41
42
40
44
24
23
22
39
37 76
38
19
21
20
16
17
18
77
78
79
2
3
80
60
45
36
25
VBST
+
Vps(+12V)
Vpss
C101
CT
C103 COMM
C2
CLREF
C1
C-PUMP
R1b
R1
R1a
SPNENAB
POLSEL
CLOCK
(5MHz Typ)
CNTSEL
READY
VCTL
OPIN(–)
OPIN(+)
Vref1
NC
NC
GAIN
VCM ENAB
BC1
C104
C105
BC2
VBST
6 to 15,26 to 35
46 to 55,66 to 75
+
62
RESINH
CX
RX
C111


Similar Part No. - HA13561

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA13563 HITACHI-HA13563 Datasheet
82Kb / 18P
   Three-Phase Brushless Motor Driver
HA13563V HITACHI-HA13563V Datasheet
82Kb / 18P
   Three-Phase Brushless Motor Driver
HA13565F HITACHI-HA13565F Datasheet
62Kb / 17P
   Three-Phase Brushless DC Motor Driver IC
HA13566AF HITACHI-HA13566AF Datasheet
83Kb / 20P
   Combo (Spindle & VCM) Driver
HA13568AT HITACHI-HA13568AT Datasheet
97Kb / 22P
   CD-ROM Combo Driver
More results

Similar Description - HA13561

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA13557AFH HITACHI-HA13557AFH Datasheet
120Kb / 28P
   Combo (Spindle & VCM) Driver
HA13566AF HITACHI-HA13566AF Datasheet
83Kb / 20P
   Combo (Spindle & VCM) Driver
HA13614FH HITACHI-HA13614FH Datasheet
122Kb / 26P
   Combo (Spindle & VCM) Driver
HA13571FR HITACHI-HA13571FR Datasheet
103Kb / 22P
   Combo (Spindle & VCM) Driver for HDD
logo
NXP Semiconductors
TDA5345HT PHILIPS-TDA5345HT Datasheet
213Kb / 44P
   5 V spindle & VCM driver combo
1999 June 10
logo
List of Unclassifed Man...
LD7000 ETC-LD7000 Datasheet
29Kb / 2P
   Spindle/VCM Controller and Pre-driver
logo
STMicroelectronics
L6260 STMICROELECTRONICS-L6260 Datasheet
305Kb / 30P
   4.5 ??5.5V DISK DRIVER SPINDLE & VCM, POWER & CONTROL COMBO?셎
November 1996
L7220 STMICROELECTRONICS-L7220 Datasheet
79Kb / 4P
   Disk drive spindle and VCM motor driver
L7250 STMICROELECTRONICS-L7250 Datasheet
478Kb / 46P
   5V & 12V SPINDLE AND VCM MOTORS DRIVER
logo
ATMEL Corporation
AT78C7005 ATMEL-AT78C7005 Datasheet
135Kb / 4P
   Spindle/VCM MotorController/Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com