Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDL5531PC Datasheet(PDF) 3 Page - NEC

Part # NDL5531PC
Description  1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 30 mm InGaAs AVALANCHE PHOTO DIODE MODULE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NDL5531PC Datasheet(HTML) 3 Page - NEC

  NDL5531PC Datasheet HTML 1Page - NEC NDL5531PC Datasheet HTML 2Page - NEC NDL5531PC Datasheet HTML 3Page - NEC NDL5531PC Datasheet HTML 4Page - NEC NDL5531PC Datasheet HTML 5Page - NEC NDL5531PC Datasheet HTML 6Page - NEC NDL5531PC Datasheet HTML 7Page - NEC NDL5531PC Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
NDL5531P Series
TYPICAL CHARACTERISTICS (TC = 25
°°°°C, unless otherwise specified)
TEMPERATURE DEPENDENCE OF
RESPONSIVITY
λ = 1 300 nm
–60 –40
0
40
100
80
–10
0
10
Case Temperature TC (˚C)
–20
20
60
DARK CURRENT and PHOTO
CURRENT vs. REVERSE VOLTAGE
λ = 1 300 nm
Ipo = 1.0 A
µ
Iph
ID
0
20
40
60
100
80
10–9
10–8
10–7
10–6
10–5
10–4
10–3
Reverse Voltage VR (V)
10–10
DARK CURRENT vs.
REVERSE VOLTAGE
0
40
100
80
10–6
Reverse Voltage VR (V)
20
60
10–7
10–8
10–9
10–10
TC = 85 ˚C
TC = 25 ˚C
TC = 65 ˚C
TC = –20 ˚C
MULTIPLICATION FACTOR vs.
REVERSE VOLTAGE
0
40
100
80
103
Reverse Voltage VR (V)
20
60
102
101
100
TC = 65 ˚C
TC = 85 ˚C
TC = –20 ˚C
TC = 25 ˚C
WAVELENGTH DEPENDENCE
OF QUANTUM EFFICIENCY
100
80
60
40
20
0
0.9
1.0
1.1
1.3
1.2
1.4
1.5
1.6
1.7
Wavelength
λ ( m)
µ


Similar Part No. - NDL5531PC

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NDL5531PC CEL-NDL5531PC Datasheet
47Kb / 5P
   1000 to 1600 nm OPTICAL FIBER COMMUNICATIONS 30um InGaAs AVALANCHE PHOTO DIODE MODULE
logo
Renesas Technology Corp
NDL5531PC RENESAS-NDL5531PC Datasheet
203Kb / 10P
   PHOTO DIODE
1996
More results

Similar Description - NDL5531PC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NR8300FP-CC RENESAS-NR8300FP-CC_15 Datasheet
191Kb / 11P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS f 30 mm InGaAs AVALANCHE PHOTO DIODE MODULE
logo
NEC
NDL5551P NEC-NDL5551P Datasheet
76Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 50 mm InGaAs AVALANCHE PHOTO DIODE MODULE
NDL5421P NEC-NDL5421P Datasheet
62Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 50 mm InGaAs PIN PHOTO DIODE MODULE
NDL5461P NEC-NDL5461P Datasheet
66Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 80 mm InGaAs PIN PHOTO DIODE MODULE
NDL5471R NEC-NDL5471R Datasheet
59Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 120 mm InGaAs PIN PHOTO DIODE RECEPTACLE MODULE
logo
California Eastern Labs
NDL5531P CEL-NDL5531P_00 Datasheet
47Kb / 5P
   1000 to 1600 nm OPTICAL FIBER COMMUNICATIONS 30um InGaAs AVALANCHE PHOTO DIODE MODULE
NDL5551P CEL-NDL5551P_00 Datasheet
48Kb / 5P
   1000 to 1600 nm OPTICAL FIBER COMMUNICATIONS 50 um InGaAs AVALANCHE PHOTO DIODE MODULE
NDL5421P CEL-NDL5421P_00 Datasheet
36Kb / 5P
   1000 to 1600 nm OPTICAL FIBER COMMUNICATIONS 50um InGaAs PIN PHOTO DIODE MODULE
NDL5461P CEL-NDL5461P_00 Datasheet
37Kb / 5P
   1000 to 1600 nm OPTICAL FIBER COMMUNICATIONS 80 um InGaAs PIN PHOTO DIODE MODULE
NDL5521P CEL-NDL5521P Datasheet
33Kb / 3P
   2.5 Gb/s OPTICAL FIBER COMMUNICATIONS 50 um InGaAs AVALANCHE PHOTO DIODE MODULE WITH MMF
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com